PART |
Description |
Maker |
ODA-5WB-100K |
BLUE/GREEN ENHANCED 5 mm2 PHOTODIODE-PREAMPLIFIER
|
OptoDiode Corp
|
QUICK-WIREFOX-6-SC |
Stripping tool for short-circuit proof conductors, stripping range: 1.5 up to 6 mm2, wire cutting up to 6 mm2 cable stopper up to 18 mm2
|
PHOENIX CONTACT
|
QUICK-WIREFOX-18 |
Stripping pliers, for standard insulation such as PVC and PE, stripping range: 4 to 16 mm2, can cut wires up to 6 mm2 stranded and 4 mm2 solid
|
PHOENIX CONTACT
|
GS16S-120 GS3-0.5 GS3-1 GS3-2.5 GS3.5-0.5 GS3.5-1 |
120 mm2, WIRE TERMINAL RING TONGUE TERMINAL Non-insulated DIN 46234 1.5 mm2, WIRE TERMINAL 10 mm2, WIRE TERMINAL 16 mm2, WIRE TERMINAL
|
J S T MFG CO LTD List of Unclassifed Manufacturers List of Unclassifed Manufac... List of Unclassifed Man...
|
19198-0047 19144-0004 19147-0103 19147-0105 19198- |
SPADE AVIKRIMP (C-841-08) 5 mm2, COPPER ALLOY, FORK TERMINAL SPADE INSULKRIMP TAPED (AA-235-08XT) 0.8 mm2, COPPER ALLOY, FORK TERMINAL SPADE VERSAKRIMP (191470103) 5 mm2, COPPER ALLOY, FORK TERMINAL SPADE VERSAKRIMP (C-341-08) 5 mm2, COPPER ALLOY, FORK TERMINAL SPADE AVIKRIMP TAPED (C-841-10T) 5 mm2, COPPER ALLOY, FORK TERMINAL SPADE KRIMPTITE TAPED (AA-135-06T) 0.8 mm2, COPPER ALLOY, FORK TERMINAL CONN TONGUE SPADE #8 18-22AWG 0.8 mm2, COPPER ALLOY, FORK TERMINAL 2 mm2, COPPER ALLOY, FORK TERMINAL
|
Molex, Inc. ITT, Corp. MOLEX INC
|
R5509-72 R5509-42 |
NIR PHOTOMULTIPLIER TUBES
|
Hamamatsu Photonics HAMAMATSU[Hamamatsu Corporation]
|
AD500-9 |
Avalanche Photodiode NIR
|
List of Unclassifed Manufacturers ETC[ETC]
|
1585278 |
Contact insert, number of positions: 4 PE, size: D7, number of connections per position: 1, Pin, Push-in connection, 230/400 V, 10 A, 0.14 mm2 ... 1.5 mm2
|
PHOENIX CONTACT
|
SD445-14-21-305 |
Red Enhanced High Performance Silicon Photodiode
|
Advanced Photonix, Inc.
|
|