PART |
Description |
Maker |
DRD1070477B60Z00T DRD1270563B00B00T DRD1270563B60A |
DISC TYPE DIELECTRIC RESONATOR, 5700 MHz - 6210 MHz DISC TYPE DIELECTRIC RESONATOR, 4830 MHz - 5250 MHz DISC TYPE DIELECTRIC RESONATOR, 5250 MHz - 5700 MHz DISC TYPE DIELECTRIC RESONATOR, 7330 MHz - 7970 MHz
|
MURATA MANUFACTURING CO LTD
|
HT12A HT12E 2_12E HT12E-18DIP |
From old datasheet system 2^12 Series of Encoders IC-REMOTE CONTROL ENCODER 2^12 Series of Eecoders(2^12系列编码器(地址线:12条;地址数据线:4,用于远程控制系
|
Holtek Semiconductor In... HOLTEK[Holtek Semiconductor Inc] Holtek Semiconductor Inc.
|
HT600 HT6207 3_18E HT680 HT620720SOP HT620720DIP H |
Remote-Control Transmitter/Encoder From old datasheet system 318 Series of Encoders 3^18 Series of Eecoders For Remote Control System Applications(3^18系列编码器(地址线:9条;地址数据线:5条),用于远程控制系 3 ^ 18系列Eecoders对于远程控制系统的应用(3 ^ 18系列编码器(地址线:9地址数据线:5条),用于远程控制系统) 3^18 Series of Eecoders For Remote Control System Applications(3^18系列编码器(地址线:8条;地址数据线:4条),用于远程控制系 3 ^ 18系列Eecoders对于远程控制系统的应用(3 ^ 18系列编码器(地址线:8地址数据线:4条),用于远程控制系统)
|
Holtek Semiconductor In... HOLTEK[Holtek Semiconductor Inc] Holtek Semiconductor Inc. Holtek Semiconductor, Inc. http://
|
MG75Q1ZS50 EA08930 |
Circular Connector; Body Material:Aluminum; Series:PT01; No. of Contacts:5; Connector Shell Size:10; Connecting Termination:Solder; Circular Shell Style:Cable Receptacle; Circular Contact Gender:Pin; Insert Arrangement:10-5 N CHANNEL IGBT (HIGH POWER SWITCHING / MOTOR CONTROL APPLICATIONS) From old datasheet system N CHANNEL IGBT (HIGH POWER SWITCHING, MOTOR CONTROL APPLICATIONS)
|
Toshiba Corporation TOSHIBA[Toshiba Semiconductor]
|
IR3081 IR3081MTR IR3081M |
XPHASE VR 10.0 CONTROL IC XPHASE0.0控制IC From old datasheet system XPHASE VR 10.0 Control IC. The Control IC combined with an IR XPhase TM Phase IC provides a full featured and flexible way toimplement a complete VR 10.0 power solution.
|
International Rectifier, Corp. IRF[International Rectifier]
|
VS-70TPS12PBF |
The 70TPS.. High Voltage Series of silicon controlled rectifiers are specifically designed for high and medium power switching and phase control applications
|
Vishay Siliconix
|
25RIA160 25RIA80S90 25RIA 25RIA10 25RIA100 25RIA10 |
800V 25A Phase Control SCR in a TO-208AA (TO-48) package 1400V 40A Phase Control SCR in a TO-208AA (TO-48) package 1200V 25A Phase Control SCR in a TO-208AA (TO-48) package 1000V 25A Phase Control SCR in a TO-208AA (TO-48) package 100V 25A Phase Control SCR in a TO-208AA (TO-48) package 600V 25A Phase Control SCR in a TO-208AA (TO-48) package 400V 25A Phase Control SCR in a TO-208AA (TO-48) package 16 Characters x 2 Lines, 5x7 Dot Matrix Character and Cursor MEDIUM POWER THYRISTORS 中功率晶闸管
|
IRF[International Rectifier] International Rectifier, Corp.
|
AK2571 |
Feed-forward Automatic Power Control for laser modules Single-Chip Automatic Power/Temperature Control for WDM Laser Diodes
|
AKM Asahi Kasei Microsystems
|
B5S162862 B5S162861TTR |
20-BIT TWO PORT BUS SWITCH WITH FOUR ENABLE CONTROL AND 25W SERIES RESISTOR IN OUTPUT 20-BIT TWO PORT BUS SWITCH WITH FOUR ENABLE CONTROL AND 25 OHM SERIES RESISTOR IN OUTPUT
|
STMICROELECTRONICS[STMicroelectronics]
|
SE-17225 |
17K series(remote control)
|
NEC
|
AF002C4-39 |
GaAs IC Control FET Series DC-2.5 GHz
|
Skyworks Solutions
|
118C3AR5 AM-110C3-433 110C1-315 110C2-315 110C3-31 |
118 SERIES AM REMOTE CONTROL SYSTEMS.
|
http:// Electronic Theatre Controls, Inc. List of Unclassifed Manufacturers ETC[ETC]
|