PART |
Description |
Maker |
LV8086T |
Bi-CMOS LSI Forward/Reverse Motor Driver
|
Sanyo Semiconductors
|
LV8075LP ENA1133 |
Bi-CMOS LSI Constant-voltage Control 1-channel Forward/Reverse Motor Driver
|
Sanyo Semicon Device
|
BZY91C9V1R BZY91 BZY91C10 BZY91C10R BZY91C11 BZY91 |
Standard Recovery Rectifier; Forward Current:150A; Forward Current Avg Rectified, IF(AV):150A; Forward Surge Current Max, Ifsm:3000A; Package/Case:DO-8 (Reverse); Repetitive Reverse Voltage Max, Vrrm:1400V; Current, It av:150A RoHS Compliant: Yes Zeners/Studs 齐纳基准螺栓
|
http:// LITTELFUSE[Littelfuse] Littelfuse, Inc.
|
LV8019V |
Bi-CMOS IC Forward/Reverse Motor Driver
|
Sanyo Semicon Device
|
LV8405V |
Bi-CMOS IC 2ch Forward/Reverse Motor Driver
|
Sanyo Semicon Device
|
TC1279-5ENB TC1278 TC1278-10ENB TC1278-15ENB TC127 |
3-Pin Reset Monitors for 5V Systems 3引脚复位监控器的5V系统 Fast Recovery Power Rectifier; Repetitive Reverse Voltage Max, Vrrm:200V; Forward Current Avg Rectified, IF(AV):3A; Non Repetitive Forward Surge Current Max, Ifsm:150A; Reverse Recovery Time, trr:50ns; Forward Voltage Max, VF:1V
|
Microchip Technology, Inc. Microchip Technology Inc. MICROCHIP[Microchip Technology]
|
1N4246GP 1N4247GP 1N4248GP 1N4245 1N4245GP |
Glass Passivated Junction Rectifier, Forward Current 1.0A, Reverse Voltage 400V Glass Passivated Junction Rectifier, Forward Current 1.0A, Reverse Voltage 600V Glass Passivated Junction Rectifier, Forward Current 1.0A, Reverse Voltage 800V General Purpose Plastic Rectifier, Forward Current 1.0A, Reverse Voltage 200V Glass Passivated Junction Rectifier, Forward Current 1.0A, Reverse Voltage 200V
|
Vishay
|
LC89602 |
Audio Decoder LSI for Mini-Disk Playback(?ㄤ?寰??纾????????棰?????LSI) CMOS LSI
|
Sanyo Electric Co.,Ltd. SANYO[Sanyo Semicon Device]
|
UGF5JT UG5HT UG5JT UGB5HT UGB5JT UGF5HT |
Ultrafast Rectifiers, Forward Current 5.0A, Reverse Recovery Time 25ns, Reverse Voltage 500 to 600V From old datasheet system
|
Vishay Intertechnology,Inc. VISAY[Vishay Siliconix]
|
SL74HC123N SL74HC123D SL74HC123 HC123 |
Standard Recovery Rectifier; Repetitive Reverse Voltage Max, Vrrm:1000V; Forward Current Avg Rectified, IF(AV):2A; Non Repetitive Forward Surge Current Max, Ifsm:70A; Forward Voltage Max, VF:1.1V; Package/Case:DO-15 双Retriggerable单稳态触发器 Dual Retriggerable Monostable Multivibrator
|
System Logic Semiconductor Co., Ltd. SLS[System Logic Semiconductor]
|
LC73862 LC73861 |
CMOS LSI DTMF Receiver LSI
|
SANYO[Sanyo Semicon Device]
|