PART |
Description |
Maker |
HCD404082 HCD404084 HD404388 HD404384 HD404389 HD4 |
Low-Voltage AS Microcomputers with On-Chip A/D Converter(带片A/D转换器的低压微计算机) 低电压如同在微机芯片A / D转换器(带片上的A / D转换器的低压微计算机 Low-Voltage AS Microcomputers with On-Chip A/D Converter(带片上A/D转换器的低压微计算机) 低电压如同在微机芯片的A / D转换器(带片上的A / D转换器的低压微计算机 Low-Voltage AS Microcomputers with On-Chip A/D Converter(甯??涓?/D杞???ㄧ?浣??寰??绠??)
|
Hitachi,Ltd.
|
MAX1947 MAX1947ETA18 |
Low Input/Output Voltage Step-Up DC-DC Converter with RESET SWITCHING REGULATOR, DSO8 Low Input/Output Voltage Step-Up DC-DC Converter with RESET-bar
|
Maxim Integrated Products, Inc. MAXIM - Dallas Semiconductor
|
48D15.200A 28D15.200A 12D15.200A |
Dual/Triple Ultra-Low-Voltage SOT23 µP Supervisory Circuits DC至DC转换 Low-Voltage, Quad, Hot-Swap Controllers/Power Sequencers DC至DC转换 DC to DC Converter DC至DC转换
|
Astrodyne, Inc. 3M Company
|
24IMP12-0505-7 24IMP12-051212-7 24IMP12-05-7 24IMP |
1...12 Watt DC-DC Converters 1...12WattDC-DCConverters Test Lead Storage Rack; Color:Orange; External Width:11"; Features:Accepts Type RG-58 & RG-142 Cable Sizes; Cold Rolled Steel w/Baked Enamel Finish; 4 Mounting Holes 0.094" RoHS Compliant: NA 1 ... 12瓦特的DC - DC转换 1...12 Watt DC-DC Converters 1 ... 12瓦特的DC - DC转换 Connector Adapter; Convert From:Binding Post; Convert To:BNC Male; Contact Material:Brass; Impedance:50ohm RoHS Compliant: Yes Input voltage range:4.5-5.5V output voltage /-5V ( /-100mA) DC/DC converter Input voltage range:4.5-5.5V output voltage /-12V ( /-42mA) DC/DC converter Input voltage range:4.5-5.5V output voltage /-15V ( /-33mA) DC/DC converter Input voltage range:4.5-5.5V output voltage /-5V ( /-500mA) DC/DC converter Input voltage range:4.5-5.5V output voltage /-12V ( /-250mA) DC/DC converter Input voltage range:4.5-5.5V output voltage /-15V ( /-200mA) DC/DC converter
|
Electronic Theatre Controls, Inc. TE Connectivity, Ltd. Vishay Intertechnology, Inc. Cosmo Electronics POWER-ONE[Power-One]
|
5962-9553401HYC 5962-9553401HYA 5962-9553401HXC |
±15kV ESD-Protected, Quad, Low-Voltage, SPST Analog Switches DC-to-DC Voltage Converter 型DC - DC电压转换
|
TE Connectivity, Ltd.
|
TC7662BEOA TC7662BCOA TC7662B TC7662BCPA TC7662BEP |
The TC7662B is a pin-compatible upgrade to the Industry standard TC7660 charge pump voltage converter. It converts a 1.5V to 15V input to a corresponding – 1.5 to – 15V output using only two low-cost capacitors, eliminating i Analog IC - Datasheet Reference CHARGE PUMP DC-TO-DC VOLTAGE CONVERTER
|
Microchip Technology Inc MICROCHIP[Microchip Technology]
|
LX7001IPK LX7001CPK |
Low Voltage, 1.2 MHz, Micropower, DC-DC Step-Up Converter, Powersave Operation (light loads), shutdown battery feedthrough - TSOT23-6 185mA, 5V, DC-DC Step up Converter, SOT23 6-pin 电压检测器
|
Microsemi, Corp.
|
P4KE11 P4KE10 P4KE100 P4KE100A P4KE20 P4KE20C P4KE |
Reverse stand-off voltage: 138.00V transient voltage suppressor 16-Bit, Ultralow Glitch, Voltage Output, Digital to Analog Converter 8-MSOP -40 to 105 Low Power, Rail-to-Rail Output, 16-Bit, Serial Input Digital-to-Analog Converter 8-MSOP -40 to 105 14-Bit, Single Channel, Parallel Interface, Multiplying Digital-to-Analog Converter 28-SSOP -40 to 85 Single Output LDO, 750mA, Fixed(2.5V), Fast Transient Response, SVS 8-SOIC -40 to 125 8-bit, Quad, Digital-to-Analog Converter with I<sup>2</sup>C interface 10-MSOP -40 to 85 400W瞬态BOLTAGE抑制 400W TRANSIENT BOLTAGE SUPPRESSORS 400W瞬态BOLTAGE抑制
|
WTE[Won-Top Electronics] Won-Top Electronics Co., Ltd.
|
SS6640-27COTB SS6640-30COTB SS6640-33COTB SS6640-5 |
Low Voltage Step-Up DC/DC Converter
|
Silicon Standard Corp.
|
SC122 SC122ULTRT |
Low Voltage Synchronous Boost Converter
|
Semtech Corporation
|