PART |
Description |
Maker |
FC250R |
Power Module:dc-dc Converter; 18 Vdc to 36 Vdc Input, 28 Vdc Output; 250 W
|
Tyco Electronics
|
FC250F1 |
Power Module: dc-dc Converter; 18 Vdc to 36 Vdc Input, 3.3 Vdc Output; 165 W
|
MACOM[Tyco Electronics]
|
JFW050C JFW050C1 |
Power Module: dc-dc Converter, 36 to 75 Vdc Input, 15 Vdc Output DC-DC Converter: (36 to 75) V to (15) V
|
Tyco Electronics
|
SS26 SS26AAA SS26ABA SS26ABC SS26BAA |
SS26 (SuperSIP) DC/DC converter 5 VDC INPUT, 3.3 VDC OUTPUT DC/DC CONVERTER
|
C&D Technologies
|
MPQ24S5-50 MPQ24S5-50B MPQ24S5-50C MPQ24S5-50R |
50 W DC-DC Converter 10-36 Vdc Input 5 Vdc Output at 10 A Quarter-Brick Package
|
Wall Industries,Inc.
|
LANC243.3W12-S LANC243.3W12 |
DC/DC Converter 18-36 VDC Input 3.3 VDC Output at 3.5A
|
Wall Industries,Inc.
|
LANC482.5W12-S LANC482.5W12 |
DC/DC Converter 36-75 VDC Input 2.5 VDC Output at 3.5A
|
Wall Industries,Inc.
|
LANC122.5W12 LANC122.5W12-S LANC1225W12 LANC1225W1 |
DC/DC Converter 9-18 VDC Input 2.5 VDC Output at 3.5A
|
List of Unclassifed Manufacturers ETC Wall Industries,Inc.
|
LANC2405UW12 LANC2405UW12-S |
DC/DC Converter 9-36 VDC Input 5.1 VDC Output at 2.4A
|
Wall Industries,Inc.
|
K103K10X7RF5UH5 |
Radial Leaded Multilayer Ceramic Capacitors for General Purpose Class 1, Class 2 and Class 3, 50 VDC, 100 VDC, 200 VDC, 500 VDC
|
Vishay Siliconix
|