PART |
Description |
Maker |
MAX629 MAX629ESA MAX629C_D 1705 MAX629C/D |
From old datasheet system 28V / Low-Power / High-Voltage / Boost or Inverting DC-DC Converter 28V, Low-Power, High-Voltage, Boost or Inverting DC-DC Converter
|
Maxim Integrated Produc... MAXIM - Dallas Semiconductor Maxim Integrated Products, Inc.
|
TS1910CSRLG |
680kHz/1.2MHz High Voltage Boost Converter
|
Taiwan Semiconductor Company, Ltd Taiwan Semiconductor Co...
|
LTC3402 LTC3402EMS LINEARTECHNOLOGYCORP-LTC3402EMS |
From old datasheet system LTC3402, 2A, 3MHz Micropower Synchronous Boost Converter SMPS CONTROLLER,CURRENT-MODE,CMOS,TSSOP,10PIN,PLASTIC 3MHz, 2A Micropower Synchronous Boost Converter
|
Linear Technology Corp
|
SI9121DY-3-T1 SI9121DY-5-T1 SI9121DY-5-T1-E3 SI912 |
High-Voltage, Non-Isolated Buck-Boost Converter for ISDN Digital Phones
|
VISAY[Vishay Siliconix]
|
SI9121 |
High-Voltage Non-Isolated Buck-Boost Converter for ISDN Digital Phones High-Voltage, Non-Isolated Buck-Boost Converter for ISDN Digital Phones
|
Vishay Intertechnology,Inc. VISAY[Vishay Siliconix]
|
AM29F016B-70E4EB AM29F016B-70F4E AM29F016B-70F4EB |
16 Megabit (2 M x 8-Bit) CMOS 5.0 Volt-only, Uniform Sector Flash Memory LM3354 Regulated 90mA Buck-Boost Switched Capacitor DC/DC Converter; Package: MINI SOIC; No of Pins: 10; Qty per Container: 1000; Container: Reel CAP 82PF 100V 2% NP0(C0G) SMD-0603 TR-7 PLATED-NI/SN LM3352 Regulated 200 mA Buck-Boost Switched Capacitor DC/DC Converter; Package: TSSOP; No of Pins: 16; Qty per Container: 92; Container: Rail TOOL INSERTION PLIER METAL PT LM3354 Regulated 90mA Buck-Boost Switched Capacitor DC/DC Converter; ; Qty per Container: 1 Am29F016B KGD (Known Good Die) Supplement
|
Advanced Micro Devices, Inc.
|
LTC3400 LTC3400BES6 LTC3400ES6 LTC3400B |
600mA/ 1.2MHz Micropower Synchronous Boost Converter in ThinSOT 1.2MHz, 600mA Micropower Synchronous Boost Converter in ThinSOT SMPS Controller - Datasheet Reference From old datasheet system 600mA, 1.2MHz Micropower Synchronous Boost Converter in ThinSOT
|
Linear Technology Corp LINER[Linear Technology]
|
LTC3424 LTC3423 LTC3424EMS LTC3423EMS |
Low Output Voltage, 3MHz Micropower Synchronous Boost Converters; Package: MSOP; No of Pins: 10; Temperature Range: -40°C to 125°C 2.8 A SWITCHING REGULATOR, 3000 kHz SWITCHING FREQ-MAX, PDSO10 3MHz, 2A Low Output Voltage Micropower Synchronous Boost Converters 3MHz, 1A Low Output Voltage Micropower Synchronous Boost Converters LOW OUTPUT VOLTAGE 3MHZ MICROPOWER SYNCHRONOUS BOOST CONVERTERS
|
Linear Technology, Corp. LINEAR[Linear Integrated Systems]
|
3570 LT3570 LT3570EFE-PBF LT3570EFE-TRPBF LT3570EU |
1.5A Buck Converter, 1.5A Boost Converter and LDO Controller
|
Linear Technology
|
TVL05-1220 TVL05-1225 TVL05-1516 TVL05-1520 TYL05- |
DC/DC Converter Multiconductor Cable; Jacket Material:Polyvinylchloride (PVC); Leaded Process Compatible:Yes RoHS Compliant: Yes SERVSWITCH USER CABLE FOR PS2 STYLE 50 FT Input voltage range:4.75-6V, output voltage /-12V ( /-200mA) DC/DC converter Input voltage range:4.75-6V, output voltage /-12V ( /-250/125mA) DC/DC converter Input voltage range:4.75-6V, output voltage /-15V ( /-165mA) DC/DC converter Input voltage range:4.75-6V, output voltage /-15V ( /-200/100mA) DC/DC converter
|
TRACOPOWER[TRACO Electronic AG] TRACO ELECTRONIC AG.
|