PART |
Description |
Maker |
HDAS-16 HDAS-8 |
12-Bit, 50kHz, Complete Data Acquisition Systems
|
Murata Manufacturing Co., Ltd.
|
AD5240 AD5240KD AD5240SD ADADC84 ADADC84-10 ADADC8 |
Fast, Complete 10-Bit A/D Converters FAST, COMPLETE 12-BIT A/D CONVERTERS 2-CH 12-BIT SUCCESSIVE APPROXIMATION ADC, PARALLEL ACCESS, CDIP32 16 Characters x 2 Lines, 5x7 Dot Matrix Character and Cursor FAST/ COMPLETE 12-BIT A/D CONVERTERS Fast,Complete 12 Bit A/D Converter(快完备2位A/D转换
|
Analog Devices, Inc. AD[Analog Devices]
|
5962-89629013X 5962-8962902LX AD7569ACHIPS AD7569T |
LC2MOS Complete, 8-Bit Analog I/0 Systems LC2MOS Complete, 8-Bit Analog I/0 Systems SPECIALTY ANALOG CIRCUIT, PQCC28 LC2MOS Complete/ 8-Bit Analog I/0 Systems CMOS, Complete 8-Bit Analog I/0 Port with Single DAC Output
|
Analog Devices, Inc.
|
5962-9063201M3A 5962-9063201MLA 5962-9317901MLA AD |
LC2MOS Complete, 12-Bit, 100 kHz, Sampling ADCs 1-CH 12-BIT SUCCESSIVE APPROXIMATION ADC, SERIAL/PARALLEL ACCESS, PDIP24 LC2MOS Complete, 12-Bit, 100 kHz, Sampling ADCs 1-CH 12-BIT SUCCESSIVE APPROXIMATION ADC, SERIAL/PARALLEL ACCESS, PQCC28 CMOS, Complete 12-bit, 100kHz, Sampling ADC with ±10V Input Signal Range Complete 12-Bit, 100 kHz, Sampling ADC (AD7870/AD7870A)
|
Analog Devices, Inc.
|
LTC1401 |
Complete SO-8, 12-Bit, 200ksps ADC with Shutdown(SO-8封装2200ksps,模数转换器(带关断 Complete SO-8, 12-Bit, 200kspsADC with Shutdown
|
Linear Technology Corporation
|
ADADC71 ADADC72 ADADC72JD ADADC72AD ADADC72KD ADAD |
Complete/ High Resolution 16-Bit A/D Converters Analog-to-Digital Converter16-Bit 1-CH 16-BIT SUCCESSIVE APPROXIMATION ADC, SERIAL/PARALLEL ACCESS, CDIP32 PWM LED Driver and Boost, Flyback and SEPIC Converter; Package: DFN; No of Pins: 16; Temperature Range: -40°C to 125°C 1-CH 16-BIT SUCCESSIVE APPROXIMATION ADC, SERIAL/PARALLEL ACCESS, CDIP32 Shell Style:Straight Plug; Circular Contact Gender:Pin; Insert Arrangement:20-24 Complete, High Resolution 16-Bit A/D Converters Complete,High Resolution 16 Bit ADC(完备高分辨率16位A/D转换
|
Analog Devices, Inc. AD[Analog Devices]
|
MAX173 MAX173CNG MAX173CWG MAX173ENG MAX173EWG MAX |
Complete 5レs CMOS 10-Bit A/D Converter Complete 5s CMOS 10-Bit A/D Converter Complete 5us CMOS 10-Bit A/D Converter
|
MAXIM - Dallas Semiconductor MAXIM[Maxim Integrated Products]
|
AD558S AD558T AD558KP AD558SD AD558 AD558TD AD558J |
DACPORT Low Cost Complete uP-Compatible 8-Bit DAC DACPORT Low Cost, Complete uP-Compatible 8-Bit DAC Voltage-output 8-bit digital-to-analog converter, including output amplifier, full microprocessor interface and precision
|
AD[Analog Devices]
|
MAX1480 |
Complete / Isolated RS-485/RS-422 Data Interface
|
Maxim
|
XC3S1000-5TQG144C XC3S1500-4TQG144C XC3S1500-5TQG1 |
Spartan-3 FPGA Family: Complete Data Sheet
|
Xilinx, Inc
|
MAX1480A05 MAX1480ACPI MAX1480AEPI |
Complete, Isolated RS-485/RS-422 Data Interface
|
Maxim Integrated Products Maxim Integrated Produc...
|