PART |
Description |
Maker |
MAX673009 MAX6732UTD-T MAX6734KAD-T MAX6730 MAX673 |
3-CHANNEL POWER SUPPLY MANAGEMENT CKT, PDSO8 Single-/Dual-/Triple-Voltage μP Supervisory Circuits with Independent Watchdog Output Single-/Dual-/Triple-Voltage 渭P Supervisory Circuits with Independent Watchdog Output Single-/Dual-/Triple-Voltage 楼矛P Supervisory Circuits with Independent Watchdog Output
|
MAXIM INTEGRATED PRODUCTS INC
|
RP40-1205SE RP40-483.3SE RP40-120515TE RP40-1205DE |
40 Watt Single, Dual, Positive Dual & Triple Output 40瓦单,双,正 40 Watt Single, Dual, Positive Dual & Triple Output
|
RECOM Electronic GmbH RECOM Power Inc. RECOM[Recom International Power]
|
REC20-1215SRWB REC20-1205SRWB REC20-4815SRWB REC20 |
20 Watt 2 inch x 2 inch Single & Dual Output 20英寸× 2英寸 20 Watt 2 inch x 2 inch Single & Dual Output 202英寸× 2英寸 CAPACITOR, 47UF 16V CAPACITOR, 47UF 16V; CAPACITANCE:47UF; VOLTAGE RATING, DC:16V; CAPACITOR DIELECTRIC TYPE:ALUMINIUM ELECTROLYTIC; SERIES:YXF; TEMP, OP. MAX:105(DEGREE C); TEMP, OP. MIN:-40(DEGREE C); TOLERANCE, :20%; TOLERANCE, RoHS Compliant: Yes 20 WATT 2 INCH X 2 INCH SINGLE & DUAL OUTPUT
|
RECOM Electronic GmbH RECOM Power Inc. RECOM[Recom International Power]
|
5962-8757203IA 5962-8757203BA 5962-8757201DA |
Analog Comparator Single/Dual, Very Fast TTL Latched Output Comparators Single/Dual/Quad, Ultra-High-Speed, 3V/ 5V, Beyond-the-Rails Comparators
|
|
SA8026 SA8026DH |
ECONOLINE: RB & RA - Dual Output from a Single Input Rail- Power Sharing on Output- Industry Standard Pinout- 1kVDC & 2kVDC Isolation- Custom Solutions Available- UL94V-0 Package Material- Efficiency to 85% 2.5GHz low voltage fractional-N dual frequency synthesizer
|
NXP Semiconductors
|
RY-0515SCP RY-0512SCP RY-0505SCP RY-2415SCP RY-050 |
ELECTRICAL OUTLET CONNECTOR RoHS Compliant: Yes 1瓦特SIP7 LOCKING MALE PLUG NEMA L6-15P RoHS Compliant: Yes 1瓦特SIP7 1 Watt SIP7 Single & Dual Output 1瓦特SIP7 CAP CER 680PF 25V 0402 LOW DIST 1 Watt SIP7 Single & Dual Output
|
RECOM Electronic GmbH RECOM Power Inc. RECOM[Recom International Power]
|
REC3-123.3SRW_H4 REC3-123.3SRW_H6 REC3-123.3SRWH4 |
3 Watt DIP24 / SMD Single & Dual Output 3瓦特DIP24 /贴片 Replaced by UCC3817 : High Efficiency, High Power Factor Preregulator 16-SOIC 0 to 70 Single Output LDO, 3.0A, Fixed(5.0V), Reverse Current Protection, Thermal Shutdown 3-DDPAK/TO-263 0 to 70 BiCMOS Power Factor Preregualtor 16-TSSOP 0 to 70 Single Output LDO, 3.0A, Adj.(1.22 to 8.5V), Reverse Current Protection, Thermal Shutdown 5-DDPAK/TO-263 0 to 70 Single Output LDO, 500mA, Adj.(15 to 1.25V), Low Quiescent Current, wide Input Voltage Range 8-SOIC 0 to 70 Single Output LDO, 500mA, Fixed(5V), Low Quiescent Current, wide Input Voltage Range 8-SOIC 0 to 70 3 Watt DIP24 / SMD Single & Dual Output
|
Electronic Theatre Controls, Inc. RECOM Electronic GmbH RECOM Power Inc. RECOM[Recom International Power]
|
RJZ-3.33.3SHP RJZ-123.3S RJZ-053.3D RJZ-053.3DH RJ |
2 Watt DIP14 Single & Dual Output 2瓦特DIP14 2 Watt DIP14 Single & Dual Output
|
Recom International Pow... RECOM Electronic GmbH RECOM Power Inc. RECOM[Recom International Power]
|
RKZ-243.3S RKZ RKZ-0505D RKZ-0505S RKZ-0512D RKZ-0 |
2 Watt SIP7 Single & Dual Output 2瓦特SIP7 2 Watt SIP7 Single & Dual Output
|
RECOM Electronic GmbH RECOM[Recom International Power]
|
RTS-053.3HP RTS-053.3P RTS-093.3HP RTS-093.3P RTS- |
2 Watt SMD Single & Dual Output 2瓦特贴片 2 Watt SMD Single & Dual Output
|
Recom International Pow... RECOM Electronic GmbH RECOM Power Inc. RECOM[Recom International Power]
|