PART |
Description |
Maker |
P4KE11 P4KE10 P4KE100 P4KE100A P4KE20 P4KE20C P4KE |
Reverse stand-off voltage: 138.00V transient voltage suppressor 16-Bit, Ultralow Glitch, Voltage Output, Digital to Analog Converter 8-MSOP -40 to 105 Low Power, Rail-to-Rail Output, 16-Bit, Serial Input Digital-to-Analog Converter 8-MSOP -40 to 105 14-Bit, Single Channel, Parallel Interface, Multiplying Digital-to-Analog Converter 28-SSOP -40 to 85 Single Output LDO, 750mA, Fixed(2.5V), Fast Transient Response, SVS 8-SOIC -40 to 125 8-bit, Quad, Digital-to-Analog Converter with I<sup>2</sup>C interface 10-MSOP -40 to 85 400W瞬态BOLTAGE抑制 400W TRANSIENT BOLTAGE SUPPRESSORS 400W瞬态BOLTAGE抑制
|
WTE[Won-Top Electronics] Won-Top Electronics Co., Ltd.
|
PP6-48-12 PP6-48-15 PP6-48-5 PPD6-5-1212 PP6-5-12 |
Single, Dual output DC-DC converter 1.5W ~ 25W Single output DC-DC converter 1.5W ~ 25W Single, Dual output DC-DC converter 1.5W - 25W Single / Dual output DC-DC converter 1.5W ~ 25W Single Dual output DC-DC converter 1.5W ~ 25W Circular Connector; No. of Contacts:26; Series:; Body Material:Aluminum; Connecting Termination:Solder; Connector Shell Size:16; Circular Contact Gender:Socket; Circular Shell Style:Straight Plug; Insert Arrangement:16-26 KPSE 19C 19#20 PIN RECP Circular Connector; No. of Contacts:8; Series:; Body Material:Aluminum; Connecting Termination:Solder; Connector Shell Size:16; Circular Contact Gender:Pin; Circular Shell Style:Straight Plug; Insert Arrangement:16-8 KPT/KPSE SERIES LED Panel Indicator; LED Color:Red; Luminous Intensity:1500foot lambert; Forward Current:81mA; Forward Voltage:12V; Operating Temperature Range:-25 C to 85 C; Color:Red; Leaded Process Compatible:No RoHS Compliant: No LED Panel Indicator; LED Color:Red; Luminous Intensity:900foot lambert; Forward Current:8.5mA; Forward Voltage:125V; Operating Temperature Range:-25 C to 85 C; Color:Red; Leaded Process Compatible:No RoHS Compliant: No Single, Dual output DC-DC converter 1.5W ~ 25W 单,双输出DC - DC转换1.5W25 Single, Dual output DC-DC converter 1.5W ~ 25W 单,双输出DC - DC转换.5W25 Single output DC-DC converter 1.5W ~ 25W 单输出DC - DC转换1.5W25 Single, Dual output DC-DC converter 1.5W ~ 25W 单,双输DC - DC转换1.5W25 ; LED Color:Green; Forward Voltage:24V 单,双输出DC - DC转换1.5W25
|
LAMBDA[DENSEI-LAMBDA] HIROSE ELECTRIC Co., Ltd. Ecliptek, Corp. Analog Devices, Inc. Glenair, Inc. Cardinal Components, Inc. PEAK electronics GmbH TE Connectivity, Ltd. Yageo, Corp. Microsemi, Corp. NXP Semiconductors N.V.
|
RA-XX3.3D RA-XX3.3S RA-XX1.8D RA-XX1.8S RA-XX09D R |
1W DC/DC converter with 1.8V input, -12/ -42mA output, 2kV isolation RA Series 1 Watt DIP14 (Single & Dual Output)
|
RECOM[Recom International Power]
|
FEC40 FEC40-24T0512 FEC40-48D3305 FEC40-12S05 FEC4 |
OFFER SINGLE,DUAL,DUAL POSITIVE(TOTAL OUTPUT CURRENT 8A)AND TRIPLE OUTPUT 40 WATT DC/DC CONVERTER SINGLE, DUAL & TRIPLE OUTPUTS
|
List of Unclassifed Manufacturers Volgen Kaga Electronics Inc.
|
PH300F280- PH300F280-15 PH300F280-12 PH300F280 PH3 |
Single output DC-DC converter 50W ~ 300W Single output DC-DC converter 50W ~ 300W 单输出DC - DC转换0300W
|
LAMBDA[DENSEI-LAMBDA] ITT, Corp.
|
5962-04238 5962-04239 5962-04240 5962-04241 5962-0 |
10W Total Output Power 28 Vin 3.3 Vout Single DC-DC Radiation Hardened Converter in a S Package. DLA Number 5962-04238 10W Total Output Power 28 Vin 5 Vout Single DC-DC Radiation Hardened Converter in a S Package. DLA Number 5962-04239 10W Total Output Power 28 Vin 12 Vout Single DC-DC Radiation Hardened Converter in a S Package. DLA Number 5962-04240 10W Total Output Power 28 Vin 15 Vout Single DC-DC Radiation Hardened Converter in a S Package. DLA Number 5962-04241 10W Total Output Power 28 Vin /-5 Vout Dual DC-DC Radiation Hardened Converter in a S Package. DLA Number 5962-04242 10W Total Output Power 28 Vin /-12 Vout Dual DC-DC Radiation Hardened Converter in a S Package. DLA Number 5962-04243 10W Total Output Power 28 Vin /-15 Vout Dual DC-DC Radiation Hardened Converter in a S Package. DLA Number 5962-04244
|
International Rectifier
|
PPM05-A-05ELF |
5 - 25 W AC/DC CONVERTER SINGLE OUTPUT
|
PEAK electronics GmbH
|
WRB0503T-2W WRB2403T-3W WRB4805T-3W WRB1209T-3W WR |
3W SINGLE OUTPUT DC/DC CONVERTER
|
MORNSUN Science& Technology Ltd.
|
VRB1205D-40W VRB2403D-40W VRB2405D-40W VRB2412D-40 |
SINGLE OUTPUT DC-DC CONVERTER
|
MORNSUN Science& Technology Ltd.
|