PART |
Description |
Maker |
DS1394U-33 DS1394U-33TR |
Low-Voltage SPI/3-Wire RTCs with Trickle Charger
|
MAXIM - Dallas Semiconductor
|
DS1390 DS1392 |
(DS1390 - DS1393) Low-Voltage SPI/3-Wire RTCs
|
Maxim Integrated Products
|
5962-8861006YA 5962-8861009UA 5962-8861007UA 5962- |
Low-Voltage SPI/3-Wire RTCs with Trickle Charger I2C RTC/Supervisor with Trickle Charger and 512 Bytes EEPROM I2C, 32-Bit Binary Counter Watchdog RTC with Trickle Charger and Reset Input/Output I<sup>2</sup>C, 32-Bit Binary Counter Watchdog RTC with Trickle Charger and Reset Input/Output x16双端口SRAM x16 Dual-Port SRAM x16双端口SRAM
|
3M Company Rochester Electronics, LLC Glenair, Inc.
|
SST25VF512A SST25VF512A-33-4C-SAE SST25VF512A-33-4 |
512 Kbit SPI Serial Flash From old datasheet system SST’s serial flash family features a four-wire, SPI-compatible interface that allows for a low pin-c
|
SST[Silicon Storage Technology, Inc] Silicon Storage Technology, Inc.
|
M41ST95YMX6TR M41ST95W M41ST95WMH6 M41ST95WMH6E M4 |
MMJ IN-LINE COUPLER F/F CROSSP 5.0.0V12位(64位8)串行时钟(SPI)的静态存储器和NVRAM MOD CONN, RJ-11, 4 WIRE CLUSTER BAR, RJ-11 W/ (8) 6-WI 5.0 or 3.0V, 512 bit (64 bit X 8) Serial RTC (SPI) SRAM and NVRAM Supervisor
|
STMicroelectronics N.V. 意法半导 STMICROELECTRONICS[STMicroelectronics]
|
M95320-VBN1T M95640-VBN1T M95640-VBN3T M95640-VBN5 |
16Kbit and 8Kbit Serial SPI Bus EEPROM With High Speed Clock RECTIFIER SBR DUAL 40A 100V 300A-ifsm 830mV-vf 0.5mA-ir TO-220AB 50/TUBE Low voltage PLL stereo decoder Octal Transparent D-Type Latches With 3-State Outputs 20-TSSOP -40 to 85 GreenChip SMPS controller IC RECTIFIER SBR DUAL 40A 100V 300A-ifsm 830mV-vf 0.5mA-ir TO-247 50/TUBE TV sound AM-demodulator and audio source switch 64/32/16/8 Kbit Serial SPI Bus EEPROM With High Speed Clock 64/32/16/8千位串行SPI总线的EEPROM高速时 64Kbit and 32Kbit Serial SPI Bus EEPROM With High Speed Clock 64Kbit32Kbit SPI总线串行EEPROM的高速时 64Kbit and 32Kbit Serial SPI Bus EEPROM With High Speed Clock 64Kbit2Kbit SPI总线串行EEPROM的高速时 Low-Voltage Adjustable Precision Shunt Regulator 3-SOT-89 -40 to 85 64/32/16/8千位串行SPI总线的EEPROM高速时 Mains LED driver IC's 64/32/16/8千位串行SPI总线的EEPROM高速时 I2C-bus controlled economic BTSC stereo decoder and audio processor 64Kbit2Kbit SPI总线串行EEPROM的高速时 64 x 36 x 2 bidirectional synchronous FIFO memory 132-BQFP 0 to 70 64/32/16/8千位串行SPI总线的EEPROM高速时 Low-Voltage Adjustable Precision Shunt Regulator 3-SOT-23 -40 to 85 4K X 8 SPI BUS SERIAL EEPROM, PDSO14
|
ST Microelectronics 意法半导 STMicroelectronics N.V.
|
M25P80-V M25P80 M25P80-VMN6T |
8 Mbit/ Low Voltage/ Serial Flash Memory With 25 MHz SPI Bus Interface 8 MBIT, LOW VOLTAGE, SERIAL FLASH MEMORY WITH 25 MHZ SPI BUS INTERFACE 8 MBIT, LOW VOLTAGE, SERIAL FLASH MEMORY WITH 25 MHZ SPI BUS INTERFACE
|
ST Microelectronics STMicroelectronics
|
A25L16PUN-UF A25L16PUQ-F A25L16PUQ-UF A2505PN-F A2 |
16 Mbit, Low Voltage, Serial Flash Memory With 85MHz SPI Bus Interface
|
AMIC Technology
|
M25P80-VMW3P M25P80-VMW3TG M25P80-VMW3TP M25P80-VM |
8 Mbit, low voltage, serial Flash memory with 75 MHz SPI bus interface
|
Numonyx B.V http://
|
A25L16P07 A2540PM-F A2505PM-F A25L16PTM-F A25L16PT |
16 Mbit, Low Voltage, Serial Flash Memory With 85MHz SPI Bus Interface
|
AMIC Technology
|
M25P40-VMN M25P40-V M25P40-VMN6T M25P40-VMW6T |
4 Mbit/ Low Voltage/ Serial Flash Memory With 25 MHz SPI Bus Interface 4 Mbit Low Voltage Serial Flash Memory With 25 MHz SPI Bus Interface 4 Mbit, Low Voltage, Serial Flash Memory With 25 MHz SPI Bus Interface
|
ST Microelectronics STMICROELECTRONICS[STMicroelectronics]
|