PART |
Description |
Maker |
BWR-12/125-D12 BWR-12/125-D48 BWR-5/250-D48 BWR-15 |
Rad-hard hex buffer/converter Rad-hard triple 3-input NOR gate Rad-hard quad D-type flip flop with clear Rad-hard 4 bit synchronous up/down counters 型DC - DC电压转换
|
Ohmite Mfg. Co.
|
RHFAC151K01V RHFAC151K02V RHFAC157K01V RHFAC157K02 |
Rad-Hard 8-Channel Multiplexer Rad-Hard Quad 2-Channel Multiplexer Rad-Hard Hex Inverter Rad-Hard Quad 2-Input NOR Gate Rad-Hard Quad 2-Input NAND Gate Rad-Hard Triple 3-Input NAND Gate Rad-Hard Quad 2-Input AND Gate Rad-hard hex Schmitt inverter low power Rad-Hard Quad 2-Input OR Gate Rad-Hard Hex D-Type Flip-Flop With Clear Rad-Hard Octal D-Type Flip-Flop With Clear Rad-Hard Octal D-Type Latch 3-state Rad-Hard Quad exclusive OR Rad-Hard Octal Bus Buffer 3-state Rad-Hard 16-bit D-Type Latch 3-state
|
ST Microelectronics
|
HS-22620RH HS0-22620RH-Q HS9-22620RH HS9-22620RH/P |
Rad Hard Dual/ Wideband/ High Input Impedance Uncompensated Operational Amplifier Rad Hard Dual, Wideband, High Input Impedance Uncompensated Operational
Amplifier(抗辐射宽带、高非补偿输入阻抗运算放大器) Rad Hard Dual, Wideband, High Input Impedance Uncompensated Operational Amplifier DUAL OP-AMP, 6000 uV OFFSET-MAX, 100 MHz BAND WIDTH, UUC18
|
Intersil Corporation Intersil, Corp.
|
PE9701 PE9701EK PE9701ES 9701-11 9701-00 9701-01 |
3000 MHz UltraCMOSInteger-N PLL Rad Hard for Space Applications 3000 MHz UltraCMOS Integer-N PLL Rad Hard for Space Applications 3000 MHz UltraCMOS⑩ Integer-N PLL Rad Hard for Space Applications
|
PEREGRINE[Peregrine Semiconductor Corp.]
|
UT7C139C45GCA UT7C139C45GCX UT7C139C55GCX UT7C138C |
SRAM|4KX9|CMOS| RAD HARD|PGA|68PIN|CERAMIC 静态存储器| 4KX9 |的CMOS | RAD数据通信硬|美巡赛| 68PIN |陶瓷 SRAM|4KX8|CMOS| RAD HARD|PGA|68PIN|CERAMIC
|
Cypress Semiconductor Corp.
|
JANSR2N7411 FN4493 |
2.5A/ -100V/ 1.30 Ohm/ Rad Hard/ P-Channel Power MOSFET 2.5A, -100V, 1.30 Ohm, Rad Hard, P-Channel Power MOSFET From old datasheet system
|
INTERSIL[Intersil Corporation]
|
FRL9230D FRL9230R FRL9230H FN3245 |
From old datasheet system 3A, -200V, 1.30 Ohm, Rad Hard, P-Channel Power MOSFETs 3A/ -200V/ 1.30 Ohm/ Rad Hard/ P-Channel Power MOSFETs
|
INTERSIL[Intersil Corporation]
|
PE9313-EK 9313-00 9313-01 9313-11 PE9313 |
1500 MHz Low Power UltraCMOS Divide-by-8 Prescaler Rad hard for Space Applications 1500 MHz Low Power UltraCMOS?/a> Divide-by-8 Prescaler Rad hard for Space Applications 1500 MHz Low Power UltraCMOSDivide-by-8 Prescaler Rad hard for Space Applications 1500 MHz Low Power UltraCMOS⑩ Divide-by-8 Prescaler Rad hard for Space Applications
|
PEREGRINE[Peregrine Semiconductor Corp.]
|
FRS440R FRS440D FRS440H |
5A, 500V, 1.420 Ohm, Rad Hard,N-Channel Power MOSFETs(5A, 500V, 1.420Ω,抗辐射N沟道功率MOS场效应管) 5A, 500V, 1.420 Ohm, Rad Hard, N-Channel Power MOSFETs 5A/ 500V/ 1.420 Ohm/ Rad Hard/ N-Channel Power MOSFETs
|
INTERSIL[Intersil Corporation]
|
HS-0547RH HS-0546RH HS-546RH HS-547RH |
Radiation Hardened Single 16/Differential 8 Channel CMOS Analog Multiplexers with Active Overvoltage Protection Analog Multiplexer, Differential 8-Channel, CMOS, Over Voltage Protection, Rad-Hard Analog Multiplexer, Single 16-Channel, CMOS, Over Voltage Protection, Rad-Hard Analog Multiplexers, Single 16 Channel CMOS, Active Overvoltage Protection, Rad-Hard Analog Multiplexers, Differential 8 Channel CMOS, Active Overvoltage Protection, Rad-Hard
|
Intersil
|