PART |
Description |
Maker |
AT49BV640S AT49BV640ST |
64-megabit (4M x 16) Secure 3-volt Only Memory
|
ATMEL Corporation
|
AT52BR1674T-85CI AT52BR1672 AT52BR1672-85CI AT52BR |
From old datasheet system 16-megabit Flash and 2-megabit/ 4-megabit SRAM Stack Memory
|
ATMEL[ATMEL Corporation]
|
AT52BR3228A AT52BR3224A AT52BR3228AT-70CI AT52BR32 |
32-megabit Flash 4-megabit/ 8-megabit SRAM Stack Memory 32兆位闪存4兆位/ 8兆位的SRAM堆栈内存
|
Atmel Corp. Atmel, Corp.
|
AT90SC19264RC |
AT90SC19264RC Summary [Updated 8/02. 2 Pages] This document gives the key features. a brief description and a block diagram. The Complete is available under Non-Disclosure Agreement. AT90SC19264RC摘要[更新8日2页]本文件提供的主要特点。简短说明和框图。完整的可根据保密协议 SECURE MICROCONTROLLER FOR SMART CARDS Low-power, high-performance, 8-/16-bit secure microcontroller with 192K Byte ROM and 64K Byte EEPROM.
|
Cypress Semiconductor Corp. ATMEL[ATMEL Corporation]
|
S29GL01GP S29GL-P12 S29GL01GP11TFIR20 S29GL256P90T |
1 Gigabit, 512 Megabit, 256 Megabit and 128 Megabit 3.0 Volt-only Page Mode Flash Memory featuring 90 nm MirrorBit Process Technology MirrorBit? Flash Family MirrorBit? Flash Family
|
SPANSION
|
S29CD016G0JQFA212 S29CD032G0MFAA102 S29CD016G0MQAI |
32 Megabit (1M x 32-Bit), 16 Megabit (512K x 32-Bit) 2.5 Volt-only Burst Mode, Dual Boot, Simultaneous Read/ Write Flash Memory with VersatileI/O
|
SPANSION
|
AM75DL9608HGT75IT AM75DL9608HG AM75DL9608HGB70IS A |
64 Megabit (4 M x 16-Bit) and 32 Megabit (2 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Operation Flash Memories, and
|
SPANSION[SPANSION]
|
AM27C2048 AM27C2048-120DC AM27C2048-120DC5 AM27C20 |
2 Megabit (128 K x 16-Bit) CMOS EPROM 128K X 16 OTPROM, 120 ns, PQCC44 2 Megabit (128 K x 16-Bit) CMOS EPROM 2兆位28亩16位)的CMOS存储 2 Megabit (128 K x 16-Bit) CMOS EPROM 2兆位28亩16位)CMOS存储 TESTER FLAT CABLE 2兆位28亩16位)的CMOS存储 2 Megabit (128 K x 16-Bit) CMOS EPROM 128K X 16 UVPROM, 55 ns, CDIP40 4-Bit Binary Full Adders With Fast Carry 16-SO 0 to 70 2兆位128亩16位)的CMOS存储 TESTER MODULAR CABLE RJ45/12/11 4-Bit Binary Full Adders With Fast Carry 16-SOIC 0 to 70 Evaluation Kit for the MAX3869 2 megabit CMOS EPROM
|
SPANSION LLC Advanced Micro Devices, Inc. AMD[Advanced Micro Devices]
|
S29GL064N90DFI040 S29GL064N90BFI033 S29GL032N90TFI |
4M X 16 FLASH 3V PROM, 90 ns, PBGA64 9 X 9 MM, LEAD FREE, FBGA-64 4M X 16 FLASH 3V PROM, 90 ns, PBGA48 64 Megabit, 32 Megabit 3.0-Volt only Page Mode Flash Memory Featuring 110 nm MirrorBit Process Technology
|
Spansion, Inc. SPANSION LLC
|
X76F400S8I-2.5 X76F400 X76F400WI X76F400XAE X76F40 |
Secure SerialFlash
|
IC MICROSYSTEMS ETC[ETC]
|
X76F101SIG-3.0 X76F101PIG-3.0 X76F101MIG-3.0 X76F1 |
Secure SerialFlash
|
IC MICROSYSTEMS
|