PART |
Description |
Maker |
IRF100 IRF400 IRF250 IRF150 IRF200 IRN50S IRN100 I |
GT 3C 3#16S PIN PLUG 50W to 500W High Power Wire Wound Resistirs Flat Shaped Aluminum Housed (IRF150 - IRF500) 50W to 500W HIGH POWER WIRE WOUND RESISTORS FLAT SHAPED ALUMINUM HOUSED
|
Nikkohm Electronic Theatre Controls, Inc. List of Unclassifed Manufacturers N.A. ETC[ETC]
|
SQT5W0R1J SQT5W100KJ SQT5W100RJ SQT5W1KJ SQM5W0R1J |
SQ Ceramic Housed Cement Resistors
|
Token Electronics Industry Co., Ltd.
|
WH100 WH512 WH300 |
Aluminium Housed Wirewound Resistors
|
Welwyn Components Limited Welwyn Components Limit...
|
HEDR-5420-ES201 HEDR-5420-ES202 HEDR-5420-ES203 HE |
Mid-Sized Housed Encoder 中型壳编码器 HEDR-5421-EP111 · Mid-Sized Housed Encoder HEDR-5420-ES214 · Mid-Sized Housed Encoder HEDR-5420-ES211 · Mid-Sized Housed Encoder HEDR-5420-ES203 · Mid-Sized Housed Encoder HEDR-5420-ES202 · Mid-Sized Housed Encoder HEDR-5420-ES201 · Mid-Sized Housed Encoder
|
Avago Technologies, Ltd. Agilent (Hewlett-Packard)
|
HEDS-6500-A05 HEDS-6500-A10 HEDS-6500-A11 HEDS-650 |
HEDS-6510#005 · Large Diameter (56mm), Housed Two and Three Channel Optical Encoders HEDS-6505#B05 · Large Diameter (56mm), Housed Two and Three Channel Optical Encoders HEDS-6500#A05 · Large Diameter (56mm), Housed Two and Three Channel Optical Encoders HEDM-6500#T05 · Large Diameter (56mm), Housed Two and Three Channel Optical Encoders HEDM-6505#T05 · Large Diameter (56mm), Housed Two and Three Channel Optical Encoders HEDL-6545#B09 · Large Diameter (56mm), Housed Two and Three Channel Optical Encoders HEDL-6540#B11 · Large Diameter (56mm), Housed Two and Three Channel Optical Encoders HEDM-6540#T11 · Large Diameter (56mm), Housed Two and Three Channel Optical Encoders Large Diameter (56 mm), Housed Two and Three Channel Optical Enco
|
Agilent (Hewlett-Packard) HP[Agilent(Hewlett-Packard)]
|
HSC20040RJ HSC75220RJ HSC7550KK HSC7510RJ HSC7513R |
Power Resistor Type HS Series Aluminium Housed Power Resistors
|
Tyco Electronics TE Connectivity Ltd
|
TWM5JR05E TWM10JR05E TWM3J150 TWM3J100 TWM3J1K0 TW |
Ceramic Housed Radial Terminal Power
|
Ohmite Mfg. Co.
|
HEDS-65XX HEDL-6540 HEDL-6545 HEDL-65XX HEDM-65XX |
Large Diameter (56 mm), Housed Two and Three Channel Optical Encoders
|
HP[Agilent(Hewlett-Packard)]
|
CJS161000DB CJS161000DM CJS161000FB CJS161000FM CJ |
THICK FILM RESISTORS - Gold Terminal, Anti-Sulfuration SMD Resistors
|
American Accurate Components, Inc. American Accurate Component... American Accurate Compo...
|
81DA472M035JA2D 81DA561M250MB2D 81DA103M035KB2D 81 |
Aluminum Capacitors 105 C/ Snap-in Aluminum Capacitors 105 C Snap-in Aluminum Capacitors 105 ∑C, Snap-in Aluminum Capacitors 105 隆?C, Snap-in Aluminum Capacitors 105 掳C, Snap-in Aluminum Capacitors 105 °C, Snap-in Linear Voltage Regulators for Automotive Applications; Package: PG-SCT595-5; Regulator Type: tracker; Output Voltage: adj.; Accuracy: 0.5 %; Max. Output Current: 50mA; Dropout Voltage: 300mV 铝电容器105ΣC,管理单
|
VISAY[Vishay Siliconix] Vishay Intertechnology,Inc. Vishay Intertechnology, Inc.
|
MAAL-010528-001SMB MAAL-010528-TR0500 |
The MAAL-010528 is a high performance X-band GaAs LNA, housed in a miniature, lead-free 3 mm PQFN surface mount plastic package.
|
M/A-COM Technology Solutions, Inc.
|