PART |
Description |
Maker |
310-025109-021 |
Filtered Low Noise Amplier
|
Spectrum Microwave, Inc.
|
310-025107-022 |
Filtered Low Noise Amplier
|
Spectrum Microwave, Inc.
|
310-024107-021 024107-021 |
Filtered Low Noise Amplier
|
API Technologies Corp Spectrum Microwave, Inc.
|
AT24C64A-14 |
Schmitt Trigger, Filtered Inputs for Noise Suppression
|
ATMEL Corporation
|
AT24C01A 24C04 |
Standard-voltage Operation Schmitt Trigger, Filtered Inputs for Noise Suppression
|
ATMEL Corporation
|
HE574 |
Medium Power Amplier
|
BOWEI Integrated Circuits CO.,LTD.
|
TC7652CPD TC7652 TC7652CPA |
Low Noise/ Chopper Stabilized Operational Amplifier Low Noise, Chopper Stabilized Operational Amplifier The TC7652 is a lower noise version of the TC7650, sacrificing some input specifications (bias current and bandwidth)to achieve a 10x reduction in noise.All the other benefits of the chopper technique are present,i.e.freedom from offset ad
|
MICROCHIP[Microchip Technology]
|
ISL210070712 ISL21007 ISL21007BFB812Z ISL21007BFB8 |
Precision, Low Noise FGA?Voltage References Precision, Low Noise FGA?⒅oltage References Precision, Low Noise FGA⑩Voltage References Precision, Low Noise FGA™ Voltage References; Temperature Range: Full-Range Ind; Package: 8-SOIC T&R 1-OUTPUT THREE TERM VOLTAGE REFERENCE, 1.25 V, PDSO8
|
Intersil Corporation Intersil, Corp.
|
1763FS LT1763-2.5 LT1763-1.5 LT1763-1.8 LT1763-3.3 |
500mA, Low Noise, LDO Micropower Regulators(2.5V杈??锛?000mA,浣??澹帮?浣??宸?ǔ???) 500mA, Low Noise, LDO Micropower Regulators(1.5V杈??锛?000mA,浣??澹帮?浣??宸?ǔ???) 500mA, Low Noise, LDO Micropower Regulators(3V杈??锛?000mA,浣??澹帮?浣??宸?ǔ???) 500mA, Low Noise, LDO Micropower Regulators(2.5V输出000mA,低噪声,低压差稳压器) 500mA的,低噪声,LDO的微功耗稳压器2.5V的输出,五零零零毫安,低噪声,低压差稳压器) 500mA, Low Noise, LDO Micropower Regulators(3V输出000mA,低噪声,低压差稳压器) 500mA, Low Noise, LDO Micropower Regulators(3.3V输出000mA,低噪声,低压差稳压器) 500mA, Low Noise, LDO Micropower Regulators(1.8V输出000mA,低噪声,低压差稳压器) 500mA, Low Noise, LDO Micropower Regulators(1.5V输出5000mA,低噪声,低压差稳压器) From old datasheet system
|
Linear Technology, Corp. Linear Technology Corporation
|
ADN2820 ADN2820ACHIPS ADN2820S21 |
10.7 Gbps, 3.3V, Low Noise, TIA with Average Power Moniter 10.7 Gbps的,3.3,低噪声,与平均功率监视器行业协 10.7 Gbps, 3.3V, Low Noise, TIA with Average Power Moniter SPECIALTY TELECOM CIRCUIT, UUC14 10.7 Gbps Low Noise, High Gain Transimpedance Amplifier IC with Performance Monitor
|
Analog Devices, Inc. Avago Technologies, Ltd. AD[Analog Devices]
|
MMBT5088LT1 MMBT5089LT1 MMBT5088L MMBT5088LT1-D MM |
Low Noise Transistors NPN Silicon Small Signal Low Noise
|
ONSEMI[ON Semiconductor]
|
HZU3CLL HZU-LL |
Silicon Epitaxial Planar Zener Diode for Hard Knee Low Noise Low Current Operation at 250??A???Low Reverse Leakage,Low Noise Zener Diode(250??A?・¥?????μ?μ?????°????????????μ?μ?????????a?£°???é???o3?o???????)
|
Renesas Electronics Corporation.
|