PART |
Description |
Maker |
MJE1300906 MJE13009G MJE13009 |
SWITCHMODE Series NPN Silicon Power Transistors(开关模式系列NPN硅功率晶体管) 12 A, 400 V, NPN, Si, POWER TRANSISTOR, TO-220AB 12 AMPERE NPN SILICON POWER TRANSISTOR 400 VOLTS − 100 WATTS
|
ONSEMI[ON Semiconductor]
|
BD135 BD139 ON0184 BD137 |
Plastic Medium Power Silicon NPN Transistor 1.5 A, 45 V, NPN, Si, POWER TRANSISTOR, TO-225AA POWER TRANSISTORS NPN SILICON CASE 77-09 TO-225AA TYPE From old datasheet system
|
Motorola Mobility Holdings, Inc. ON Semiconductor MOTOROLA[Motorola Inc] MOTOROLA[Motorola, Inc]
|
BUW49 BUW48 4206 |
HIGH CURRENT NPN SILICON TRANSISTORS HIGH POWER NPN SILICON TRANSISTORS From old datasheet system
|
ST Microelectronics STMicroelectronics
|
2SC4414 |
NPN Epitaxial Planar Silicon Transistors Low-Frequency Power Amplifier Applications PNP/NPN Epitaxial Planar Silicon Transistors
|
Sanyo
|
BUX48A BUV48A BUV48AFI BUX48 |
HIGH POWER NPN SILICON TRANSISTORS RP Series - Econoline Unregulated DC-DC Converters; Input Voltage (Vdc): 24V; Output Voltage (Vdc): 24V; Power: 1W; Pot-Core Transformer - separated HIGH POWER NPN SILICON TRANSISTORS
|
意法半导 STMICROELECTRONICS[STMicroelectronics] ST Microelectronics
|
2SB1121 2SD1621 2SD1621U 2SB1121R |
NPN Epitaxial Planar Silicon Transistors High-Current Driver Applications PNP/NPN Epitaxial Planar Silicon Transistors Low-Power, Single/Dual-Level Battery Monitors with Hysteresis 5-Pin µP Supervisory Circuits with Watchdog and Manual Reset 5个引amp;#181;带看门狗和手动复位的P监控电路
|
Sanyo Hitachi,Ltd.
|
2N5682 2N5681 2N5681SMD |
100V Vce, 1A Ic, 30MHz NPN bipolar transistor NPN SILICON TRANSISTORS Expitaxial Planar NPN Transistors In jedec TO-39 Metal Case(大功率、外延平面NPN晶体管(TO-39金属封装,用于通用、放大器、开关电路))
|
SEME-LAB[Seme LAB] Semelab(Magnatec)
|
MJE2955T |
Silicon NPN Power Transistors Silicon PNP Power Transistors MJE2955T Silicon PNP Power Transistors MJE2955T
|
Savantic, Inc.
|
2SC2371 |
NPN Silicon Power Transistors 0.1 A, 300 V, NPN, Si, POWER TRANSISTOR, TO-126
|
Micro Commercial Components, Corp.
|
2SD794 2SD794A 2SD794A-AZ |
3000 mA, 60 V, NPN, Si, SMALL SIGNAL TRANSISTOR NPN SILICON POWER TRANSISTORS
|
NEC[NEC]
|
MJ2500 MJ2501 |
Silicon PNP Power Transistors Silicon NPN Power Transistors
|
Savantic, Inc.
|