PART |
Description |
Maker |
MJE2955T03 MJE34003 MJE52103 MJE585203 MJE80203 MR |
COMPLEMENTARY SILICON POWER TRANSISTORS COMPLEMETARY SILICON POWER TRANSISTORS SILICON NPN TRANSISTOR HIGH VOLTAGE PNP POWER TRANSISTOR SILICON NPN POWER DARLINGTON TRANSISTOR RF Power Field Effect Transistors 880 MHz, 40 W AVG. 26 V SINGLE N-CDMA N-Channel Enhancement-Mode Lateral MOSFETs RF LDMOS Wideband Integrated Power Amplifiers GENERAL PURPOSE L TO X-BAND GaAs MESFET 10 A, 60 V, PNP, Si, POWER TRANSISTOR, TO-220AB
|
FREESCALE NEC STMICROELECTRONICS[STMicroelectronics]
|
BFP25 BFP22 Q62702-F721 Q62702-F621 Q62702-F201 Q6 |
NPN Silicon Transistor with high Reve... From old datasheet system NPN Silicon Transistors with High Reverse Voltage Isolation- UL94V-0 Package Material- Power Sharing on Output- Efficiency to 84% NPN Silicon RF Transisrors NPN Silicon Transistors (High breakdown voltage l Low collector-emitter saturation voltage) NPN硅晶体管(高耐压l低集电极发射极饱和电压)
|
SIEMENS[Siemens Semiconductor Group] Infineon SIEMENS AG
|
MJ10016 ON1971 MJ10015 |
NPN SILICON POWER DARLINGTON TRANSISTORS 50 AMPERE NPN SILICON POWER DARLINGTON TRANSISTORS 400 AND 500 VOLTS 250 WATTS From old datasheet system
|
MOTOROLA[Motorola, Inc] ONSEMI[ON Semiconductor]
|
2SC2344 2SA1011 |
NPN Epitaxial Planar Silicon Transistors High-Voltage Switching, AF Power Amp, 100W Output Predriver Applications PNP/NPN Epitaxial Planar Silicon Transistors
|
Sanyo
|
BUX48A BUV48A BUV48AFI BUX48 |
HIGH POWER NPN SILICON TRANSISTORS RP Series - Econoline Unregulated DC-DC Converters; Input Voltage (Vdc): 24V; Output Voltage (Vdc): 24V; Power: 1W; Pot-Core Transformer - separated HIGH POWER NPN SILICON TRANSISTORS
|
意法半导 STMICROELECTRONICS[STMicroelectronics] ST Microelectronics
|
2N6388G 2N638706 2N6387 2N6387G 2N6388 |
Plastic Medium?Power Silicon Transistors DARLINGTON NPN SILICON POWER TRANSISTORS 8 AND 10 AMPERES 65 WATTS, 60 ? 80 VOLTS Plastic Medium−Power Silicon Transistors DARLINGTON NPN SILICON POWER TRANSISTORS 8 AND 10 AMPERES 65 WATTS, 60 − 80 VOLTS
|
ONSEMI[ON Semiconductor]
|
FMMTA06 |
NPN Med Power Transistor NPN SILICON PLANAR MEDIUM POWER TRANSISTORS
|
ZETEX[Zetex Semiconductors]
|
BC737 BC738 |
PNP SILICON AF MEDIUM POWER TRANSISTORS (BC737 / BC738) NPN SILICON AF MEDIUM POWER TRANSISTORS
|
Micro Electronics
|
2SA2040 2SC5707 C5707 2SA2040TP 2SA2040TP-FA 2SC57 |
PNP Epitaxial Planar Silicon Transistors High Current Switching Applications PNP / NPN Epitaxial Planar Silicon Transistors PNP/NPN Epitaxial Planar Silicon Transistors TRANSISTOR | BJT | PNP | 50V V(BR)CEO | 8A I(C) | TO-251VAR 5-Pin µP Supervisory Circuits with Watchdog and Manual Reset TRANSISTOR | BJT | NPN | 50V V(BR)CEO | 8A I(C) | TO-252VAR Low-Power, Single/Dual-Voltage µP Reset Circuits with Capacitor-Adjustable Reset Timeout Delay
|
SANYO[Sanyo Semicon Device] Matsshita / Panasonic
|
MJ2500 MJ2501 |
Silicon PNP Power Transistors Silicon NPN Power Transistors
|
Savantic, Inc.
|