PART |
Description |
Maker |
MJE2955T03 MJE34003 MJE52103 MJE585203 MJE80203 MR |
COMPLEMENTARY SILICON POWER TRANSISTORS COMPLEMETARY SILICON POWER TRANSISTORS SILICON NPN TRANSISTOR HIGH VOLTAGE PNP POWER TRANSISTOR SILICON NPN POWER DARLINGTON TRANSISTOR RF Power Field Effect Transistors 880 MHz, 40 W AVG. 26 V SINGLE N-CDMA N-Channel Enhancement-Mode Lateral MOSFETs RF LDMOS Wideband Integrated Power Amplifiers GENERAL PURPOSE L TO X-BAND GaAs MESFET 10 A, 60 V, PNP, Si, POWER TRANSISTOR, TO-220AB
|
FREESCALE NEC STMICROELECTRONICS[STMicroelectronics]
|
BD675 BD679A BD677A BD677 ON0196 BD675A BD679 BD67 |
From old datasheet system 4.0 AMPERE POWER TRANSISTORS Plastic Medium-Power Silicon NPN Darlingtons DARLINGTON POWER TRANSISTORS NPN SILICON
|
MOTOROLA[Motorola, Inc] ON Semiconductor Motorola Inc Motorola, Inc.
|
D44H10 D45H11 D44H8 D45H8 D44H D45H10 D44H11 ON027 |
10 AMPERE COMPLEMENTARY SILICON POWER TRANSISTORS 60, 80 VOLTS Card Edge Connector; No. of Contacts:24; Pitch Spacing:0.156"; Contact Termination:Solder; Leaded Process Compatible:Yes; Mounting Hole Dia:0.128" RoHS Compliant: Yes 10 A, 80 V, NPN, Si, POWER TRANSISTOR, TO-220AB COMPLEMENTARY SILICON POWER TRANSISTORS 10 A, 80 V, PNP, Si, POWER TRANSISTOR, TO-220AB 10 AMPERE COMPLEMENTARY SILICON POWER TRANSISTORS 60/ 80 VOLTS 10 AMPERE COMPLEMENTARY SILICON POWER TRANSISTORS 60 80 VOLTS From old datasheet system
|
Motorola Inc ONSEMI[ON Semiconductor] MOTOROLA[Motorola Inc] http://
|
BD135 BD139 ON0184 BD137 |
Plastic Medium Power Silicon NPN Transistor 1.5 A, 45 V, NPN, Si, POWER TRANSISTOR, TO-225AA POWER TRANSISTORS NPN SILICON CASE 77-09 TO-225AA TYPE From old datasheet system
|
Motorola Mobility Holdings, Inc. ON Semiconductor MOTOROLA[Motorola Inc] MOTOROLA[Motorola, Inc]
|
BUW49 BUW48 4206 |
HIGH CURRENT NPN SILICON TRANSISTORS HIGH POWER NPN SILICON TRANSISTORS From old datasheet system
|
ST Microelectronics STMicroelectronics
|
2SC4414 |
NPN Epitaxial Planar Silicon Transistors Low-Frequency Power Amplifier Applications PNP/NPN Epitaxial Planar Silicon Transistors
|
Sanyo
|
2SA2044 2SC5710 2SA2044FA 2SC5710TP-FA |
Low-Power, Single/Dual-Voltage µP Reset Circuits with Capacitor-Adjustable Reset Timeout Delay TRANSISTOR | BJT | PNP | 30V V(BR)CEO | 9A I(C) | TO-252VAR DC / DC Converter Applications PNP/NPN Epitaxial Planar Silicon Transistors PNP / NPN Epitaxial Planar Silicon Transistors PNP Epitaxial Planar Silicon Transistors DC/DC Converter Applications
|
SANYO[Sanyo Semicon Device] Matsshita / Panasonic
|
2N6497 2N6498 ON0098 |
POWER TRANSISTORS NPN SILICON 5 AMPERE POWER TRANSISTORS From old datasheet system
|
ONSEMI[ON Semiconductor]
|
2N2220 2N2221 2N2222 Q68000-A4573 Q62702-F134 Q627 |
NPN Silicon Planar Transistors 800 mA, 30 V, NPN, Si, SMALL SIGNAL TRANSISTOR, TO-18 NPN Silicon Planar Transistors NPN硅平面晶体管
|
SIEMENS[Siemens Semiconductor Group] Siemens Group SIEMENS AG
|
MJ10009 MJ10009_D ON1969 |
From old datasheet system 20 AMPERE NPN SILICON POWER DARLINGTON TRANSISTORS 400 VOLTS 175 WATTS 20 AMPERE NPN SILICON POWER DARLINGTON TRANSISTORS 450 and 500 VOLTS 175 WATTS
|
Motorola Inc ONSEMI[ON Semiconductor] MOTOROLA[Motorola, Inc]
|
2SB531 |
Silicon NPN Power Transistors Silicon PNP Power Transistors
|
Savantic, Inc.
|
2SB532 |
Silicon NPN Power Transistors Silicon PNP Power Transistors
|
Savantic, Inc.
|