PART |
Description |
Maker |
BCM847DS BCM847BS BCM847BV BCM847BV115 |
NPN/NPN matched double transistors; Package: SOT666 (SS-Mini); Container: Tape reel smd 100 mA, 45 V, 2 CHANNEL, NPN, Si, SMALL SIGNAL TRANSISTOR NPN/NPN matched double transistors
|
NXP Semiconductors N.V.
|
2SD946 2SD946A 2SD946AQ 2SD946AR 2SD950 2SD951 2SD |
Si NPN triple diffused junction mesa . Line-operated horizontal deflection output. SI NPN EPITAXIAL PLANAR DARLINGTON 1 A, 50 V, NPN, Si, POWER TRANSISTOR, TO-126
|
PANASONIC[Panasonic Semiconductor] Panasonic, Corp.
|
2SD1616A 2SD1616 D1616 2SD1616AU 2SD1616-L |
1000 mA, 50 V, NPN, Si, SMALL SIGNAL TRANSISTOR, TO-92 NPN SILICON TRANSISTORS NPN硅三极管 TRANSISTOR | BJT | NPN | 60V V(BR)CEO | 1A I(C) | TO-92
|
NEC, Corp. NEC Corp. NEC[NEC]
|
PEMH14 PUMH14 5C H1- H1P H1T H1W |
NPN/NPN resistor-equipped transistors R1 = 47 kohm, R2 = open NPN/NPN配电阻型晶体管;R1=47千欧姆,R2=开 NPN/NPN resistor-equipped transistors R1 = 47 kW-ohm, R2 = open
|
NXP Semiconductors N.V. PHILIPS[Philips Semiconductors]
|
BDY96 |
TRANSISTOR | BJT | NPN | 350V V(BR)CEO | 10A I(C) | TO-3 Bipolar NPN Device in a Hermetically Sealed TO3 Metal Package - Pol=NPN / Pkg=TO3 / Vceo=350 / Ic=10 / Hfe=15-60 / fT(Hz)=10M / Pwr(W)=40
|
Semelab
|
FCX688B FCX688BTA |
TRANSISTOR NPN 12V 3000MA SOT-89 3000 mA, 12 V, NPN, Si, SMALL SIGNAL TRANSISTOR NPN SILICON POWER (SWITCHING) TRANSISTOR
|
Zetex Semiconductor PLC Zetex Semiconductors
|
PEMH10 PUMH10 |
NPN/NPN resistor-equipped transistors; R1 = 2.2 k惟, R2 = 47 k惟 NPN/NPN resistor-equipped transistors; R1 = 2.2 kΩ, R2 = 47 kΩ NPN-NPN resistor-equipped transistors; R1 = 2.2 kOhm, R2 = 47 kOhm NPN-NPN配电阻型晶体管,R1=2.2千欧姆,R2=47千欧
|
NXP Semiconductors N.V.
|
PEMH13 PUMH13 |
NPN/NPN resistor-equipped transistors; R1 = 4.7 k惟, R2 = 47 k惟 NPN/NPN resistor-equipped transistors; R1 = 4.7 kΩ, R2 = 47 kΩ NPN-NPN resistor-equipped transistors; R1 = 4.7 kOhm, R2 = 47 kOhm NPN-NPN配电阻型晶体管,R1=4.7千欧姆,R2=47千欧
|
NXP Semiconductors N.V.
|
BC618 ON0154 BC618RL BC618ZL1 |
Darlington Transistor NPN From old datasheet system CASE 29-4, STYLE 17 TO-2 (TO-26AA) Darlington Transistors(NPN Silicon) 1000 mA, 55 V, NPN, Si, SMALL SIGNAL TRANSISTOR, TO-226AA
|
ON Semiconductor
|
2N5330 SDT99703 2N4211 2N5616 SDT8302 2N5625 SDT16 |
30 A, 90 V, NPN, Si, POWER TRANSISTOR 300 V, NPN, Si, POWER TRANSISTOR 20 A, 80 V, NPN, Si, POWER TRANSISTOR, TO-63 5 A, 80 V, NPN, Si, POWER TRANSISTOR, TO-3 30 A, 80 V, NPN, Si, POWER TRANSISTOR, TO-63 10 A, 80 V, PNP, Si, POWER TRANSISTOR, TO-3 5 A, 100 V, NPN, Si, POWER TRANSISTOR, TO-66 5 A, 40 V, NPN, Si, POWER TRANSISTOR, TO-66 5 A, 60 V, NPN, Si, POWER TRANSISTOR, TO-66 20 A, 60 V, NPN, Si, POWER TRANSISTOR, TO-63 10 A, 80 V, NPN, Si, POWER TRANSISTOR, TO-61 10 A, 200 V, NPN, Si, POWER TRANSISTOR, TO-3
|
SOLITRON DEVICES INC
|
CIL148C CIL148A CIL148B CIL476 CIL768 CIL769 CIL61 |
TRANSISTOR | BJT | NPN | 20V V(BR)CEO | 200MA I(C) | TO-106 TRANSISTOR | BJT | NPN | 20V V(BR)CEO | 200MA I(C) | TO-105 TRANSISTOR | BJT | NPN | 12V V(BR)CEO | TO-106 TRANSISTOR | BJT | NPN | 15V V(BR)CEO | 200MA I(C) | TO-106 TRANSISTOR | BJT | NPN | 80V V(BR)CEO | TO-106 TRANSISTOR | BJT | NPN | 60V V(BR)CEO | 200MA I(C) | TO-106 晶体管|晶体管|叩| 60V的五(巴西)总裁| 200mA的一(c)|06 TRANSISTOR | BJT | NPN | 45V V(BR)CEO | 200MA I(C) | TO-106 晶体管|晶体管|叩| 45V的五(巴西)总裁| 200mA的一(c)|06 TRANSISTOR | BJT | NPN | 25V V(BR)CEO | TO-106 TRANSISTOR | BJT | NPN | 32V V(BR)CEO | 200MA I(C) | TO-106 TRANSISTOR | BJT | NPN | 50V V(BR)CEO | 200MA I(C) | TO-106 TRANSISTOR | BJT | NPN | 100V V(BR)CEO | 200MA I(C) | TO-106
|
Electronic Theatre Controls, Inc.
|
|