PART |
Description |
Maker |
BFG93A BFG93A_X BFG93 BFG93A/X BFG93X |
NPN 6 GHz wideband transistors(NPN 6G赫兹 宽带晶体 npn GHz的宽带晶体管(npn型第六代赫兹宽带晶体管)
|
NXP Semiconductors N.V. PHILIPS[Philips Semiconductors]
|
PUMH20 PEMH20 PUMH20115 |
NPN/NPN resistor-equipped transistors; R1 = 2.2 kOhm, R2 = 2.2 kOhm; Package: SOT363 (SC-88); Container: Tape reel smd 100 mA, 50 V, 2 CHANNEL, NPN, Si, SMALL SIGNAL TRANSISTOR NPN/NPN resistor-equipped transistors; R1 = 2.2 k-ohm, R2 = 2.2 k-ohm
|
NXP Semiconductors N.V. PHILIPS[Philips Semiconductors]
|
2SD1572 |
Silicon NPN Triple Diffused(涓???╂?NPN?朵?绠? 8 A, 60 V, NPN, Si, POWER TRANSISTOR, TO-220AB
|
Hitachi,Ltd.
|
PMP4201G PMP4201V PMP4201Y PMP4201Y115 |
NPN/NPN matched double transistors; Package: SOT363 (SC-88); Container: Tape reel smd 100 mA, 45 V, 2 CHANNEL, NPN, Si, SMALL SIGNAL TRANSISTOR
|
NXP Semiconductors N.V.
|
2SD1616A 2SD1616 D1616 2SD1616AU 2SD1616-L |
1000 mA, 50 V, NPN, Si, SMALL SIGNAL TRANSISTOR, TO-92 NPN SILICON TRANSISTORS NPN硅三极管 TRANSISTOR | BJT | NPN | 60V V(BR)CEO | 1A I(C) | TO-92
|
NEC, Corp. NEC Corp. NEC[NEC]
|
PEMH9 PIMH9 PUMH9 PUMH9125 |
NPN-NPN resistor-equipped transistors; R1 = 10 kOhm, R2 = 47 kOhm NPN-NPN配电阻型晶体管,R1=10千欧姆,R2=47千欧 NPN/NPN resistor-equipped transistors; R1 = 10 kΩ, R2 = 47 kΩ NPN/NPN resistor-equipped transistors; R1 = 10 k楼?, R2 = 47 k楼?
|
NXP Semiconductors N.V.
|
2N4400 BT4400 |
NPN General Purpose Amplifier 600 mA, 40 V, NPN, Si, SMALL SIGNAL TRANSISTOR, TO-92 NPN General Purpose Amplifier(NPN????ㄦ?澶у?
|
Fairchild Semiconductor, Corp. FAIRCHILD SEMICONDUCTOR CORP
|
2N1493 2N1410 2N335 2N337 2N333 2N2537 2N3510 2N36 |
5-Pin, Multiple-Input, Programmable Reset ICs TRANSISTOR | BJT | NPN | 25MA I(C) | TO-5 TRANSISTOR | BJT | NPN | 20MA I(C) | TO-5 5-Pin µP Supervisory Circuits with Watchdog and Manual Reset TRANSISTOR | BJT | NPN | 10V V(BR)CEO | 500MA I(C) | TO-52 TRANSISTOR | BJT | PNP | 60V V(BR)CEO | 500MA I(C) | TO-105 TRANSISTOR | BJT | NPN | 40V V(BR)CEO | 50MA I(C) | TO-72 TRANSISTOR | BJT | NPN | 80V V(BR)CEO | 500MA I(C) | TO-5 TRANSISTOR | BJT | NPN | 20V V(BR)CEO | 500MA I(C) | TO-5 TRANSISTOR | BJT | PNP | 6V V(BR)CEO | 100MA I(C) | TO-92 TRANSISTOR | BJT | NPN | 7V V(BR)CEO | 100MA I(C) | TO-18 TRANSISTOR | BJT | NPN | 35V V(BR)CEO | 800MA I(C) | TO-5 5-Pin µP Supervisory Circuits with Watchdog and Manual Reset 5个引amp;#181;带看门狗和手动复位的P监控电路 TRANSISTOR | BJT | NPN | 45V V(BR)CEO | 300MA I(C) | TO-5
|
Weidmuller, Corp.
|
FZT491 FZT491A |
NPN Low Sat Transistor NPN Med Power Transistor SOT223 NPN SILICON PLANAR MEDIUM POWER TRANSISTOR Style:Wall Mount Receptacle; Insert Arrangement:18-11
|
Zetex Semiconductors Diodes Incorporated
|
ZX5T851A ZX5T851ASTZ ZX5T851ASTOA |
NPN Med Power Transistor 60V NPN LOW SATURATION MEDIUM POWER TRANSISTOR IN E-LINE 4500 mA, 60 V, NPN, Si, SMALL SIGNAL TRANSISTOR From old datasheet system
|
Zetex Semiconductor PLC ZETEX[Zetex Semiconductors] Diodes Incorporated
|
BP103 Q62702-P79-S4 BP103-2 BP103-3 BP103-4 BP103- |
From old datasheet system NPN-Silizium-Fototransistor Silicon NPN Phototransistor PHOTO TRANSISTOR DETECTOR NPN-Silizium-Fototransistor Silicon NPN Phototransistor Silizium - Fototransistor硅npn型光电晶体管
|
Siemens Semiconductor G... SIEMENS[Siemens Semiconductor Group] SIEMENS AG
|