PART |
Description |
Maker |
SCH2201 |
NPN NPN NPN Epitaxial Planar Silicon Transistor Switching, Driver Applications
|
Sanyo Semicon Device
|
BFG93A BFG93A_X BFG93 BFG93A/X BFG93X |
NPN 6 GHz wideband transistors(NPN 6G赫兹 宽带晶体 npn GHz的宽带晶体管(npn型第六代赫兹宽带晶体管)
|
NXP Semiconductors N.V. PHILIPS[Philips Semiconductors]
|
PMP4501G PMP4501V PMP4501Y PMP4501Y115 |
NPN/NPN matched double transistors; Package: SOT363 (SC-88); Container: Tape reel smd 100 mA, 45 V, 2 CHANNEL, NPN, Si, SMALL SIGNAL TRANSISTOR
|
NXP Semiconductors N.V.
|
2N3723 2N2787 2N706B/46 2N3409 2N5188 2N3728 |
30 V, 2 CHANNEL, NPN, Si, SMALL SIGNAL TRANSISTOR, TO-78 TRANSISTOR | BJT | NPN | 25V V(BR)CEO | 1A I(C) | TO-39 5-Pin µP Supervisory Circuits with Watchdog and Manual Reset TRANSISTOR | BJT | NPN | 15V V(BR)CEO | 50MA I(C) | TO-46 TRANSISTOR | BJT | NPN | 35V V(BR)CEO | 800MA I(C) | TO-5 TRANSISTOR | BJT | NPN | 80V V(BR)CEO | 500MA I(C) | TO-5
|
SEMICOA CORP
|
FTM3725 |
NPN General Purpose Amplifier NPN Transistor 1200 mA, 40 V, NPN, Si, SMALL SIGNAL TRANSISTOR, MS-012AC
|
FAIRCHILD[Fairchild Semiconductor] Fairchild Semiconductor, Corp.
|
2SC3981 2SC3981A |
TRANS NPN 40V 350MW SMD SOT23 5 A, 800 V, NPN, Si, POWER TRANSISTOR Silicon NPN triple diffusion planar type(For high breakdown voltage high-speed switching)
|
Panasonic, Corp. PANASONIC[Panasonic Semiconductor]
|
BFG67_XR BFG67 BFG67_X BFG67X BFG67XR BFG67/XR BFG |
NPN 8 GHz wideband transistors NPN 8GHz wideband transistor(NPN 8G赫兹 宽带晶体
|
PHILIPS[Philips Semiconductors] NXP Semiconductors N.V.
|
2SD773 2SD773U4 2SD773-L2-AZ |
2000 mA, 16 V, NPN, Si, SMALL SIGNAL TRANSISTOR TRANSISTOR | BJT | NPN | 16V V(BR)CEO | 2A I(C) | TO-221VAR NPN SILICON TRANSISTOR From old datasheet system
|
NEC Corp. NEC[NEC]
|
PEMH10 PUMH10 |
NPN/NPN resistor-equipped transistors; R1 = 2.2 k惟, R2 = 47 k惟 NPN/NPN resistor-equipped transistors; R1 = 2.2 kΩ, R2 = 47 kΩ NPN-NPN resistor-equipped transistors; R1 = 2.2 kOhm, R2 = 47 kOhm NPN-NPN配电阻型晶体管,R1=2.2千欧姆,R2=47千欧
|
NXP Semiconductors N.V.
|
2N5330 SDT99703 2N4211 2N5616 SDT8302 2N5625 SDT16 |
30 A, 90 V, NPN, Si, POWER TRANSISTOR 300 V, NPN, Si, POWER TRANSISTOR 20 A, 80 V, NPN, Si, POWER TRANSISTOR, TO-63 5 A, 80 V, NPN, Si, POWER TRANSISTOR, TO-3 30 A, 80 V, NPN, Si, POWER TRANSISTOR, TO-63 10 A, 80 V, PNP, Si, POWER TRANSISTOR, TO-3 5 A, 100 V, NPN, Si, POWER TRANSISTOR, TO-66 5 A, 40 V, NPN, Si, POWER TRANSISTOR, TO-66 5 A, 60 V, NPN, Si, POWER TRANSISTOR, TO-66 20 A, 60 V, NPN, Si, POWER TRANSISTOR, TO-63 10 A, 80 V, NPN, Si, POWER TRANSISTOR, TO-61 10 A, 200 V, NPN, Si, POWER TRANSISTOR, TO-3
|
SOLITRON DEVICES INC
|
2N4400 BT4400 |
NPN General Purpose Amplifier 600 mA, 40 V, NPN, Si, SMALL SIGNAL TRANSISTOR, TO-92 NPN General Purpose Amplifier(NPN????ㄦ?澶у?
|
Fairchild Semiconductor, Corp. FAIRCHILD SEMICONDUCTOR CORP
|
BFP25 BFP22 Q62702-F721 Q62702-F621 Q62702-F201 Q6 |
NPN Silicon Transistor with high Reve... From old datasheet system NPN Silicon Transistors with High Reverse Voltage Isolation- UL94V-0 Package Material- Power Sharing on Output- Efficiency to 84% NPN Silicon RF Transisrors NPN Silicon Transistors (High breakdown voltage l Low collector-emitter saturation voltage) NPN硅晶体管(高耐压l低集电极发射极饱和电压)
|
SIEMENS[Siemens Semiconductor Group] Infineon SIEMENS AG
|
|