PART |
Description |
Maker |
MJE5731A MJE5731 MJE5730 ON2039 |
POWER TRANSISTORS PNP SILICON 1 A, 300 V, PNP, Si, POWER TRANSISTOR, TO-220AB 1.0 AMPERE POWER TRANSISTORS From old datasheet system
|
ON Semiconductor
|
2SB1011 |
Power Device - Power Transistors - General-Purpose power amplification Silicon PNP Transistor Silicon PNP triple diffusion planar type
|
Panasonic Corporation
|
D44H10 D45H11 D44H8 D45H8 D44H D45H10 D44H11 ON027 |
10 AMPERE COMPLEMENTARY SILICON POWER TRANSISTORS 60, 80 VOLTS Card Edge Connector; No. of Contacts:24; Pitch Spacing:0.156"; Contact Termination:Solder; Leaded Process Compatible:Yes; Mounting Hole Dia:0.128" RoHS Compliant: Yes 10 A, 80 V, NPN, Si, POWER TRANSISTOR, TO-220AB COMPLEMENTARY SILICON POWER TRANSISTORS 10 A, 80 V, PNP, Si, POWER TRANSISTOR, TO-220AB 10 AMPERE COMPLEMENTARY SILICON POWER TRANSISTORS 60/ 80 VOLTS 10 AMPERE COMPLEMENTARY SILICON POWER TRANSISTORS 60 80 VOLTS From old datasheet system
|
Motorola Inc ONSEMI[ON Semiconductor] MOTOROLA[Motorola Inc] http://
|
MJW3281AG MJW3281A10 MJW1302AG |
Complementary NPN-PNP Silicon Power Bipolar Transistors 15 AMPERES COMPLEMENTARY SILICON POWER TRANSISTORS 230 VOLTS 200 WATTS 15 A, 230 V, NPN, Si, POWER TRANSISTOR, TO-247AD Complementary NPN-PNP Silicon Power Bipolar Transistors
|
ON Semiconductor
|
MJD200 MJD210 MJD200T4 MJD200-1 MJD210-1 MJD210T4 |
From old datasheet system Complementary Plastic Power Transistors SILICON POWER TRANSISTORS 5 AMPERES 25 VOLTS 12.5 WATTS 5 A, 25 V, PNP, Si, POWER TRANSISTOR
|
MOTOROLA[Motorola Inc] ONSEMI[ON Semiconductor] MOTOROLA[Motorola, Inc] Motorola, Inc. Motorola Mobility Holdings, Inc.
|
BD242 BD242C BD242A BD242B |
3 A, 80 V, PNP, Si, POWER TRANSISTOR, TO-220 PNP SILICON POWER TRANSISTORS
|
Power Innovations International, Inc. POINN[Power Innovations Ltd] Power Innovations Limited
|
BD544 BD544C BD544A BD544B |
PNP SILICON POWER TRANSISTORS ECONOLINE: RI - Custom Solutions Available- 1kVDC Isolation- No Extern. Components Required- UL94V-0 Package Material- No Heatsink Required- Efficiency to 87% 8 A, 40 V, PNP, Si, POWER TRANSISTOR, TO-220
|
http:// POINN[Power Innovations Ltd] Power Innovations Limited Power Innovations International, Inc.
|
MJE15029 |
Silicon NPN Power Transistors Silicon PNP Power Transistors
|
Savantic, Inc.
|
2SA969 |
Silicon NPN Power Transistors Silicon PNP Power Transistors
|
Savantic, Inc.
|
MJ15023 |
Silicon NPN Power Transistors Silicon PNP Power Transistors
|
Savantic, Inc.
|