PART |
Description |
Maker |
CDBV6-54T12 CDBV6-54TBR-G CDBV6-54TSD-G CDBV6-54TA |
Small Signal Schottky Diodes, V-RRM=30V, V-R=30V, I-O=200mA SMD Schottky Barrier Diode Arrays
|
Comchip Technology
|
SDM100K30L-7 SDM100K30L08 |
DIODE SCHOTTKY 30V 1.0A SOD323 1 A, 30 V, SILICON, SIGNAL DIODE SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
|
Diodes, Inc. Diodes Incorporated
|
CDBURT0230LL-HF |
Halogen Free Low VF Schottky Barrier, V-RRM=30V, V-R=20V, I-O=0.2A Low Profile SMD Schottky Barrier Diode
|
Comchip Technology
|
SB20W03V |
Schottky Barrier Diode (Twin Type Cathode Common) 30V, 2A Rectifier 30V 2A Rectifier 30V/ 2A Rectifier
|
SANYO[Sanyo Semicon Device] Sanyo Electric Co.,Ltd.
|
CDBFR0230-HF |
SMD Schottky Barrier Diode Halogen Free Schottky Barrier Diodes, V-RRM=35V, V-R=30V, I-O=0.2A
|
Comchip Technology
|
SB0503EC |
0.5 A, 30 V, SILICON, SIGNAL DIODE Low IR Schottky Barrier Diode 30V, 0.5A Rectifier
|
Sanyo Semicon Device Sanyo Semiconductor
|
SBE811 |
Schottky Barrier Diode 30V, 2.0A Rectifier
|
Sanyo Semicon Device
|
SB1003M3 |
Schottky Barrier Diode 30V, 1.0A Rectifier
|
Sanyo Semicon Device
|
SBE807 |
Schottky Barrier Diode 30V, 1.0A Rectifier
|
Sanyo Semicon Device
|
XBS303V19R-12 XBS303V19R-G |
Schottky Barrier Diode, 3A, 30V Type
|
Torex Semiconductor
|
IRF7526D1 IRF7526D1TR |
Co-packaged HEXFETò Power MOSFET and Schottky Diode FETKYMOSFET & Schottky Diode(Vdss=-30V, Rds(on)=0.20ohm, Schottky Vf=0.39V) FETKY⑩MOSFET FETKY MOSFET & Schottky Diode(Vdss=-30V Rds(on)=0.20ohm Schottky Vf=0.39V) FETKY MOSFET & Schottky Diode(Vdss=-30V, Rds(on)=0.20ohm, Schottky Vf=0.39V) FETKY⑩ MOSFET & Schottky Diode(Vdss=-30V, Rds(on)=0.20ohm, Schottky Vf=0.39V)
|
International Rectifier, Corp. IRF[International Rectifier]
|