PART |
Description |
Maker |
RIF-0-OSC-24DC |
Pre-assembled solid-state relay module with screw connection, consisting of: relay base with ejector and plugin miniature solid-state relay. Input voltage: 24 V DC. Output: 24 - 253 V AC/0.75 A
|
PHOENIX CONTACT
|
D2425F-10 H12D4840D D2440D |
IC,Normally-Open Panel-Mount Solid-State Relay,2-CHANNEL,M:HL048HD4.4 DUAL TRIGGER OUTPUT SOLID STATE RELAY, 4000 V ISOLATION-MAX RELAY, SOLID STATE DUAL 40A 240VAC DUAL TRIGGER OUTPUT SOLID STATE RELAY, 4000 V ISOLATION-MAX
|
Crydom Inc. Crydom, Inc. CRYDOM CORP
|
PS7111-2A01 PS7111-2A PS7111L-2A-E3 |
DUAL TRANSISTOR OUTPUT SOLID STATE RELAY, 1500 V ISOLATION-MAX 8 PIN DIP SOLID STATE RELAY
|
NEC Duracell
|
53258 |
RADIATION TOLERANT 120VDC - 5A SOLID STATE RELAY TRANSISTOR OUTPUT SOLID STATE RELAY, 1000 V ISOLATION-MAX
|
Micropac Industries, Inc. MICROPAC[Micropac Industries]
|
53209 53210 53211 |
SPDT SOLID-STATE RELAYS High Power AC/DC Switching TRANSISTOR OUTPUT SOLID STATE RELAY, 1500 V ISOLATION-MAX
|
Micropac Industries, Inc. MICROPAC[Micropac Industries]
|
53254 |
40VDC - 10A SOLID STATE RELAY TRANSISTOR OUTPUT SOLID STATE RELAY, 1000 V ISOLATION-MAX
|
Micropac Industries, Inc. MICROPAC[Micropac Industries]
|
TSS2J47 TSS2G45 TSS2G47 TSS2J45 |
SOLID STATE AC RELAY OPTICALLY ISOLATED, ZERO VOLTAGE TURN-ON ZERO CURRENT TURN-OFF, NORMALY OPEN SSR (TSS2x4x) TOSHIBA SOLID STATE AC RELAY
|
TOSHIBA[Toshiba Semiconductor] http://
|
AQV414EA |
Solid State Relay (with MOSFET Output) 6pin DIP (Form B, Normally-Closed) TRANSISTOR OUTPUT SOLID STATE RELAY, 1500 V ISOLATION-MAX
|
Panasonic, Corp.
|
LH1547AAB1 LH1547AAB1TR LH1547AT1 LH1547-AAB1 LH15 |
Solid State Relay (SSR) 1FormA 1 Form A Solid-State Relay
|
Infineon Technologies AG
|
TSZ1J2A45-N |
SOLID STATE AC RELAY OPTICALLY ISOLATED, NORMALLY OPEN DUAL IN ONE PACKAGE TYPE SSR TOSHIBA SOLID DTATD AC RELAY
|
TOSHIBA[Toshiba Semiconductor] Toshiba Corporation
|
VND05BSP VND05 VND05BSP13TR -VND05BSP |
CAPACITOR, CLASS Y2 4.7NFCAPACITOR, CLASS Y2 4.7NF; Capacitance:4.7nF; Voltage rating, AC:250V; Voltage rating, DC:2500V; Capacitor dielectric type:Polypropylene; Series:B81122; Tolerance, :20%; Tolerance, -:20%; Temp, op. ISO HIGH SIDE SMART POWER SOLID STATE RELAY DOUBLE CHANNEL HIGH SIDE SMART POWER SOLID STATE RELAY
|
STMICROELECTRONICS[STMicroelectronics] ST Microelectronics
|
SO967460 |
Power Solid State Relay
|
celduc-relais
|