PART |
Description |
Maker |
PNX9520E PNX1501EG PNX1520E PNX1502EG PNX9520EN1 |
Connected media processor PNX9520E/N1<SOT795-1 (BGA456)|<<http://www.nxp.com/packages/SOT795-1.html<1<Always Pb-free,;PNX9520E/N1<SOT795-1 (BGA456)|<<http://www.nxp.com/packages/SOT795-1.html<1<Always Pb-free,;
|
NXP Semiconductors N.V.
|
T10A062 T10A220 T10A130 T10A180 T10A100 T10A120 T1 |
RF Coaxial Connector Adapter; Body Material:Brass; Body Style:Straight Bulkhead Adapter, Jack-Jack; Impedance:50ohm; Leaded Process Compatible:Yes; Series:N; Contact Termination:Clamp/Solder; Frequency Max:11GHz RoHS Compliant: Yes BOX INSTRMNT LOW PROFILE 6X4X4,1 Glass passivated junction
|
Littelfuse, Inc. LITTELFUSE[Littelfuse]
|
PE9420 |
Hermetically Sealed BNC Female to BNC Female Bulkhead Adapter For 1 inch Max. Panel
|
Pasternack Enterprises, Inc.
|
PSAA18U-240L6 |
18 Watt Universal 3-Wire Input Adapter PSAA18U Adapter Meets EISA and Ecodesign Requirements
|
Phihong USA Inc.
|
PSAC30U-240L6 |
20-30W Universal 3-Wire Input Desktop Adapter PSAC30U Adapter Meets Level VI Efficiency
|
Phihong USA Inc.
|
106160-3000 |
SC ADAPTER PH BR SLEEVE GREEN SIMPLEX FIBER OPTIC ADAPTER
|
Molex, Inc.
|
NP276-37206-AC05638 NP276-37206-AC05610 NP276-3720 |
BGA204, IC SOCKET BGA328, IC SOCKET BGA316, IC SOCKET BGA456, IC SOCKET
|
Sumida, Corp. 3M Company
|
PZTA44 PZTA44_4 PZTA44115 |
NPN high-voltage transistor - fT min: 20 MHz; hFE max:>40 ; hFE min: 40 ; I<sub>C</sub> max: 300 mA; Polarity: NPN ; Ptot max: 1350 mW; VCEO max: 400 V; Package: SOT223 (SC-73); Container: Tape reel smd From old datasheet system
|
NXP SEMICONDUCTORS PHILIPS[Philips Semiconductors]
|
BCP51115 |
45 V, 1 A PNP medium power transistors - Complement: BCP54 ; fT min: 115 MHz; hFE max: 250 ; hFE min: 40 ; I<sub>C</sub> max: 1000 mA; Polarity: PNP ; Ptot max: 1300 mW; VCEO max: 45 V; Package: SOT223 (SC-73); Container: Tape reel smd
|
NXP SEMICONDUCTORS
|
87340-1422 87340-0622 |
Header; No. of Contacts:14; Pitch Spacing:2mm; No. of Rows:2; Series:Mill-Grid; Connector Body Material:Polymer; Mounting Type:PC Board; Terminal Type:Surface Mount 14 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, SURFACE MOUNT, RECEPTACLE Header; No. of Contacts:6; Pitch Spacing:2mm; No. of Rows:2; Series:Mill-Grid; Connector Body Material:Polymer; Mounting Type:PC Board; Terminal Type:Surface Mount 6 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, SURFACE MOUNT, RECEPTACLE
|
Molex, Inc.
|
2PA1774Q115 |
PNP general-purpose transistor - Complement: 2PC4617Q ; fT min: 100 MHz; hFE max: 270 ; hFE min: 120 ; I<sub>C</sub> max: 100 mA; Polarity: PNP ; Ptot max: 150 mW; VCEO max: 40 V; Package: SOT416 (SC-75); Container: Tape reel smd
|
NXP SEMICONDUCTORS
|