PART |
Description |
Maker |
6N139 |
IRED & PHOTO IC (CURRENT LOOP DRIVER, LOW INPUT CURRENT LINE RECEIVER, COMS LOGIC INTERFACE)
|
Toshiba Semiconductor
|
88741-8800 |
Wire-To-Board Connector; Convert From:DVI-Digital Plug; Convert To:DFP Receptacle 24-20 CONTACT(S), CABLE MOUNT, MALE-FEMALE, RECTANGULAR ADAPTER
|
Molex, Inc.
|
PIC16C620-20I_P PIC16C622A-20I/SS PIC16C622A-20I/S |
CENTRONICS PARALLEL CBLS 36 PIN M - 36 PIN M 存储器为基础位CMOS微控制器 Thin non-lighted SPST, red button, "o -" 存储器为基础位CMOS微控制器 Subminiature PCB fuse, solderable into PCBs or fuseholder; Voltage Rating: 125V; Current Rating: 0.1A; Characteristic: Fast Acting 存储器为基础位CMOS微控制器 EPROM-Based 8-Bit CMOS Microcontroller 存储器为基础位CMOS微控制器 存储器为基础CMOS微控制器 SUR ABSORBER 14MM 390V 4500A ZNR NPN Silicon Small Signal Transistor; General Purpose; Package: TO-18; Collector Emitter Voltage, VCEO: 40V; Continuous Collector Current, IC: 800mA; Emitter-Base Voltage, VEBO: 6.0V; DC Current Gain Min (hfe): 75 CAP 0.27UF 50V 10% NP0(C0G) SMD-1825 BULK TIN/LEAD/ALLOY S-MIL-PRF-55681 Mini non-lighted SPDT, 2pos, unprinted CONNECTOR ACCESSORY RF/Coaxial Connector Adapter; RF Coax Type:SMA; Body Style:Straight Adapter, Plug-Jack RoHS Compliant: Yes SMD BRIDGE RECTIFIER Small Signal Transistor General Purpose, NPN AMPL/SWITCH NPN Silicon Small Signal Transistor; General Purpose; Package: TO-18; Collector Emitter Voltage, VCEO: 40V; Continuous Collector Current, IC: 800mA; Emitter-Base Voltage, VEBO: 6.0V; DC Current Gain Min (hfe): 75 Coaxial Inter Series Adaptor; Convert From:N Jack; Convert To:SMA Plug RoHS Compliant: Yes RF/Coaxial Connector Adapter; RF Coax Type:SMA; Body Style:Straight Adapter, Plug-Plug RoHS Compliant: Yes RF/Coaxial Connector Adapter; RF Coax Type:SMA; Body Style:Straight Bulkhead Adapter, Jack-Jack RoHS Compliant: Yes RF Coaxial Connector Adapter; Convert From:SMA Jack; Convert To:SMB Plug RoHS Compliant: Yes
|
Microchip Technology, Inc. Microchip Technology Inc.
|
1286 5405 |
Connector; Leaded Process Compatible:Yes; Peak Reflow Compatible (260 C):Yes RoHS Compliant: Yes INTERCONNECTION DEVICE Connector Adapter; Convert From:Double Banana Jack; Convert To:Binding Posts; Contact Material:Brass; Features:Attach wires, spade lugs and pin tip plugs by means of insulated knurl thumb knob; Insulator Material:ABS Plastic RoHS Compliant: Yes
|
Pomona Electronics
|
HCPL4200 HCPL-4200 |
Optically Coupled 20 mA Current Loop Receiver
|
HP[Agilent(Hewlett-Packard)] ETC
|
232CL9R0900 232CL9R |
9 Pin RS-232 to Current Loop Converter
|
B&B Electronics
|
HCPL-4100300 HCPL-4100500 HCPL4100 HCPL-4100 |
Optically Coupled 20 mA Current Loop Transmitter 光耦合20毫安电流回路变送器
|
Avago Technologies, Ltd. HP[Agilent(Hewlett-Packard)] Agilent (Hewlett-Packard)
|
HCC4046B HCC4046BF HCF4046B HCF4046BEY HCC4046 HCC |
MICRMICROPOWER PHASE-LOCKED LOOP _ MICRMICROPOWER锁相环_ Analog Phase-Locked Loop Dual Line Driver 14-SOIC 0 to 70 IC,PHASE-LOCKED LOOP,CMOS,DIP,16PIN,CERAMIC From old datasheet system
|
STMicroelectronics N.V. 意法半导 ST Microelectronics STMICROELECTRONICS[STMicroelectronics]
|
232PCLIN1795 232PCLIN |
Industrial Current Loop Converter 工业电流环转换器 From old datasheet system
|
Electronic Theatre Controls, Inc. List of Unclassifed Manufacturers ETC[ETC] B&B Electronics
|
XL4201E1 |
3A 150KHz 40V Buck DC/DC Converter With Constant Current Loop
|
List of Unclassifed Man...
|