PART |
Description |
Maker |
MCZ33880EG MCZ33880EW MCZ33880EWR2 3388008 MC33880 |
Configurable Octal Serial Switch with Serial Peripheral Interface I/O
|
Freescale Semiconductor, Inc Freescale Semiconductor...
|
MCZ33879AEK MCZ33879AEKR2 MCZ33879EK MCZ33879EKR2 |
Configurable Octal Serial Switch with Open Load Detect Current Disable
|
Freescale Semiconductor, Inc
|
PC33879DWB/R2 PC33879EK/R2 |
Configurable Octal Serial Switch with Open Load Detect Current Disable
|
Motorola, Inc.
|
MAX521ACAG |
Quad/Octal, 2-Wire Serial 8-Bit DACs with Rail-to-Rail Outputs OCTAL, SERIAL INPUT LOADING, 6 us SETTLING TIME, 8-BIT DAC, PDSO24
|
Maxim Integrated Products, Inc.
|
L9848 |
OCTAL CONFIGURABLE LOW/HIGH SIDE DRIVER
|
意法半导 STMICROELECTRONICS[STMicroelectronics]
|
HD74LVCC4245A05 |
Octal Dual-supply Bus Transceiver with configurable output voltage with 3-state Outputs
|
Renesas Electronics Corporation
|
WM2610 WM2610IDT WM2610CDT |
TVS BIDIRECT 600W 7.5V SMB OCTAL 12-BIT, SERIAL INPUT DAC WITH POWER DOWN From old datasheet system Octal 12-bit, Serial Input, Voltage Output DAC with Power Down
|
WOLFSON[Wolfson Microelectronics plc]
|
AT25256 AT25256-10CC AT25256-10CC-1.8 AT25256-10CC |
SPI Serial EEPROMs 32K X 8 SPI BUS SERIAL EEPROM, DSO8 122 x 32 pixel format, Compact LCD size 16K X 8 SPI BUS SERIAL EEPROM, PDSO20 BOX WATERTIGHT 6.01X3.24X1.81,1 16K X 8 SPI BUS SERIAL EEPROM, PDSO14 SPI Serial EEPROMs 16K X 8 SPI BUS SERIAL EEPROM, CDSO8 High Speed CMOS Logic Non-Inverting Octal-Bus Transceivers with 3-State Outputs 20-PDIP -55 to 125 128 x 64 pixel format, LED or EL Backlight available High Speed CMOS Logic Non-Inverting Octal Buffers/Line Drivers with 3-State Outputs 20-SOIC -55 to 125
|
Atmel, Corp. Atmel Corp. ATMEL Corporation
|
M95128-MW6TG M95256-DW3G/A M95256-DW3G/V M95256-MW |
16K X 8 SPI BUS SERIAL EEPROM, PDIP8 16K X 8 SPI BUS SERIAL EEPROM, PDSO8 32K X 8 SPI BUS SERIAL EEPROM, PDSO8 Octal Edge-Triggered D-Type Flip-Flops With Clear 20-PDIP -40 to 85 Octal Edge-Triggered D-Type Flip-Flops With Clear 20-SSOP -40 to 85 一百二十八分之二百五十六千位串行SPI总线的EEPROM高速时 RECTIFIER SCHOTTKY SINGLE 10A 40V 250A-ifsm 0.6V-vf 1mA-ir TO220AC 50/TUBE 一百二十八分之二百五十六千位串行SPI总线的EEPROM高速时 256Kbit and 128Kbit Serial SPI Bus EEPROM With High Speed Clock 256Kbit128Kbit的EEPROM串行SPI总线高速时 256Kbit and 128Kbit Serial SPI Bus EEPROM With High Speed Clock 256Kbit28Kbit的EEPROM串行SPI总线高速时 RECTIFIER SCHOTTKY DUAL 16A 50V 250A-ifsm 0.7V-vf 0.5mA-ir TO-220AB 50/TUBE 一百二十八分之二百五十六千位串行SPI总线的EEPROM高速时 256/128 Kbit Serial SPI Bus EEPROM With High Speed Clock 一百二十八分之二百五十六千位串行SPI总线的EEPROM高速时 Replaced by SN74ABT245B : Octal Bus Transceivers With 3-State Outputs 20-TSSOP -40 to 85 RES 1.5K-OHM 1% 0.125W 100PPM THICK-FILM SMD-0805 5K/REEL-7IN-PA RES 6.20K OHM 1/4W 1% 1206 SMD VARISTOR 150V RMS 4032 SMD Octal Buffers/Drivers With 3-State Outputs 20-SO -40 to 85 Octal Buffers/Drivers With 3-State Outputs 20-SSOP -40 to 85 Octal Buffers/Drivers With 3-State Outputs 20-TSSOP -40 to 85 Octal Buffers/Drivers With 3-State Outputs 20-SOIC -40 to 85 256 Kbit Serial SPI bus EEPROM with high speed clock 256Kbit Serial SPI Bus EEPROM With High Speed Clock
|
STMicroelectronics N.V. 意法半导 ST Microelectronics
|
MC74LVXC3245DWR2 |
Configurable Dual Supply Octal Transceiver LV/LV-A/LVX/H SERIES, 8-BIT TRANSCEIVER, TRUE OUTPUT, PDSO24
|
ON Semiconductor
|
LTC1665 LTC1660 LTC1660C LTC1660CGN LTC1660CN LTC1 |
Micropower Octal 8-Bit and 10-Bit DACs OCTAL, SERIAL INPUT LOADING, 30 us SETTLING TIME, 10-BIT DAC, PDSO16 Micropower Octal 8-Bit and 10-Bit DACs 微八进制8位和10位DAC
|
Linear Technology Corporation Linear Technology, Corp. LINER[Linear Technology]
|
MC33298DW MC33298P MC33298 ON1020 |
OCTAL SERIAL SWITCH (SPI Input/Output) OCTAL SERIAL SWITCH (SPI Input/Output) From old datasheet system
|
Motorola, Inc ON Semi
|