PART |
Description |
Maker |
MIC2111AYML |
Single-Phase, Multi-Mode, High-Performance, Step-Down PWM Controller
|
Micrel Semiconductor
|
MAX731-MAX752 MAX732CPA MAX732CWA MAX732EPA MAX732 |
5V Adjustable CMOS Step Up Current Mode DC-DC Conerter(5V,无外部MOSFET,步升,PWM DC-DC变换 5V、升压型、电流模式PWM DC-DC转换 5V, Step-Up, Current-Mode, PWM DC-DC Converter 5V/Adjustable Step-Up Current-Mode DC-DC Converters 5V/Adjustable升压电流模式的DC - DC转换
|
MAXIM - Dallas Semiconductor MAXIM[Maxim Integrated Products] Maxim Integrated Products, Inc.
|
LTC3719 3719I |
2-Phase, 5-Bit VID, Current Mode, High Efficiency, Synchronous Step-Down Switching Regulator From old datasheet system
|
Linear
|
LTC1433CGNTR LTC1433-15 |
450mA, Low Noise Current Mode Step-Down DC/DC Converter; Package: SSOP; No of Pins: 16; Temperature Range: 0°C to 70°C 1.2 A SWITCHING REGULATOR, 700 kHz SWITCHING FREQ-MAX, PDSO16 450mA, Low Noise Current Mode Step-Down DC/DC Converters
|
Linear Technology, Corp.
|
LTC3720EGNTR |
Single Phase VRM8.5 Current Mode Step-Down Controller; Package: SSOP; No of Pins: 28; Temperature Range: -40°C to 125°C 2 A SWITCHING CONTROLLER, PDSO28
|
Linear Technology, Corp.
|
SI-8050Y |
Current Mode Control Step-Switching Mode
|
Sanken electric
|
EF-0926-20 EF-0926-20S |
The 926 filter is a compact, single phase, high current device with very good common mode and differential mode insertion loss.
|
JMK Inc.
|
MAX5037EMH MAX5037ETH |
4.75 to 5.5 V or 8 to 28 V, VRM 9.0, dual-phase, parallelable, average current-mode controller VRM 9.0, Dual-Phase, Parallelable, Average Current-Mode Controller 4 A SWITCHING CONTROLLER, 525 kHz SWITCHING FREQ-MAX, PQFP44
|
MAXIM - Dallas Semiconductor Maxim Integrated Products, Inc.
|
LTC3716EGTRPBF |
2-Phase, 5-Bit VID, Current Mode, High Efficiency, Synchronous Step-Down Switching Regulator; Package: SSOP; No of Pins: 36; Temperature Range: -40°C to 125°C 3 A SWITCHING CONTROLLER, 360 kHz SWITCHING FREQ-MAX, PDSO36
|
Linear Technology, Corp.
|
AIC1899 AIC1899GG AIC1899GK AIC1899PG AIC1899PK |
1.0MHz Current-Mode Step-Up DC/DC Converter
|
Analog Intergrations Corporation
|
|