PART |
Description |
Maker |
AM79C989 AM79C989JC AM79C989JCT |
Quad Ethernet Switching Transceiver (QuEST? Motor Driver IC; Supply Voltage Max:13.2V; Output Current Max:0.5A; Package/Case:8-SOIC; Driver Type:Motor; Leaded Process Compatible:No; Output Current:1.5A; Peak Reflow Compatible (260 C):No; Supply Voltage Min:3.8V 四路以太网交换器(QuEST的⑩ Quad Ethernet Switching Transceiver (QuEST)
|
Advanced Micro Devices, Inc.
|
CLC2000ISO8 CLC2000ISO8X |
High Output Current Dual and Quad Amplifiers
|
Exar Corporation
|
LTC2755CUP-12-PBF LTC2755CUP-12-TRPBF LTC2755CUP-1 |
Quad Current Output 12-/14-/16-Bit SoftSpan DACs with Parallel I/O
|
Linear Technology
|
FS30UM-3 |
MITSUBISHI Nch POWER MOSFET HIGH-SPEED SWITCHING USE Bench Power Supply; Output Voltage:35V; Output Current:6A; Number of Outputs:1; Calibrated:No; Display Technology:Digital; Output Current Max:6A; Output Current Min:0A; Output Voltage Max:35V; Output Voltage Min:0V
|
Mitsubishi Electric Corporation POWEREX[Powerex Power Semiconductors]
|
HA5024 |
Op Amp, Quad 125MHz, Video, Current Feedback, with Output Disable
|
Intersil
|
AD5624 AD5624BRMZ-REEL7 AD5664BRMZ-REEL7 AD5624BCP |
2.7 V to 5.5 V, 450 μA, Rail-to-Rail Output, Quad, 12-Bit <span style="text-transform: lowercase"> <em>nano</span></em>DAC<sup>?</sup> 2.7 V to 5.5 V, 450 µA, Rail-to-Rail Output, Quad, 12-/16-Bit nanoDACs® 2.7 V to 5.5 V, 450 レA, Rail-to-Rail Output, Quad, 12-/16-Bit nanoDACs 2.7 V to 5.5 V, 450 μA, Rail-to-Rail Output, Quad, 12-/16-Bit nanoDACs
|
AD[Analog Devices]
|
AD70402 AD704AN AD704 AD704JR-_REEL AD704TQ_883B A |
-18V; quad picoampere inout current bipolar Op Amp. For industrial/process controls, weigh scales Quad Picoampere Input Current Bipolar Op Amp OP-AMP|QUAD|BIPOLAR|SOP|16PIN|PLASTIC
|
Analog Devices
|
AD704JNZ AD704AR-16 AD704ARZ-16 AD704AR-16-REEL AD |
Quad Picoampere Input Current Bipolar Op Amp; Package: PDIP; No of Pins: 14; Temperature Range: Commercial QUAD OP-AMP, 250 uV OFFSET-MAX, 0.8 MHz BAND WIDTH, PDIP14 Picoampere Input Current Quad Bipolar Op Amp
|
Analog Devices, Inc.
|
ST16R820 |
Voltage Regulator IC; Output Current:300mA; Package/Case:8-MSOP; Supply Voltage Max:6V; Current Rating:300mA; Leaded Process Compatible:No; Output Current Max:300mA; Output Voltage Max:5V; Output Voltage Min:1.5V 智能卡有544字节的EEPROM非接联系MCU应用 Smartcard MCU With 544 Bytes EEPROM for Contactless/Contact Applications
|
STMicroelectronics N.V. STMICROELECTRONICS[STMicroelectronics]
|
MAX428ACPA MAX428ACSA MAX428CPA MAX428CSA MAX408 M |
Single/Dual/Quad High-Speed, Fast-Settling, High Output Current Operational Amplifier Single/Dual/Quad High-Speed / Fast-Settling / High Output Current Operational Amplifier
|
MAXIM - Dallas Semiconductor MAXIM[Maxim Integrated Products] Maxim Integrated Products, Inc.
|
FEC40-24D3305 FEC40-24T0512 FEC40-24T3312 FEC40-24 |
Input range:18-36 VDC;output voltage:3.3/5 VDC; output current:4/4 A mA;input current:1729 mA; 40 W DC-DC converter Input range:18-36VDC;output voltage:5/ /-12 VDC; output current:6000/ /400 mA mA;input current:1989 mA; 40 W DC-DC converter Input range:18-36 VDC;output voltage:3.3/ /-12 VDC; output current:6000/ /400 mA mA;input current:1512 mA; 40 W DC-DC converter Input range:18-36 VDC;output voltage:5/ /-15 VDC; output current:6000/ /300 mA mA;input current:1958 mA; 40 W DC-DC converter
|
Power Mate Technology
|
HDC201P-48B-490 HDC201P-48B-490E HDC201P-48B-490O |
36-72VDC INPUT RANGE DC-DC CONVERTER HOT-SWAP CompactPCI QUAD OUTPUT 200 WATTS ACTIVE CURRENT SHARING SWITCHING POWER SUPPLIES
|
HITRON ELECTRONICS CORPORTION
|