PART |
Description |
Maker |
VUM33-05N VUM33-05 IXYSCORP-VUM33-05N |
Power MOSFET Stage for Boost Converters 47 A, 500 V, 0.12 ohm, N-CHANNEL, Si, POWER, MOSFET From old datasheet system Power Factor Correction Modules: MOSFET
|
IXYS, Corp. IXYS[IXYS Corporation]
|
IRFR6215PBF IRFU6215PBF IRFR6215TR IRFR6215TRL IRF |
Advanced Process Technology HEXFET㈢ Power MOSFET HEXFET? Power MOSFET 13 A, 150 V, 0.295 ohm, P-CHANNEL, Si, POWER, MOSFET, TO-252AA 175°C Operating Temperature
|
International Rectifier
|
AUIRF1404Z AUIRF1404ZL AUIRF1404ZS |
HEXFET垄莽 Power MOSFET HEXFET? Power MOSFET 160 A, 40 V, 0.0037 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-262AA Low On-Resistance
|
International Rectifier List of Unclassifed Man...
|
IRFZ44NL IRFZ44NS IRFZ44NSTRR IRFZ44NLPBF IRFZ44NS |
55V Single N-Channel HEXFET Power MOSFET in a D2-Pak package 55V Single N-Channel HEXFET Power MOSFET in a TO-262 package HEXFET? Power MOSFET Power MOSFET(Vdss=55V, Rds(on)=0.0175ohm, Id=49A) (IRFZ44NL / IRFZ44NS) Power MOSFET TRANSISTOR | MOSFET | N-CHANNEL | 55V V(BR)DSS | 49A I(D) | TO-263AB 晶体管| MOSFET的| N沟道| 55V的五(巴西)直| 49A条(丁)|63AB
|
IRF[International Rectifier] International Rectifier, Corp.
|
IRFL4310 IRFL4310TR |
HEXFET? Power MOSFET 1.6 A, 100 V, 0.2 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-261AA Power MOSFET(Vdss=100V, Rds(on)=0.20ohm, Id=1.6A) 100V Single N-Channel HEXFET Power MOSFET in a SOT-223 package
|
IRF[International Rectifier]
|
IXFT74N20 IXFR90N20 IXFE24N100 |
HIPERFET POWER MOSFETs 74 A, 200 V, 0.3 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-268 90 A, 200 V, 0.022 ohm, N-CHANNEL, Si, POWER, MOSFET ISOPLUS247, 3 PIN Single MOSFET Die 22 A, 1000 V, 0.39 ohm, N-CHANNEL, Si, POWER, MOSFET
|
IXYS, Corp.
|
IRLU8743PBF IRLR8743PBF |
160 A, 30 V, 0.0031 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-251AA HEXFET㈢Power MOSFET HEXFET?Power MOSFET
|
International Rectifier
|
IRFP340 IRFP340PBF |
400V Single N-Channel HEXFET Power MOSFET in a TO-247AC package HEXFET? Power MOSFET Power MOSFET(Vdss=400V, Rds(on)=0.55ohm, Id=11A) 功率MOSFET(减振钢板基本\u003d00V,的Rdson)\u003d 0.55ohm,身份证\u003d 11A条) 11 A, 400 V, 0.55 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-247AC
|
IRF[International Rectifier] International Rectifier, Corp.
|
IRFL4105 IRFL4105TR |
3.7 A, 55 V, 0.045 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-261AA Power MOSFET(Vdss=55V, Rds(on)=0.045ohm, Id=3.7A) 55V Single N-Channel HEXFET Power MOSFET in a SOT-223 package
|
IRF[International Rectifier]
|
IRFIZ34E IRFIZ34EPBF |
60V Single N-Channel HEXFET Power MOSFET in a TO-220 FullPak (Iso) package HEXFET? Power MOSFET Power MOSFET(Vdss=60V, Rds(on)=0.042ohm, Id=21A)
|
IRF[International Rectifier]
|
|