PART |
Description |
Maker |
MAX690A-MAX805L MAX802LCPA MAX802LCSA MAX802LEPA M |
Hex Bus Drivers With 3-State Outputs 16-CFP -55 to 125 1-CHANNEL POWER SUPPLY MANAGEMENT CKT, PDIP8 Octal D-Type Edge Triggered Flip-Flops with 3-State Outputs 20-LCCC -55 to 125 Hex Bus Drivers With 3-State Outputs 20-LCCC -55 to 125 Microprocessor Supervisory Circuits From old datasheet system
|
Maxim Integrated Produc... MAXIM INTEGRATED PRODUCTS INC Maxim Integrated Products, Inc. MAXIM[Maxim Integrated Products] MAXIM - Dallas Semiconductor
|
M74HC367 M74HC367B1R M74HC367C1R M74HC367F1R M74HC |
HC367 NON INVERTING, HC368 INVERTING HEX BUS BUFFER (3-STATE) HEX BUS BUFFER (3-STATE) HC367 NON INVERTING, HC368 INVERTING HEX BUS BUFFER 3-STATE HC367 NON INVERTING / HC368 INVERTING 8-Bit, 10 us DAC, Serial Input, Quad DAC, Pgrmable 1x or 2x Output, Simultaneous Update 14-SOIC 0 to 70 HEX BUS BUFFER 3-STATE HC367 NON INVERTING, HC368 INVERTING 六角总线缓冲器的三态非反相HC367,HC368反相
|
SGS Thomson Microelectronics STMICROELECTRONICS[STMicroelectronics] ST Microelectronics 意法半导 STMicroelectronics N.V.
|
HD74HC367FPEL HD74HC367 HD74HC367P |
Hex Bus Drivers (Noninverted Data Outputs with 3-state outputs)
|
Renesas Electronics Corporation
|
M74HC365 M74HC365B1R M74HC365C1R M74HC365F1R M74HC |
RAD-HARD HEX BUS BUFFER WITH 3 STATE OUTPUTS (NON INVERTING) HEX BUS BUFFER 3-STATE HC365 NON INVERTING- HC366 INVERTING
|
ST Microelectronics 意法半导 STMICROELECTRONICS[STMicroelectronics]
|
U74ACT240 U74ACT240G-P20-R U74ACT240G-P20-T U74ACT |
The U74ACT240 is designed to improve the performance and density of 3-state memory address drivers, clock drivers, and bus-oriented receivers and transmitters.
|
Unisonic Technologies
|
AV16601DGG AV16601DL 74ALVT16601 74ALVT16601DGG 74 |
Hex Schmitt-Trigger Inverters 14-SSOP -40 to 85 18位通用总线收发器,三 18-bit universal bus transceiver (3-State) 18-bit universal bus transceiver 3-State
|
NXP Semiconductors N.V. PHILIPS[Philips Semiconductors]
|
M95128-MW6TG M95256-DW3G/A M95256-DW3G/V M95256-MW |
16K X 8 SPI BUS SERIAL EEPROM, PDIP8 16K X 8 SPI BUS SERIAL EEPROM, PDSO8 32K X 8 SPI BUS SERIAL EEPROM, PDSO8 Octal Edge-Triggered D-Type Flip-Flops With Clear 20-PDIP -40 to 85 Octal Edge-Triggered D-Type Flip-Flops With Clear 20-SSOP -40 to 85 一百二十八分之二百五十六千位串行SPI总线的EEPROM高速时 RECTIFIER SCHOTTKY SINGLE 10A 40V 250A-ifsm 0.6V-vf 1mA-ir TO220AC 50/TUBE 一百二十八分之二百五十六千位串行SPI总线的EEPROM高速时 256Kbit and 128Kbit Serial SPI Bus EEPROM With High Speed Clock 256Kbit128Kbit的EEPROM串行SPI总线高速时 256Kbit and 128Kbit Serial SPI Bus EEPROM With High Speed Clock 256Kbit28Kbit的EEPROM串行SPI总线高速时 RECTIFIER SCHOTTKY DUAL 16A 50V 250A-ifsm 0.7V-vf 0.5mA-ir TO-220AB 50/TUBE 一百二十八分之二百五十六千位串行SPI总线的EEPROM高速时 256/128 Kbit Serial SPI Bus EEPROM With High Speed Clock 一百二十八分之二百五十六千位串行SPI总线的EEPROM高速时 Replaced by SN74ABT245B : Octal Bus Transceivers With 3-State Outputs 20-TSSOP -40 to 85 RES 1.5K-OHM 1% 0.125W 100PPM THICK-FILM SMD-0805 5K/REEL-7IN-PA RES 6.20K OHM 1/4W 1% 1206 SMD VARISTOR 150V RMS 4032 SMD Octal Buffers/Drivers With 3-State Outputs 20-SO -40 to 85 Octal Buffers/Drivers With 3-State Outputs 20-SSOP -40 to 85 Octal Buffers/Drivers With 3-State Outputs 20-TSSOP -40 to 85 Octal Buffers/Drivers With 3-State Outputs 20-SOIC -40 to 85 256 Kbit Serial SPI bus EEPROM with high speed clock 256Kbit Serial SPI Bus EEPROM With High Speed Clock
|
STMicroelectronics N.V. 意法半导 ST Microelectronics
|
TC74AC367FT TC74AC367FN TC74AC367F TC74AC367P E004 |
HEX BUS BUFFER (3-STATE) From old datasheet system
|
Toshiba
|
TC74VHCT367AFN TC74VHCT367AFT |
HEX BUS BUFFER NON-INVERTED, 3-STATE OUTPUTS
|
TOSHIBA
|
MAX799C/D MAX797C/D MAX796-MAX799 MAX796CSE MAXIMI |
Octal Buffers And Line Drivers With 3-State Outputs 20-CFP -55 to 125 SWITCHING CONTROLLER, 330 kHz SWITCHING FREQ-MAX, PDSO16 Octal Buffers And Line Drivers With 3-State Outputs 20-CDIP -55 to 125 Octal Bus Transceivers With 3-State Outputs 20-LCCC -55 to 125 Step-Down Controllers with Synchronous Rectifier for CPU Power
|
Maxim Integrated Products, Inc. Maxim Integrated Produc...
|