PART |
Description |
Maker |
UHR-151300-D12 UHR-151300-D48 UHR-3.34850-D12 UHR- |
15V 16-20W, single output DC/DC converter 3.3V 16-20W, single output DC/DC converter 12V 16-20W, single output DC/DC converter
|
Datel
|
VKA100LS02 VKA100LS02F VKA100LS03 VKA100LS03F VKA1 |
100 watt single output half brick DC/DC converter. Input voltage 24VDC, VOUT 2.0VDC, IOUT 30.0A. 100 watt single output half brick DC/DC converter. Input voltage 24VDC, VOUT 2.5VDC, IOUT 30.0A. 100 WATT SINGLE OUTPUT HALF BRICK DC/DC CONVERTER 1-OUTPUT 100 W DC-DC REG PWR SUPPLY MODULE 100 watt single output half brick DC/DC converter. Input voltage 24VDC, VOUT 2.0VDC, IOUT 20.0A. 100 watt single output half brick DC/DC converter. Input voltage 24VDC, VOUT 3.3VDC, IOUT 20.0A.
|
CANDD[C&D Technologies] C&D TECHNOLOGIES INC
|
UWR-121650-D48A UWR-151300-D48A UWR-121650-D12A |
12V 14-20W, single output DC/DC converter 15V 14-20W, single output DC/DC converter
|
Datel
|
FDD03-05D FDD03-05D1 FDD03-05D2 FDD03-XXX FDD03-15 |
DC - DC CONVERTER 2 - 3W SINGLE & DUAL OUTPUT 直流-直流转换2 - 3W DC - DC CONVERTER 2 - 3W SINGLE & DUAL OUTPUT
|
Electronic Theatre Controls, Inc. ETC[ETC] List of Unclassifed Manufacturers
|
VKA60LS05 VKA60LS12 VKA60LS15 VKA60LS24 VKA60XS VK |
50 WATT SINGLE OUTPUT HALF BRICK DC/DC CONVERTER 50 WATT SINGLE OUTPUT HALF BRICK DC/DC CONVERTER 1-OUTPUT 60 W DC-DC REG PWR SUPPLY MODULE
|
CANDD[C&D Technologies]
|
IB0505LD-W75 IB0505LS-W75 IB0509LD-1W IB1209LD-1W |
SINGLE OUTPUT SMD DC-DC CONVERTER SINGLE OUTPUT DC-DC CONVERTER
|
MORNSUN Science& Technology Ltd.
|
VEFT1-S3.3-S3.3-SMT VEFT1-S3.3-S5-SMT VEFT1-S5-S9- |
1-OUTPUT 1 W DC-DC UNREG PWR SUPPLY MODULE single output series dc-dc converter
|
CUI INC,
|
POLS06-05T POLS06-05T-P POL06-05T |
6A Output Current Rating DC/DC Open Frame Converter Single Output
|
Wall Industries,Inc.
|
TC1320EOA TC1320EUA TC1320 TC1320EOATR TC1320EUATR |
The TC1320 is a serially accessible 8-bit voltage output digital-to-analog converter (DAC). The DAC produces an output voltage that ... The TC1320 is a serially accessible 8-bit voltage output digital-to-analog converter (DAC). The DAC produces an output voltage that ranges from ground to an externally supplied reference voltage. It operates from a single power supply that 8-Bit Digital-to-Analog Converter with Two-Wire Interface
|
MICROCHIP[Microchip Technology]
|
5962-05238 5962-05240 5962-05241 5962-05242 5962-0 |
30W Total Output Power 28 Vin 1.5 Vout Single DC-DC Radiation Hardened Converter in a LS Package. DLA Number 5962-05238 30W Total Output Power 28 Vin 5 Vout Single DC-DC Radiation Hardened Converter in a LS Package. DLA Number 5962-05240 30W Total Output Power 28 Vin /-12 Vout Dual DC-DC Radiation Hardened Converter in a LS Package. DLA Number 5962-05241 30W Total Output Power 28 Vin /-15 Vout Dual DC-DC Radiation Hardened Converter in a LS Package. DLA Number 5962-05242 30W Total Output Power 28 Vin 12 Vout Single DC-DC Radiation Hardened Converter in a LS Package. DLA Number 5962-06241 30W Total Output Power 28 Vin 2.5 Vout Single DC-DC Radiation Hardened Converter in a LS Package.
|
International Rectifier
|
FB2405S-2W FB2409S-2W FB1209S-2W FB1215S-2W FB0515 |
SINGLE OUTPUT DC-DC CONVERTER
|
MORNSUN Science& Technology Ltd.
|
M-7815-NZ M-78-NZ M-786.5-NZ M-783.3-NZ M-7812-NZ |
Single Output DC/DC Converter
|
Make-Ps
|