PART |
Description |
Maker |
EKMH100VSN104MA63T EKMH160VSN104MA80T EKMH100VSN10 |
Standard Voltage Ratings - Snap Mount
|
United Chemi-Con, Inc.
|
GBL210 GBL208 |
Maximum Ratings & Thermal Characteristics Ratings at 25ambient temperature unless otherwise specified.
|
乐山无线电股份有限公
|
TC1412 TC1412N TC1412NEUA713 TC1412EUA713 TC1412EP |
2A High-Speed MOSFET Drivers The TC1412/1412N are 2A CMOS buffer/drivers. They will not latch up under any conditions within their power and voltage ratings. ... The TC1412/1412N are 2A CMOS buffer/drivers. They will not latch up under any conditions within their power and voltage ratings. They are not subject to damage when up to 5V of noise spiking of either polarity occurs on the ground pin. The
|
http:// Microchip
|
D20SB10 D20SB20 D20SB80 D20SB60 D20SB40 D20SB100 |
Maximum Ratings & Thermal Characteristics Ratings at 25ambient temperature unless otherwise specified. Maximum Ratings & Thermal Characteristics Ratings at 25ambient temperature unless otherwise specified. 最大额定
|
乐山无线电股份有限公 Leshan Radio Company, Ltd.
|
BTA40A BTA40B 2939 BTA40-400B BTA40-400A BTA40-600 |
Standard triac, 40Ampere, 800V Standard triac, 40Ampere, 700V Standard triac, 40Ampere, 600V Standard triac, 40Ampere, 400V From old datasheet system STANDARD TRIACS RP Series - Econoline Unregulated DC-DC Converters; Input Voltage (Vdc): 15V; Output Voltage (Vdc): 12V; Power: 1W; Pot-Core Transformer - separated
|
SGS Thomson Microelectronics STMICROELECTRONICS[STMicroelectronics] 意法半导 ST Microelectronics
|
D3800E |
High voltage ratings up to 5500V
|
Nell Semiconductor Co.,...
|
D2500D |
High voltage ratings up to 2500V
|
Nell Semiconductor Co.,...
|
D4535D |
Voltage ratings: 200V to 600V
|
Nell Semiconductor Co.,...
|
FTD182 |
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS DIODE TRIO DELCO TYPE Repetitive Peak Reverse Voltage VRRM 200
|
FCI connector First Components International
|
XC61CN0802MB XC61CC0802MB XC61CC0801LB XC61CN0801L |
Low Voltage Detectors (VDF= 0.8V1.5V) Standard Voltage Detectors (VDF 1.6V.0V) Low Voltage Detectors (VDF= 0.8V.5V) Standard Voltage Detectors (VDF 1.6V.0V) 低电压检测器(偏氟乙烯\u003d 0.8V的?.5V)标准电压检测器(偏氟乙烯电.6V.0V的)
|
TOREX SEMICONDUCTOR LTD. Torex Semiconductor, Ltd.
|
SCHJ22.5K SCHJ15K SCHJ45K SCHJ37.5K |
High Voltage,High Density Standard Recovery Rectifier(反向电压45000V,温5℃时平均整流电流50mA,高压,高密度,标准恢复整流器) 高电压,高密度标准恢复整流(反向电压45000V,温5℃时平均整流电流0mA,高压,高密度,标准恢复整流器) High Voltage,High Density Standard Recovery Rectifier(反向电压37500V,温5℃时平均整流电流50mA,高压,高密度,标准恢复整流器) High Voltage,High Density Standard Recovery Rectifier(反向电压22500V,温5℃时平均整流电流50mA,高压,高密度,标准恢复整流器) STANDARD RECOVERY HIGH VOLTAGE RECTIFIER ASSEMBLY
|
Semtech Corporation
|