PART |
Description |
Maker |
FZT1151A FZT1151ATA FZT1151A-15 |
Discrete - Bipolar Transistors - Transistor (BJT) Master Table - Transistors 30V to 50V PNP Low Sat Transistor TRANS PNP -40V -3000MA SOT-223 3 A, 40 V, PNP, Si, POWER TRANSISTOR PNP SILICON PLANAR MEDIUM POWER HIGH GAIN TRANSISTOR 3 A, 40 V, PNP, Si, POWER TRANSISTOR
|
Zetex Semiconductors Diodes Incorporated Zetex Semiconductor PLC
|
BD438 ON0195 BD442 BD440 |
RH Series - Econoline Unregulated DC-DC Converters; Input Voltage (Vdc): 12V; Output Voltage (Vdc): 05V; Power: 1W; Safety standards and approval: EN POWER TRANSISTORS PNP SILICON From old datasheet system 4.0 AMPERES POWER TRANSISTORS Plastic Medium Power Silicon PNP Transistor
|
Motorola Inc ONSEMI[ON Semiconductor] MOTOROLA[Motorola, Inc]
|
MJW0281A MJW0281A05 MJW0302A MJW0281ADATASHEET MJW |
Complementary NPN?PNP Power Bipolar Transistors ; Package: SOIC NARROW; No of Pins: 14; Qty per Container: 55/Rail 15 A, 260 V, PNP, Si, POWER TRANSISTOR, TO-247AD Complementary NPN-PNP Power Bipolar Transistors Complementary Power Transistors
|
ON Semiconductor http://
|
2N4920 2N4919 2N4918 2N491-D |
Medium-Power Plastic PNP Silicon Transistors GENERAL.PURPOSE POWER TRANSISTORS
|
ONSEMI[ON Semiconductor]
|
BD13601 BD140-16 BD136 BD136-10 BD136-16 BD138 BD1 |
1.5 A, 60 V, PNP, Si, POWER TRANSISTOR, TO-126 PNP SILICON TRANSISTORS
|
STMICROELECTRONICS[STMicroelectronics]
|
BD138 BD138-10 BD138-16 BD140 BD140-10 BD140-16 BD |
PNP power transistors PNP power transistors 1.5 A, 60 V, PNP, Si, POWER TRANSISTOR, TO-126 Hook-Up Wire; Conductor Size AWG:20; No. Strands x Strand Size:7 x 28; Jacket Color:Green; Approval Bodies:UL, CSA; Approval Categories:UL AWM Styles 1007, 1565; CSA Types TR-64, TRSR-64; JQA-F; Passes VW-1 Flame Test RoHS Compliant: Yes PNP power transistor(PNP????朵?绠?
|
NXP Semiconductors N.V. PHILIPS[Philips Semiconductors]
|
MJB42CT4 MJB41C MJB41CT4 MJB42C MJB41C-D |
Complementary Silicon Plastic Power Transistors D2PAK for Surface Mount Complementary Silicon Plastic Power Transistors 6 A, 100 V, PNP, Si, POWER TRANSISTOR Complementary Silicon Plastic Power Transistors 6 A, 100 V, NPN, Si, POWER TRANSISTOR
|
http:// ONSEMI[ON Semiconductor]
|
MJ3281A NH1302A |
15 AMPERE COMPLEMENTARY SILICON POWER TRANSISTORS 200 VOLTS 250 WATTS COMEPLEMENTARY NPN-PNP SILICON POWER BOPOLAR TRANSISTOR
|
Motorola Inc MOTOROLA[Motorola, Inc]
|
2SA959 |
Silicon NPN Power Transistors Silicon PNP Power Transistors
|
Savantic, Inc.
|
MJE15031 |
Silicon NPN Power Transistors Silicon PNP Power Transistors
|
Savantic, Inc.
|