PART |
Description |
Maker |
D44H10 D45H11 D44H8 D45H8 D44H D45H10 D44H11 ON027 |
10 AMPERE COMPLEMENTARY SILICON POWER TRANSISTORS 60, 80 VOLTS Card Edge Connector; No. of Contacts:24; Pitch Spacing:0.156"; Contact Termination:Solder; Leaded Process Compatible:Yes; Mounting Hole Dia:0.128" RoHS Compliant: Yes 10 A, 80 V, NPN, Si, POWER TRANSISTOR, TO-220AB COMPLEMENTARY SILICON POWER TRANSISTORS 10 A, 80 V, PNP, Si, POWER TRANSISTOR, TO-220AB 10 AMPERE COMPLEMENTARY SILICON POWER TRANSISTORS 60/ 80 VOLTS 10 AMPERE COMPLEMENTARY SILICON POWER TRANSISTORS 60 80 VOLTS From old datasheet system
|
Motorola Inc ONSEMI[ON Semiconductor] MOTOROLA[Motorola Inc] http://
|
MJE182 MJE171 MJE181 MJE172 ON2017 MOTOROLAINC-MJE |
POWER TRANSISTORS COMPLEMENTARY SILICON 3 A, 80 V, NPN, Si, POWER TRANSISTOR, TO-225AA From old datasheet system COMPLEMENTARY SLLLCON PLASTLC POWER TRANSLSTORS 3 AMPERE POWER TRANSISTORS COMPLEMENTARY SILICON 60-80 VOLTS 12.5 WATTS
|
MOTOROLA[Motorola, Inc] ONSEMI[ON Semiconductor]
|
MJW0281A MJW0281A05 MJW0302A MJW0281ADATASHEET MJW |
Complementary NPN?PNP Power Bipolar Transistors ; Package: SOIC NARROW; No of Pins: 14; Qty per Container: 55/Rail 15 A, 260 V, PNP, Si, POWER TRANSISTOR, TO-247AD Complementary NPN-PNP Power Bipolar Transistors Complementary Power Transistors
|
ON Semiconductor http://
|
MJB42CT4 MJB41C MJB41CT4 MJB42C MJB41C-D |
Complementary Silicon Plastic Power Transistors D2PAK for Surface Mount Complementary Silicon Plastic Power Transistors 6 A, 100 V, PNP, Si, POWER TRANSISTOR Complementary Silicon Plastic Power Transistors 6 A, 100 V, NPN, Si, POWER TRANSISTOR
|
http:// ONSEMI[ON Semiconductor]
|
CJD42CPNP CJD41C CJD41CNPN CJD42C |
SMD Bipolar Power Transistor PNP General Purpose Amplifier/Switch COMPLEMENTARY SILICON POWER TRANSISTOR
|
CENTRAL[Central Semiconductor Corp]
|
2N6473 2N6474 2N6476 2N6475 |
COMPLEMENTARY SILICON SWITCHING TRANSITORS 4 A, 100 V, NPN, Si, POWER TRANSISTOR, TO-220AB COMPLEMENTARY SILICON SWITCHING TRANSITORS 4 A, 120 V, NPN, Si, POWER TRANSISTOR, TO-220AB COMPLEMENTARY SILICON SWITCHING TRANSITORS 4 A, 100 V, PNP, Si, POWER TRANSISTOR, TO-220AB
|
Central Semiconductor, Corp. Central Semiconductor Corp. CENTRAL[Central Semiconductor Corp]
|
CFD2059R CFD2059O |
30.000W Power NPN Plastic Leaded Transistor. 100V Vceo, 5.000A Ic, 40 - 80 hFE. Complementary CFB1367R 30.000W Power NPN Plastic Leaded Transistor. 100V Vceo, 5.000A Ic, 40 - 240 hFE. Complementary CFB1367 30.000W Power NPN Plastic Leaded Transistor. 100V Vceo, 5.000A Ic, 70 - 140 hFE. Complementary CFB1367O
|
Continental Device India Limited
|
CZT31C |
2.0W COMPLEMENTARY SILICON POWER TRANSISTOR 3 A, 100 V, NPN, Si, POWER TRANSISTOR
|
Central Semiconductor, Corp.
|
MJ15015 MJ15016 MJ2955A ON0037 2N3055 2N3055A |
15 AMPERE COMPLEMENTARY SILICON POWER TRANSISTORS 60, 120 VOLTS 115, 180 WATTS 15 A, 60 V, PNP, Si, POWER TRANSISTOR, TO-204AA 15 AMPERE COMPLEMENTARY SILICON POWER TRANSISTORS 60 / 120 VOLTS 115 / 180 WATTS From old datasheet system 15 AMPERE COMPLEMENTARY SILICON POWER TRANSISTORS 60 120 VOLTS 115 180 WATTS Complementary Slllcon
|
Motorola Mobility Holdings, Inc. Motorola, Inc. MOTOROLA[Motorola, Inc] MOTOROLA[Motorola Inc] ONSEMI[ON Semiconductor]
|
MJ11028 MJ11029 MJ11033 MJ11030 MJ11031 MJ11032 |
COMPLEMENTARY DARLINGTON POWER TRANSISTOR
|
SemeLAB SEME-LAB[Seme LAB]
|
TIP42A TIP41A TIP41A_05 |
COMPLEMENTARY SILICON POWER TRANSISTOR
|
STMICROELECTRONICS[STMicroelectronics]
|
CJD210 CJD200 |
COMPLEMENTARY SILICON POWER TRANSISTOR
|
CENTRAL[Central Semiconductor Corp]
|