PART |
Description |
Maker |
BA40L-N BA40L-P |
BLOCK TYPE AVALANCHE AUTOMOTIVE RECTIFIER
|
MIC GROUP RECTIFIERS
|
1616500000 |
Terminal Block; Wire Size (AWG):26-12; Mounting Type:Clip; Leaded Process Compatible:Yes; Terminal Block Clamp Type:Tension Clamp 16 A, MODULAR TERMINAL BLOCK, 1 ROW, 1 DECK
|
Weidmuller, Corp.
|
25.352.4353.0 25.350.4153.0 99.213.9996.2 25.352.3 |
Terminal Block; Mounting Type:PC Board; Terminal Block Clamp Type:Screw Clamp 12 A, STRIP TERMINAL BLOCK, 1 ROW, 1 DECK Terminal Strip; No. of Positions:5; Pitch Spacing:0.2"; Mounting Type:PC Board; Leaded Process Compatible:No; Peak Reflow Compatible (260 C):No; Terminal Block Clamp Type:Screw Clamp RoHS Compliant: Yes PCB PIN STRIP 8213 S / 12 W OB GR OF RoHS Compliant: Yes
|
Wieland Electric, Inc. WIELAND ELECTRIC INC
|
BNX022-01 BNX022-01L BNX023-01L BNX023-01B |
Block Type EMIFILr LC Combined Type Block Type EMIFIL LC Combined Type
|
Murata Manufacturing Co., Ltd. Murata Manufacturing Co...
|
25.840.3253.0 |
Terminal Block; No. of Positions:2; Pitch Spacing:5.08mm; Wire Size (AWG):12; Mounting Type:PC Board; Body Material:Polyamide 6.6; Current Rating:12A; No. of Contacts:2; No. of Rows:1; Terminal Block Clamp Type:Spring Clamp RoHS Compliant: Yes
|
WIELAND ELECTRIC INC
|
25.171.0253.0 25.163.7253.0 25.161.7153.0 25.160.0 |
Terminal Block; No. of Positions:2; Pitch Spacing:5mm; Wire Size (AWG):12-22; Mounting Type:PC Board 16 A, STRIP TERMINAL BLOCK, 1 ROW, 1 DECK
|
Wieland Electric, Inc. WIELAND ELECTRIC INC
|
67600973 |
Terminal Block; No. of Positions:16; Pitch Spacing:0.2"; Wire Size (AWG):24-14; Mounting Type:PC Board; Leaded Process Compatible:Yes RoHS Compliant: Yes 16 A, MODULAR TERMINAL BLOCK, 1 ROW, 1 DECK
|
Weidmuller, Corp.
|
39970-0112 39970-0106 39970-0307 |
300mA LDO Linear Regulators with Internal Microprocessor Reset Circuit Terminal Block; No. of Positions:6; Pitch Spacing:0.4"; Wire Size (AWG):18-6; Mounting Type:PC Board; Body Material:Thermoplastic; Color:Black; Current Rating:60A; No. of Contacts:6 RoHS Compliant: Yes 60 A, STRIP TERMINAL BLOCK, 1 ROW, 1 DECK SR BTS 10.16MM 7 ASY VERT 40 A, STRIP TERMINAL BLOCK, 1 ROW, 1 DECK
|
Molex, Inc.
|
39100-1002 39100-1003 39100-1004 39100-1005 39100- |
391001306 12MM LOW PROFILE W/WIRE PROTEC 3 ASY 12MM LOW PROFILE W/WIRE PROTEC 7 ASY 12MM LOW PROFILE W/WIRE PROTEC 9 ASY Terminal Block; No. of Positions:10; Pitch Spacing:0.472"; Wire Size (AWG):20-8; Mounting Type:Screw; Terminal Block Clamp Type:Screw Clamp RoHS Compliant: Yes 40 A, BARRIER STRIP TERMINAL BLOCK, 1 ROW, 1 DECK CONN TERMINAL STRIP 3POS 15MM 63 A, BARRIER STRIP TERMINAL BLOCK, 1 ROW, 1 DECK CONN TERMINAL STRIP 3POS 12MM 40 A, BARRIER STRIP TERMINAL BLOCK, 1 ROW, 1 DECK Terminal Block; No. of Positions:10; Pitch Spacing:0.591"; Wire Size (AWG):14-6; Mounting Type:Screw; Terminal Block Clamp Type:Screw Clamp RoHS Compliant: Yes 63 A, BARRIER STRIP TERMINAL BLOCK, 1 ROW, 1 DECK Terminal Block; Number of Positions:10; Pitch Spacing:0.394"; Wire Size (AWG):18-10; Mounting Type:Screw; Terminal Block Clamp Type:Screw Clamp 30 A, BARRIER STRIP TERMINAL BLOCK, 1 ROW, 1 DECK 8.00mm (.315? Pitch 10.00mm (.394? Pitch 12.00mm (.472? Pitch 15.00mm (.591? Pitch Eurostyle? Two-Screw Terminal Strip 10MM HIGH PROFILE W/WIRE PROTEC 11 ASY 30 A, BARRIER STRIP TERMINAL BLOCK, 1 ROW, 1 DECK 15MM HIGH PROFILE W/WIRE PROTEC 11 ASY 63 A, BARRIER STRIP TERMINAL BLOCK, 1 ROW, 1 DECK 10MM LOW PROFILE W/WIRE PROTEC 11 ASY 30 A, BARRIER STRIP TERMINAL BLOCK, 1 ROW, 1 DECK 12MM LOW PROFILE W/WIRE PROTEC 11 ASY 40 A, BARRIER STRIP TERMINAL BLOCK, 1 ROW, 1 DECK 8.00mm (.315隆卤) Pitch 10.00mm (.394隆卤) Pitch 12.00mm (.472隆卤) Pitch 15.00mm (.591隆卤) Pitch Eurostyle垄莽 Two-Screw Terminal Strip
|
MOLEX INC Molex, Inc. Molex Electronics Ltd.
|
BD3536 BD3520-14 |
35A AVALANCHE BOSCH TYPE PRESS-FIT DIODE
|
Won-Top Electronics
|
BD5020 BD5024 |
50A AVALANCHE BOSCH TYPE PRESS-FIT DIODE
|
Won-Top Electronics
|
|