PART |
Description |
Maker |
ADD-55A ADD-55B |
55W Dual Output with Battery Charger(USPFunction)
|
Mean Well Enterprises Co., Ltd.
|
AD-55 AD-55A AD-55B |
55W Single Output with Battery Charger(UPS Function)
|
Mean Well Enterprises Co., Ltd.
|
ADS-5524 |
55W Single Output with 5V,4A DC-DC Converter
|
Mean Well Enterprises Co., Ltd.
|
S020-1220120-FB S020-1240120-FB |
DC/DC Converter 12.0V input, 1.2 to 5.0V adjustable output, 20A or 55W
|
C&D Technologies
|
3/700RSE.099161 150RS.025269 3/RST4.099146 RST4K.0 |
AKKU TELEFON STECKLOETFAHNE 3.6V 100G BATTERIE NICKEL CADMIUM AKKU LADY N 1.2V Low-Power, Single-/Dual-Level Battery Monitors with Hysteresis and Integrated µP Reset BATTERY HIGH TEMP.NI-CAD BATTERY AAA TYPE AAA级电池类
|
Analog Devices, Inc.
|
LTC1558CS-3.3 LTC1558CS-5 155833 LTC1558CGN-3.3 LT |
Backup Battery Controllerwith Programmable Output Backup Battery Controller with Programmable Output
|
Linear Technology
|
BU207 BU208 BU208A |
POWER TRANSISTORS(5.0A,1300-1500V,55W) POWER TRANSISTORS(5.0A/1300-1500V/55W)
|
MOSPEC SEMICONDUCTOR CORP.
|
RE031 |
RE031 [Updated 3/03. 10 Pages] A dual mode Low Drop Out (LDO) voltage regulator macrocell with a fixed 2.5V output voltage. rated for loads of up A dual mode Low Drop Out (LDO) voltage regulator macrocell with a fixed 2.5V output voltage, rated for loads of up to 5 mA. A typical application is real-time clock, backup battery supply in mobile terminals.
|
Atmel
|
T2G405528-FS-EVB2 T2G4005528-FS |
55W, 28V DC 3.5 GHz, GaN RF Power Transistor
|
TriQuint Semiconductor
|
RA55H3847M10 |
380-470MHz 55W 12.5V, 3 Stage Amp. For MOBILE RADIO
|
Mitsubishi Electric Semiconductor
|
P6EU-XXXXZH30 P6EU P6EU-0505ZH30 P6EU-0509ZH30 P6E |
Input voltage:12V, output voltage /-15V ( /-34mA), 3KV isolated 1W unregulated dual output Input voltage:12V, output voltage /-9V ( /-55mA), 3KV isolated 1W unregulated dual output Input voltage:12V, output voltage /-12V ( /-42mA), 3KV isolated 1W unregulated dual output Input voltage:12V, output voltage /-5V ( /-100mA), 3KV isolated 1W unregulated dual output Input voltage:5V, output voltage /-15V ( /-34mA), 3KV isolated 1W unregulated dual output Input voltage:5V, output voltage /-9V ( /-55mA), 3KV isolated 1W unregulated dual output Input voltage:5V, output voltage /-12V ( /-42mA), 3KV isolated 1W unregulated dual output Input voltage:5V, output voltage /-5V ( /-100mA), 3KV isolated 1W unregulated dual output RF Coaxial Connector Adapter; Convert From:SMA Plug; Convert To:1.0/2.3 Jack; Body Style:Straight Adapter, Plug-Jack RoHS Compliant: Yes 3KV ISOLATED 1W UNREGULATED DUAL OUTPUT SIP6 千伏隔震1W的未稳压双输SIP6
|
PEAK[PEAK electronics GmbH] Electronic Theatre Controls, Inc.
|