PART |
Description |
Maker |
5LP01N |
Dual High Efficiency, Low Noise, Synchronous Step-Down Switching Regulators P-Channel Silicon MOSFET for Ultrahigh-Speed Switching Applications(超高速转换应用的P沟道硅MOSFET) P-Channel Silicon MOSFET Ultrahigh-Speed Switching Applications Pico MOSFET Series
|
Sanyo Electric Co.,Ltd. SANYO[Sanyo Semicon Device] Sanyo Semiconductor
|
ENA0889 MCH6438 |
P-Channel Silicon MOSFET General-Purpose Switching Device Applications 200 mA, 60 V, N-CHANNEL, Si, SMALL SIGNAL, MOSFET
|
Sanyo Semicon Device SANYO SEMICONDUCTOR CO LTD
|
2SK383204 2SK3832 |
30 A, 100 V, 0.08 ohm, N-CHANNEL, Si, POWER, MOSFET N-Channel Silicon MOSFET General-Purpose Switching Device Applications
|
SANYO SEMICONDUCTOR CO LTD Sanyo Semicon Device
|
2SK1450 |
20 A, 450 V, 0.3 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-3PB N-Channel Silicon MOSFET Ultrahigh-Speed Switching Applications
|
Sanyo
|
FDS898407 FDS8984 |
N-Channel PowerTrench? MOSFET N-Channel PowerTrench庐 MOSFET N-Channel PowerTrench㈢ MOSFET N-Channel PowerTrench MOSFET 30V, 7A, 23mOhm 7 A, 30 V, 0.032 ohm, 2 CHANNEL, N-CHANNEL, Si, POWER, MOSFET
|
FAIRCHILD SEMICONDUCTOR CORP Fairchild Semiconductor, Corp.
|
3SK231 3SK231U1C 3SK231U1D |
N-Channel Silicon Dual-Gate MOSFET(应用于RF放大器的N沟道双门MOSFET) 300mA LDO Linear Regulators with Internal Microprocessor Reset Circuit TRANSISTOR | MOSFET | N-CHANNEL | 18V V(BR)DSS | 25MA I(D) | SOT-143R
|
NEC Corp.
|
2SK3608-01L 2SK3608-S 2SK3608-SJ 2SK3608 |
N-CHANNEL SILICON POWER MOSFET N-CHANNEL SILICON POWER MOSFET 18 A, 200 V, 0.17 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB
|
FUJI[Fuji Electric] FUJI ELECTRIC HOLDINGS CO., LTD.
|
2SK3560 |
Silicon N-channel power MOSFET For PDP/For high-speed switching 30 A, 230 V, 0.074 ohm, N-CHANNEL, Si, POWER, MOSFET
|
Panasonic, Corp. PANASONIC[Panasonic Semiconductor]
|
CMLDM5757 |
SURFACE MOUNT DUAL P-CHANNEL ENHANCEMENT-MODE SILICON MOSFETS 430 mA, 20 V, 2 CHANNEL, P-CHANNEL, Si, SMALL SIGNAL, MOSFET
|
Central Semiconductor Corp
|
2SK1014-01 |
PTSE 8C 8#20 PIN RECP 12 A, 500 V, 0.74 ohm, N-CHANNEL, Si, POWER, MOSFET N-CHANNEL SILICON POWER MOSFET
|
Fuji Electric Holdings Co., Ltd. FUJI[Fuji Electric]
|
|