PART |
Description |
Maker |
BD675 BD679A BD677A BD677 ON0196 BD675A BD679 BD67 |
From old datasheet system 4.0 AMPERE POWER TRANSISTORS Plastic Medium-Power Silicon NPN Darlingtons DARLINGTON POWER TRANSISTORS NPN SILICON
|
MOTOROLA[Motorola, Inc] ON Semiconductor Motorola Inc Motorola, Inc.
|
MJW3281AG MJW3281A10 MJW1302AG |
Complementary NPN-PNP Silicon Power Bipolar Transistors 15 AMPERES COMPLEMENTARY SILICON POWER TRANSISTORS 230 VOLTS 200 WATTS 15 A, 230 V, NPN, Si, POWER TRANSISTOR, TO-247AD Complementary NPN-PNP Silicon Power Bipolar Transistors
|
ON Semiconductor
|
2N5655 2N5656 2N5657 |
Power 1A 350V NPN POWER TRANSISTORS NPN SILICON Plastic NPN Silicon High-Voltage Power Transistor
|
ONSEMI[ON Semiconductor]
|
2SC2344 2SA1011 |
NPN Epitaxial Planar Silicon Transistors High-Voltage Switching, AF Power Amp, 100W Output Predriver Applications PNP/NPN Epitaxial Planar Silicon Transistors
|
Sanyo
|
2N6387 2N6388 ON0090 |
DARLINGTON NPN SILICON POWER TRANSISTORS 8 AND 10 AMPERE NPN SILICON From old datasheet system
|
ONSEMI[ON Semiconductor]
|
2SA2044 2SC5710 2SA2044FA 2SC5710TP-FA |
Low-Power, Single/Dual-Voltage µP Reset Circuits with Capacitor-Adjustable Reset Timeout Delay TRANSISTOR | BJT | PNP | 30V V(BR)CEO | 9A I(C) | TO-252VAR DC / DC Converter Applications PNP/NPN Epitaxial Planar Silicon Transistors PNP / NPN Epitaxial Planar Silicon Transistors PNP Epitaxial Planar Silicon Transistors DC/DC Converter Applications
|
SANYO[Sanyo Semicon Device] Matsshita / Panasonic
|
PMD11K80 PMD11K PMD11K100 PMD11K60 PMD10K80 PMD10K |
Silicon Power Darlington Transistors SILICON POWER DARLING TRANSISTORSl 12 A, 80 V, NPN, Si, POWER TRANSISTOR, TO-3
|
Central Semiconductor C... CENTRAL[Central Semiconductor Corp] Central Semiconductor Corp. Central Semiconductor, Corp.
|
2SD794 2SD794A 2SD794A-AZ |
3000 mA, 60 V, NPN, Si, SMALL SIGNAL TRANSISTOR NPN SILICON POWER TRANSISTORS
|
NEC[NEC]
|
BDP947 BDP949 |
Silicon NPN Transistor General Purpose Transistors - NPN Silicon AF Power Transistor for AF driver and output stages
|
Infineon Technologies A... INFINEON[Infineon Technologies AG]
|
MJ2500 MJ2501 |
Silicon PNP Power Transistors Silicon NPN Power Transistors
|
Savantic, Inc.
|