PART |
Description |
Maker |
BFP25 BFP22 Q62702-F721 Q62702-F621 Q62702-F201 Q6 |
NPN Silicon Transistor with high Reve... From old datasheet system NPN Silicon Transistors with High Reverse Voltage Isolation- UL94V-0 Package Material- Power Sharing on Output- Efficiency to 84% NPN Silicon RF Transisrors NPN Silicon Transistors (High breakdown voltage l Low collector-emitter saturation voltage) NPN硅晶体管(高耐压l低集电极发射极饱和电压)
|
SIEMENS[Siemens Semiconductor Group] Infineon SIEMENS AG
|
D44H10 D45H11 D44H8 D45H8 D44H D45H10 D44H11 ON027 |
10 AMPERE COMPLEMENTARY SILICON POWER TRANSISTORS 60, 80 VOLTS Card Edge Connector; No. of Contacts:24; Pitch Spacing:0.156"; Contact Termination:Solder; Leaded Process Compatible:Yes; Mounting Hole Dia:0.128" RoHS Compliant: Yes 10 A, 80 V, NPN, Si, POWER TRANSISTOR, TO-220AB COMPLEMENTARY SILICON POWER TRANSISTORS 10 A, 80 V, PNP, Si, POWER TRANSISTOR, TO-220AB 10 AMPERE COMPLEMENTARY SILICON POWER TRANSISTORS 60/ 80 VOLTS 10 AMPERE COMPLEMENTARY SILICON POWER TRANSISTORS 60 80 VOLTS From old datasheet system
|
Motorola Inc ONSEMI[ON Semiconductor] MOTOROLA[Motorola Inc] http://
|
MJD47 MJD47T4 MJD50 ON2006 MJD50-1 MJD50T4 MJD47-1 |
NPN SILICON POWER TRANSISTORS 1 AMPERE 250 / 400 VOLTS 15 WATTS NPN SILICON POWER TRANSISTORS 1 AMPERE 250, 400 VOLTS 15 WATTS 1 A, 400 V, NPN, Si, POWER TRANSISTOR From old datasheet system NPN SILICON POWER TRANSISTORS 1 AMPERE 250 400 VOLTS 15 WATTS DPAK For Surface Mount Applications
|
Motorola Mobility Holdings, Inc. Motorola, Inc. MOTOROLA[Motorola, Inc] MOTOROLA[Motorola Inc] ON Semiconductor
|
2N6497 2N6498 |
POWER TRANSISTORS NPN SILICON High Voltage NPN Silicon Power Transistors
|
ONSEMI[ON Semiconductor]
|
2N6388 2N6387 |
DARLINGTON NPN SILICON POWER TRANSISTORS Plastic Medium-Power Silicon Transistors
|
ONSEMI[ON Semiconductor]
|
2N3772 2N3771 ON0041 |
POWER TRANSISTORS (NPN SILICON) From old datasheet system HLlgh Power NPN Slllcon Power Translstors
|
ONSEMI[ON Semiconductor]
|
2SB1121 2SD1621 2SD1621U 2SB1121R |
NPN Epitaxial Planar Silicon Transistors High-Current Driver Applications PNP/NPN Epitaxial Planar Silicon Transistors Low-Power, Single/Dual-Level Battery Monitors with Hysteresis 5-Pin µP Supervisory Circuits with Watchdog and Manual Reset 5个引amp;#181;带看门狗和手动复位的P监控电路
|
Sanyo Hitachi,Ltd.
|
2N2220 2N2221 2N2222 Q68000-A4573 Q62702-F134 Q627 |
NPN Silicon Planar Transistors 800 mA, 30 V, NPN, Si, SMALL SIGNAL TRANSISTOR, TO-18 NPN Silicon Planar Transistors NPN硅平面晶体管
|
SIEMENS[Siemens Semiconductor Group] Siemens Group SIEMENS AG
|
2SC2371 |
NPN Silicon Power Transistors 0.1 A, 300 V, NPN, Si, POWER TRANSISTOR, TO-126
|
Micro Commercial Components, Corp.
|
MJW16010A-D MJW16010A |
NPN Silicon Power Transistors NPN Silicon Power Transistors 1 kV SWITCHMODE Series
|
ON Semiconductor
|
MJ2955 |
Silicon NPN Power Transistors Silicon PNP Power Transistors
|
Savantic, Inc.
|