PART |
Description |
Maker |
2SB1011 |
Power Device - Power Transistors - General-Purpose power amplification Silicon PNP Transistor Silicon PNP triple diffusion planar type
|
Panasonic Corporation
|
D44H10 D45H11 D44H8 D45H8 D44H D45H10 D44H11 ON027 |
10 AMPERE COMPLEMENTARY SILICON POWER TRANSISTORS 60, 80 VOLTS Card Edge Connector; No. of Contacts:24; Pitch Spacing:0.156"; Contact Termination:Solder; Leaded Process Compatible:Yes; Mounting Hole Dia:0.128" RoHS Compliant: Yes 10 A, 80 V, NPN, Si, POWER TRANSISTOR, TO-220AB COMPLEMENTARY SILICON POWER TRANSISTORS 10 A, 80 V, PNP, Si, POWER TRANSISTOR, TO-220AB 10 AMPERE COMPLEMENTARY SILICON POWER TRANSISTORS 60/ 80 VOLTS 10 AMPERE COMPLEMENTARY SILICON POWER TRANSISTORS 60 80 VOLTS From old datasheet system
|
Motorola Inc ONSEMI[ON Semiconductor] MOTOROLA[Motorola Inc] http://
|
MJW0281A MJW0281A05 MJW0302A MJW0281ADATASHEET MJW |
Complementary NPN?PNP Power Bipolar Transistors ; Package: SOIC NARROW; No of Pins: 14; Qty per Container: 55/Rail 15 A, 260 V, PNP, Si, POWER TRANSISTOR, TO-247AD Complementary NPN-PNP Power Bipolar Transistors Complementary Power Transistors
|
ON Semiconductor http://
|
MPS2925 2N2925 PN2905 2N2905 |
PNP SILICON PLANAR EPITAXIAL TRANSISTORS PNP SILICON TRANSITOR PNP SILICON TRANSISTORS
|
MICRO-ELECTRONICS[Micro Electronics]
|
2SB1255 |
Silicon PNP Power Transistors Silicon PNP Darlington Power Transistors
|
Savantic, Inc.
|
BCY72 BCY70 BCY71 |
ECONOLINE: RJ & RG - Dual Output from a Single Input Rail - 3kVDC & 4kVDC Isolation - Optional Continuous Short Circuit Protected - Custom Solutions Available - UL94V-0 Package Material - Efficiency to 84% PNP SILICON TRANSISTORS PNP SILICON PLANAR EPITAXIAL TRANSISTORS
|
MICRO-ELECTRONICS[Micro Electronics]
|
MJE2955T MJE2955TG MJE3055TG MJE3055T |
Bipolar Power TO220 PNP 10A 60V; Package: TO-220 3 LEAD STANDARD; No of Pins: 3; Container: Rail; Qty per Container: 50 10 A, 60 V, PNP, Si, POWER TRANSISTOR, TO-220AB Complementary Silicon Plastic Power Transistors
|
ON Semiconductor
|
BD136 ON0185 BD140 BD138 BD140-10 |
Plastic Medium Power Silicon PNP Transistor From old datasheet system POWER TRANSISTORS PNP SILICON
|
MOTOROLA[Motorola, Inc] ON Semiconductor Motorola Inc Motorola, Inc.
|
BD544 BD544C BD544A BD544B |
PNP SILICON POWER TRANSISTORS ECONOLINE: RI - Custom Solutions Available- 1kVDC Isolation- No Extern. Components Required- UL94V-0 Package Material- No Heatsink Required- Efficiency to 87% 8 A, 40 V, PNP, Si, POWER TRANSISTOR, TO-220
|
http:// POINN[Power Innovations Ltd] Power Innovations Limited Power Innovations International, Inc.
|
MJ15023 |
Silicon NPN Power Transistors Silicon PNP Power Transistors
|
Savantic, Inc.
|
MJW21191 |
Silicon NPN Power Transistors Silicon PNP Power Transistors
|
Savantic, Inc.
|
MJ2955 |
Silicon NPN Power Transistors Silicon PNP Power Transistors
|
Savantic, Inc.
|