PART |
Description |
Maker |
SR176-W4/1GE SR176-SBN18/1GE SR176-A3S/1GE SR176-A |
13.56MHz Short Range Contactless Memory Chip 176 bit USER EEPROM and 64 bits Unique ID
|
ST Microelectronics
|
LTM9001IV-GAPBF |
16-Bit, 25Msps IF/Baseband Receiver Subsystem; Package: 81-LGA; Temperature Range: –40°C to 85°C SPECIALTY ANALOG CIRCUIT, PBGA81
|
Linear Technology, Corp.
|
AD9251BCPZRL7-80 AD9251BCPZRL7-40 AD9251BCPZ-20 AD |
14-Bit, 20 MSPS/40 MSPS/65 MSPS/80 MSPS, 1.8 V Dual Analog-to-Digital Converter; Package: 64-LFCSP (9x9mm, 6.20mm exposed pad); Temperature Range: -40°C to 125°C 2-CH 14-BIT FLASH METHOD ADC, PARALLEL ACCESS, QCC64
|
Analog Devices, Inc. ANALOG DEVICES INC
|
SRIX4K SRIX4K07 |
13.56 MHz short-range contactless memory chip with 4096-bit EEPROM, anticollision and anti-clone functions
|
STMicroelectronics
|
ADP2118ACPZ-1.2-R7 ADP2118ACPZ-2.5-R7 ADP2118ACPZ- |
3 A, 1.2 MHz/600 kHz High Efficiency Synchronous Step-Down DC-to-DC Regulator; Package: 16-LFCSP (Leadform Chip Scale); Temperature Range: -40°C to 125°C 6.4 A SWITCHING REGULATOR, 1400 kHz SWITCHING FREQ-MAX, QCC16
|
Analog Devices, Inc.
|
LTC6247IKCTRMPBF LTC6247IKCTRPBF LTC6247CKC LTC624 |
180MHz, 1mA Power Efficient Rail-to-Rail I/O Op Amps 180MHz, 1mA Power Efficient Dual Rail-to-Rail I/O Op Amps, 10-Lead MSOP, Temperature Range: 0°C to 70°C, Tape and Reel DUAL OP-AMP, 3000 uV OFFSET-MAX, 180 MHz BAND WIDTH, PDSO10 180MHz, 1mA Power Efficient Dual Rail-to-Rail I/O Op Amps, 8-Lead MSOP, Temperature Range: 0°C to 70°C DUAL OP-AMP, 3000 uV OFFSET-MAX, 180 MHz BAND WIDTH, PDSO8 180MHz, 1mA Power Efficient Single Rail-to-Rail I/O Op Amps, 6-Lead SOT, Temperature Range: –40°C to 125°C, Tape and Reel OP-AMP, 3000 uV OFFSET-MAX, 180 MHz BAND WIDTH, PDSO6 180MHz, 1mA Power Efficient Dual Rail-to-Rail I/O Op Amps, 8-Lead SOT, Temperature Range: –40°C to 125°C, Tape and Reel DUAL OP-AMP, 3000 uV OFFSET-MAX, 180 MHz BAND WIDTH, PDSO8
|
Linear Technology, Corp.
|
SRT512 |
13.56 MHz short-range contactless memory chip with 512-bit EEPROM and anticollision functions
|
STMicroelectronics
|
SRI51211 SRI512 SRI512-SBN18/1GE |
512-bit ISO14443-B contactless memory with 2 binary counters, 5 OTP blocks and anti-collision 13.56 MHz short-range contactless memory chip with 512-bit EEPROM and anticollision functions
|
ST Microelectronics STMicroelectronics
|
AD8622ARZ AD8624ARUZ |
Dual, Low Power, Low Noise, Low Bias Current, Precision Rail-to-Rail Output Op Amp; Package: 8-pin; Temperature Range: -40°C to 125°C DUAL OP-AMP, 230 uV OFFSET-MAX, 0.58 MHz BAND WIDTH, PDSO8 QUAD OP-AMP, 230 uV OFFSET-MAX, 0.6 MHz BAND WIDTH, PDSO14
|
Analog Devices, Inc. ANALOG DEVICES INC
|
LT3757EMSETRPBF LT3757IMSEPBF |
LT3757 - Boost, Flyback, SEPIC and Inverting Controller; Package: MSOP; Number of Pins: 10; Temperature Range: –40°C to 125°C SWITCHING REGULATOR, 1000 kHz SWITCHING FREQ-MAX, PDSO10 LT3757 - Boost, Flyback, SEPIC and Inverting Controller; Package: MSOP; Number of Pins: 10; Temperature Range: –40°C to 85°C
|
Linear Technology, Corp. LINEAR TECHNOLOGY CORP
|
LTC2267IUJ-12PBF LTC2267-12-15 |
12-Bit, 105Msps Low Power Dual ADCs, QFN, 40 Pins, Temperature Range: –40°C to 85°C 12-Bit, 125Msps/105Msps/ 80Msps Low Power Dual ADCs
|
LINEAR TECHNOLOGY CORP
|
|