PART |
Description |
Maker |
CE2766 |
6-Channe Audio DAC
|
CEI
|
NIMD6302R2 |
HDPlus Dual N-Channel Self-Protected Field Effect Transistor with 1:200 Current Sense FET HDPlus Dual N-Channe Self-protected Field Effect Transistors with 1:200 Current Mirror FET
|
ONSEMI[ON Semiconductor]
|
72V85L15PAG 72V81L15PAGI 72V81L20PAGI 72V82L15PAGI |
3.3 Volt CMOS DUAL ASYNCHRONOUS FIFO DUAL 512 x 9, DUAL 1,024 x 9 DUAL 2,048 x 9, DUAL 4,096 X 9 DUAL 8,192 X 9
|
Integrated Device Technology
|
IDT72V845L20PFI IDT72V845L20PF IDT72V845L15PFI IDT |
4K x 18 DualSync FIFO, 3.3V 3.3 VOLT CMOS DUAL SyncFIFO DUAL 256 x 18, DUAL 512 x 18, DUAL 1,024 x 18, DUAL 2,048 x 18 From old datasheet system 3.3 VOLT CMOS DUAL SyncFIFO DUAL 256 x 18 DUAL 512 x 18 DUAL 1024 x 18 DUAL 2048 x 18 2K x 18 DualSync FIFO, 3.3V 256 x 18 DualSync FIFO, 3.3V
|
IDT[Integrated Device Technology]
|
AAT4670IKS-B1 AAT4670IHS-T1 AAT4670IHS-B1 AAT4670I |
Low-Cost Molded VRS Sensor, 6,4 mm [0.250 in] Dual-Input Dual-Output Load Switches Dual-Input/ Dual-Output Load Switches Dual-Input, Dual-Output Load Switches
|
Advanced Analogic Technologies, Inc. ANALOGICTECH[Advanced Analogic Technologies]
|
DS1099U DS1099 DS1099U-F DS1099U-M DS1099U-G DS109 |
16 Hz, Low-frequency dual econ oscillator 8.187 kHz, Low-frequency dual econ oscillator 16.375 kHz, Low-frequency dual econ oscillator 32.750 kHz, Low-frequency dual econ oscillator Space-Saving, 8-Channel Relay/Load Driver Low-Frequency Dual EconOscillator 511.7 Hz, Low-frequency dual econ oscillator 255.8 Hz, Low-frequency dual econ oscillator 1 Hz, Low-frequency dual econ oscillator
|
Dallas Semiconducotr DALLAS[Dallas Semiconductor] MAXIM - Dallas Semiconductor
|
AD7237AACHIPS AD7247AACHIPS AD7237ATQ AD7237A-15 |
LC MOS Dual 12-Bit DACPORTs Dual 12-Bit Complete DAC with Double Buffered Byte Loading Dual 12-Bit DACPORT with Parallel Load 0.001UF(1000PF) 20% 1KV Y5V RAD DUAL, PARALLEL, 8 BITS INPUT LOADING, 5 us SETTLING TIME, 12-BIT DAC, CDIP24
|
Analog Devices, Inc.
|
IDT72V845L15PF IDT72V845L20PF IDT72V805L15PFI IDT7 |
15MBaud CMOS logic optocoupler. Dual channel SOIC-8; Package: SOIC-W; No of Pins: 8; Container: Box 15MBaud CMOS logic optocoupler. Dual channel SOIC-8; Package: SOIC-W; No of Pins: 8; Container: Tape & Reel 8 Input, 6 Output Video Switch Matrix with Output Drivers; Package: TSSOP; No of Pins: 24; Container: Rail 3.3 VOLT CMOS DUAL SyncFIFO DUAL 256 x 18, DUAL 512 x 18, DUAL 1,024 x 18, DUAL 2,048 x 18 3.3伏CMOS双SyncFIFO56 × 18,双512 × 18,双1,024 × 18,双2,048 × 18
|
Integrated Device Technology, Inc.
|
OMA2541SK OMA2541SKC OMA2541SD OMA2541SKB OMA2541S |
DUAL OP-AMP, 2000 uV OFFSET-MAX, 1.6 MHz BAND WIDTH, MBFM8 Dual Hi-Rel Operational Amplifier in a TO-3-8 package DUAL HIGH POWER OPERATIONAL AMPLIFIER
|
International Rectifier ETC[ETC] List of Unclassifed Manufacturers
|
IDT7015L17PFB IDT7015S17PFB IDT7015L12JB IDT7015S1 |
HIGH-SPEED 8K x 9 DUAL-PORT STATIC RAM 8K X 9 DUAL-PORT SRAM, 17 ns, PQCC68 HIGH-SPEED 8K x 9 DUAL-PORT STATIC RAM 高K的9双端口静态RAM HIGH-SPEED 8K x 9 DUAL-PORT STATIC RAM 8K X 9 DUAL-PORT SRAM, 15 ns, PQFP80 HIGH-SPEED 8K x 9 DUAL-PORT STATIC RAM 8K X 9 DUAL-PORT SRAM, 35 ns, PQFP80 LED/TAPE AND REEL OR BULK//YELLOW RIGHT ANGLE 8K X 9 DUAL-PORT SRAM, 35 ns, PQCC68 HIGH-SPEED 8K x 9 DUAL-PORT STATIC RAM 8K X 9 DUAL-PORT SRAM, 12 ns, PQFP80 HIGH-SPEED 8K x 9 DUAL-PORT STATIC RAM 8K X 9 DUAL-PORT SRAM, 15 ns, CPGA68 HIGH-SPEED 8K x 9 DUAL-PORT STATIC RAM 8K X 9 DUAL-PORT SRAM, 25 ns, PQFP80 HIGH-SPEED 8K x 9 DUAL-PORT STATIC RAM 8K X 9 DUAL-PORT SRAM, 12 ns, CPGA68
|
Integrated Device Technology, Inc.
|
IDT72805LB10BGI IDT72845LB20PFI IDT72835LB20PFI ID |
4K x 18 DualSync FIFO, 5.0V 2K x 18 DualSync FIFO, 5.0V 1K x 18 DualSync FIFO, 5.0V 256 x 18 DualSync FIFO, 5.0V 512 x 18 DualSync FIFO, 5.0V CMOS DUAL SyncFIFO DUAL 256 x 18, DUAL 512 x 18, DUAL 1,024 x 18, DUAL 2,048 x 18, and DUAL 4,096 x 18 512 X 18 BI-DIRECTIONAL FIFO, 6.5 ns, PQFP128 CMOS DUAL SyncFIFO DUAL 256 x 18, DUAL 512 x 18, DUAL 1,024 x 18, DUAL 2,048 x 18, and DUAL 4,096 x 18 2K X 18 BI-DIRECTIONAL FIFO, PBGA121 CMOS DUAL SyncFIFO DUAL 256 x 18, DUAL 512 x 18, DUAL 1,024 x 18, DUAL 2,048 x 18, and DUAL 4,096 x 18 1K X 18 BI-DIRECTIONAL FIFO, PBGA121 CMOS DUAL SyncFIFO DUAL 256 x 18, DUAL 512 x 18, DUAL 1,024 x 18, DUAL 2,048 x 18, and DUAL 4,096 x 18 512 X 18 BI-DIRECTIONAL FIFO, PBGA121 CMOS DUAL SyncFIFO DUAL 256 x 18, DUAL 512 x 18, DUAL 1,024 x 18, DUAL 2,048 x 18, and DUAL 4,096 x 18 2K X 18 BI-DIRECTIONAL FIFO, 6.5 ns, PQFP128 CMOS DUAL SyncFIFO DUAL 256 x 18, DUAL 512 x 18, DUAL 1,024 x 18, DUAL 2,048 x 18, and DUAL 4,096 x 18 CMOS双SyncFIFO56 × 18,双512 × 18,双1,024 × 18,双2,048 × 18,双4,096 × 18 CMOS DUAL SyncFIFO DUAL 256 x 18, DUAL 512 x 18, DUAL 1,024 x 18, DUAL 2,048 x 18, and DUAL 4,096 x 18
|
Integrated Device Technolog... IDT Integrated Device Technology, Inc. Integrated Device Techn...
|
|