PART |
Description |
Maker |
TC642B TC646B TC649B TC648B TC647B |
The TC642B is a new version of the existing TC642 fan speed controller. This device is a switch mode fan speed controller, which incorporates a new fan auto restart function. Temperature proportional speed control is accomplished using pul The TC646B is a new version of the existing TC646 fan speed controller. This device is a switch mode fan speed controller, which incorporates a new fan auto restart function. Temperature proportional speed control is accomplished using pul The TC649B is a new version of the existing TC649 fan speed controller. This device is a switch mode fan speed controller, which incorporates a new fan auto restart function. Temperature proportional speed control is accomplished using pul The TC648B is a new version of the existing TC648 fan speed controller. This device is a switch mode fan speed controller, which incorporates a new fan auto restart function. Temperature proportional speed control is accomplished using pul The TC647B is a new version of the existing TC647 fan speed controller. This device is a switch mode fan speed controller, which incorporates a new fan auto restart function. Temperature proportional speed control is accomplished using pul
|
Microchip
|
SWG50210 SWG50810 |
ONE PHASE CONTROLLER WITH PROPORTIONAL CONTROL 0 - 10V
|
celduc-relais
|
DCH3053N1 DCH3053P1 |
Input-Output Proportional 0-30kV DC-DC HV Power Supply
|
High Voltage Power Solutions, Inc.
|
HFPRO7VFF1O HFPRO7VFF8O HFPRO7VAF1O HFPRO7VAF8O HF |
High flow proportional solenoid valve High flow proportional solenoid valve
|
Sensortechnics GmbH
|
MDPRO4VCP1O MDPRO5VCP1O MDPRO6VCP1O MDPRO4VCP1S MD |
Normally closed proportional solenoid valve
|
Sensortechnics GmbH
|
FAN5038 FAN5038M FAN5038MX |
Current-Mode SMPS Controller SWITCHING CONTROLLER, PDSO16 Dual Voltage Controller for DSP Power
|
Fairchild Semiconductor, Corp. FAIRCHILD[Fairchild Semiconductor]
|
W83C554F |
W83C554F Highly Integrated System I/O Controller for Power PC TM (South Bridge) & UltraDMA/33 IDE Controller QFP 208 SYSTEM I/O CONTROLLER WITH PCI ARBITER & UltraDMA/33 IDE Controller
|
WINBOND[Winbond]
|
LX1693 LX1693CLQ |
CCFL Backlight Controller IC; FLUORESCENT LIGHT CONTROLLER, QCC28 High Performance CCFL Controller w/ALS
|
Microsemi Corporation
|
NCS1002 NCS1002DR2G |
CV/CC Secondary Controller SWITCHING CONTROLLER, PDSO8 Constant Voltage / Constant Current SecondarySide Controller
|
ON Semiconductor
|
MAX1745 MAX1745AUB MAX1745EUB MAX1744 MAX1744EUB M |
High-Voltage, Step-Down DC-DC Controller in uMAX High-Voltage, Step-Down DC-DC Controller in レMAX High-Voltage, Step-Down DC-DC Controller in ??AX High-Voltage Step-Down DC-DC Controller in MAX Replaced by TMS320C6410 : Digital Signal Processor 40-PDIP 0 to 70 High-Voltage, Step-Down DC-DC Controller in MAX SWITCHING CONTROLLER, 330 kHz SWITCHING FREQ-MAX, PDSO10 High-Voltage, Step-Down DC-DC Controller in µMAX SWITCHING CONTROLLER, 330 kHz SWITCHING FREQ-MAX, PDSO10 High-Voltage, Step-Down DC-DC Controller in MAX 高压、降压型DC-DC控制器,µMAX封装
|
MAXIM[Maxim Integrated Products] Maxim Integrated Products, Inc.
|
FAN4800CSNY FAN4800CSMY FAN4800ASNY FAN480001S FAN |
PFC PWM Controller Combo 0.5 A POWER FACTOR CONTROLLER WITH POST REGULATOR, 268 kHz SWITCHING FREQ-MAX, PDSO16 PFC/PWM Controller Combination
|
FAIRCHILD SEMICONDUCTOR CORP
|