PART |
Description |
Maker |
LT1993CUD-2TRPBF LT1993CUD-2PBF LT1993-2 |
700MHz Low Distortion, Low Noise Differential Amplifier/ADC Driver (AV = 10V/V); Package: QFN; No of Pins: 16; Temperature Range: 0°C to 70°C OP-AMP, 10000 uV OFFSET-MAX, PQCC16 800MHz Low Distortion, Low Noise Differential Amplifi er/ADC Driver (AV = 2V/V)
|
Linear Technology, Corp.
|
SSM2211_07 SSM2211 SSM2211CP-R2 SSM2211CP-REEL SSM |
Low Distortion, 1.5 W Audio Power Amplifier
|
AD[Analog Devices]
|
NCS2211MNTXG |
Low Distortion Audio Power Amplifier with Differential Output and Shutdown Mode 1 CHANNEL, AUDIO AMPLIFIER, DSO8
|
Rectron Semiconductor
|
MAX4475 MAX4475ASA MAX4475AUA MAX4475AUT-T MAX4476 |
SOT23, Low-Noise, Low-Distortion, Wide-Band, Rail-to-Rail Op Amps SOT23 / Low-Noise / Low-Distortion / Wide-Band / Rail-to-Rail Op Amps SOT23 Low-Noise Low-Distortion Wide-Band Rail-to-Rail Op Amps "SOT23, Low-Noise/Distortion, Wideband, Rail-to-Rail Op Amp" SOT23, Low-Noise, Low-Distortion, Wide-Band, Rail-to-Rail Op Amps DUAL OP-AMP, 750 uV OFFSET-MAX, 10 MHz BAND WIDTH, PDSO8
|
Maxim Integrated Produc... MAXIM - Dallas Semiconductor MAXIM[Maxim Integrated Products] Maxim Integrated Products, Inc. MAXIM INTEGRATED PRODUCTS INC
|
HSMP-4810 HSMP-3810 HSMP-3812 HSMP-3814 HSMP-3813 |
Surface Mount RF PIN Low Distortion Attenuator Diodes DEMO-HSMP38-XX · Demonstration Circuit Board HSMP-4810 · Low inductance PIN attenuator diode HSMP-481B · Low inductance PIN attenuator diode HSMP-381F · Low distortion PIN attenuator diode HSMP-3814 · Low distortion PIN attenuator diode HSMP-381C · Low distortion PIN attenuator diode HSMP-381E · Low distortion PIN attenuator diode HSMP-381B · Low distortion PIN attenuator diode HSMP-3813 · Low distortion PIN attenuator diode HSMP-3812 · Low distortion PIN attenuator diode HSMP-3810 · Low distortion PIN attenuator diode
|
http:// HP[Agilent(Hewlett-Packard)] Agilent (Hewlett-Packard)
|
ADA4841-1YRZ ADA4841-1YRZ-R7 ADA4841-1YRZ-RL ADA48 |
Low Power, Low Noise and Distortion, Rail-to-Rail Output Amplifier OP-AMP, 300 uV OFFSET-MAX, PDSO8
|
Analog Devices, Inc. ANALOG DEVICES INC
|
AD8652ARMZ-R2 AD8652ARZ-REEL7 AD8651AR-REEL7 |
50 MHz/ Precision/ Low Distortion/ Low Noise CMOS Amplifiers AB 26C 26#16 SKT RECP 50 MHz, Precision, Low Distortion, Low Noise CMOS Amplifiers OP-AMP, 1700 uV OFFSET-MAX, 50 MHz BAND WIDTH, PDSO8
|
Analog Devices, Inc.
|
LT1809IS8 LT1809CS8 LT1810 LT1810CS8 LT1810IMS8 |
Single/Dual 180MHz, 350V/µs Rail-to-Rail Input and Output Low Distortion Op Amps; Package: MSOP; No of Pins: 8; Temperature Range: -40°C to 85°C Single/Dual 180MHz, 350V/ms Rail-to-Rail Input and Output Low Distortion Op Amps
|
LINEAR TECHNOLOGY CORP
|
ADA4857-2YCP-EBZ |
Ultralow Distortion, Low Power, Low Noise, High Speed Op Amp
|
Analog Devices
|
LTC6400-8 LTC6400CUD-8-PBF LTC6400CUD-8-TRPBF LTC6 |
2.4GHz Low Noise, Low Distortion Differential ADC Driver for 300MHz IF; Package: QFN; No of Pins: 16; Temperature Range: 0°C to 70°C 1-CH 16-BIT PROPRIETARY METHOD ADC, PARALLEL ACCESS, PQCC16 2.4GHz Low Noise, Low Distortion Differential ADC Driver for 300MHz IF; Package: QFN; No of Pins: 16; Temperature Range: -40°C to 85°C 1-CH 16-BIT PROPRIETARY METHOD ADC, PARALLEL ACCESS, PQCC16 2.2GHz Low Noise, Low Distortion Differential ADC Driver for DC-300MHz
|
Linear Technology, Corp.
|
KH207AK/AM/HXC/HXA KH207AI KH207AM KH207HXA KH207H |
Low Distortion Wideband Op Amp
|
Cadeka Microcircuits LLC.
|
KH207 |
Low Distortion Wideband Op Amp From old datasheet system
|
Fairchild Semiconductor Corporation FAIRCHILD[Fairchild Semiconductor]
|