PART |
Description |
Maker |
MX25L12845EMI-10G MX25L12845E |
128M-BIT [x 1/x 2/x 4] CMOS MXSMIO (SERIAL MULTI I/O) FLASH MEMORY
|
Macronix International
|
MX25L12875FMI10G MX25L12875FMI-10G MX25L12875FM2I- |
3V 128M-BIT [x 1/x 2/x 4] CMOS MXSMIO (SERIAL MULTI I/O) FLASH MEMORY DATASHEET
|
Macronix International
|
CAT1026LI-45-GT3 CAT1026LI-45T3 CAT25C04LI-1.8TE13 |
Dual Voltage Supervisory Circuits with I2C Serial 2k-bit CMOS EEPROM 1K/2K/4K SPI Serial CMOS EEPROM 16K-Bit CMOS PARALLEL EEPROM 64K-Bit CMOS PARALLEL EEPROM 512K-Bit CMOS Flash Memory 32K/64K-Bit SPI Serial CMOS EEPROM 1 Megabit CMOS Flash Memory 512K-Bit CMOS PARALLEL EEPROM 1 Megabit CMOS Boot Block Flash Memory 256K-Bit CMOS PARALLEL EEPROM Supervisory Circuits with I2C Serial CMOS EEPROM, Precision Reset Controller and Watchdog Timer Precision, Adjustable Shunt Regulator Supervisory Circuits with I2C Serial Serial CMOS EEPROM, Precision Reset Controller and Watchdog Timer 128K/256K-Bit SPI Serial CMOS EEPROM 16K-Bit Serial EEPROM, Cascadable
|
CATALYST[Catalyst Semiconductor]
|
FM25C040 FM25C040U FM25C040UE FM25C040UV |
CONN,HEADER,2X8,AV,.100 4K的位SPI⑩的CMOS EEPROM的串行接 4K-Bit SPI⑩ Interface Serial CMOS EEPROM 4K-Bit SPI Interface Serial CMOS EEPROM From old datasheet system 4K-Bit SPI?/a> Interface Serial CMOS EEPROM
|
Fairchild Semiconductor, Corp. FAIRCHILD[Fairchild Semiconductor] http://
|
W25Q80BVBIG W25Q80BVCIP W25Q80BVCIG W25Q80BVEIG W2 |
3V 128M-BIT SERIAL FLASH MEMORY WITH DUAL AND QUAD SPI
|
Winbond
|
IS24C02A-2ZI IS24C04A-2PI |
1K-bit/2K-bit/4K-bit/8K-bit/16K-bit 2-WIRE SERIAL CMOS EEPROM 256 X 8 I2C/2-WIRE SERIAL EEPROM, PDSO8 1K-bit/2K-bit/4K-bit/8K-bit/16K-bit 2-WIRE SERIAL CMOS EEPROM 512 X 8 I2C/2-WIRE SERIAL EEPROM, PDIP8
|
Integrated Silicon Solution, Inc.
|
MAX17605 MAX17601 MAX17603 MAX17600 MAX17602 CAT24 |
4A Sink /Source Current, 12ns, Dual MOSFET Drivers 2K/4K-Bit Serial EEPROM with Partial Array Write Protection 2K/4K-Bit偏串行EEPROM阵列写保 1K/2K/4K/8K/16K SPI Serial CMOS EEPROM 1K/2K/4K/8K/16K SPI 串行 互补型金属氧化物 电可擦可编程只读存储 The CAT24FC02 is a 2-kb Serial CMOS EEPROM internally organized as 256 words of 8 bits each 该CAT24FC02是一 KB的EEPROM的国56位每字举办的串行CMOS The CAT24FC02 is a 2-kb Serial CMOS EEPROM internally organized as 256 words of 8 bits each 该CAT24FC02是一 KB的EEPROM的国568位每字举办的串行CMOS 16K-Bit Microwire Serial EEPROM 16K的位微型导线串行EEPROM 64K 8K x 8 Battery-Voltage CMOS E2PROM 64K8K的8电池电压的CMOS E2PROM
|
Maxim Integrated Products Atmel, Corp. ON Semiconductor TE Connectivity, Ltd.
|
IS24C01B-2ZLI IS24C02B-2PLI |
1K-bit/2K-bit 2-WIRE SERIAL CMOS EEPROM 128 X 8 I2C/2-WIRE SERIAL EEPROM, PDSO8 1K-bit/2K-bit 2-WIRE SERIAL CMOS EEPROM 256 X 8 I2C/2-WIRE SERIAL EEPROM, PDIP8
|
Integrated Silicon Solution, Inc.
|
MBM29XL12DF-70 MBM29XL12DF-80 |
PAGE MODE FLASH MEMORY CMOS 128M BIT 页面模式闪存的CMOS 128M的钻
|
Fujitsu, Ltd. Fujitsu Component Limited.
|
K5P2880YCM |
Multi-Chip Package MEMORY 128M Bit 16Mx8 Nand Flash Memory / 8M Bit 1Mx8/512Kx16 Full CMOS SRAM
|
Samsung Electronic SAMSUNG[Samsung semiconductor]
|