PART |
Description |
Maker |
MAX1976 MAX1976ETT MAX1976EZT MAX1963 MAX1963ETT M |
0.75 V, low-input-voltage, 300 mA LDO regulator with RESET 2.50 V, low-input-voltage, 300 mA LDO regulator with RESET Low-Input-Voltage, 300mA LDO Regulators with RESET-bar in SOT and TDFN Low-Input-Voltage / 300mA LDO Regulators with RESETin SOT and TDFN Low-Input-Voltage, 300mA LDO Regulators with RESETin SOT and TDFN 低输入电压,300mA的LDORESETin SOT和TDFN封装稳压 1.2 V, low-input-voltage, 300 mA LDO regulator with RESET 3.0 V, low-input-voltage, 300 mA LDO regulator with RESET 2.5 V, low-input-voltage, 300 mA LDO regulator with RESET 2.85 V, low-input-voltage, 300 mA LDO regulator with RESET 1.0 V, low-input-voltage, 300 mA LDO regulator with RESET
|
MAXIM - Dallas Semiconductor MAXIM[Maxim Integrated Products] Maxim Integrated Products, Inc.
|
M62009FP M62009L M62009P |
LOW POWER 2 OUTPUT SYSTEM RESET IC WITH EXTERNAL INPUT
|
MITSUBISHI[Mitsubishi Electric Semiconductor]
|
2VA12U10-5 2E12R10-5 2PC5R9 2VI5U9 2VP12U9 2VP5U9 |
Low-Power, Single-/Dual-Level Battery Monitors with Hysteresis and Integrated µP Reset 5-Pin, Multiple-Input, Programmable Reset ICs 5-Pin µP Supervisory Circuits with Watchdog and Manual Reset Analog IC 模拟IC
|
Altech, Corp.
|
APX825A-23W6G-7 APX825A-44W6G-7 APX823-40W5G-7 APX |
Manual Reset Input, Active High or Low Output Reset Generator with Watchdog Timer Manual Reset Input, Active Low Output Reset Generator with Watchdog Timer
|
Diodes
|
MAX811 MAX811EUS-T MAX811-MAX812 MAX812EUS-T MAX81 |
Microprocessor voltage monitor with manual reset input. Reset threshold voltage 4.38V Hex D-type Flip-Flops With Clear 16-CDIP -55 to 125 4-Pin レP Voltage Monitors with Manual Reset Input 4-Pin P Voltage Monitors with Manual Reset Input
|
Maxim Integrated Products, Inc. MAXIM - Dallas Semiconductor
|
MAX792 MAX792CPE MAX792CSE MAX792EJE MAX792EPE MAX |
Microprocessor and non-volatile metory supervisory circuit. Reset threshold 4.62V. Reset and low-line threshold accuracy -2% Microprocessor and non-volatile metory supervisory circuit. Reset threshold 4.37V. Reset and low-line threshold accuracy -2% Microprocessor and non-volatile metory supervisory circuit. Reset threshold 2.61V. Reset and low-line threshold accuracy -2% Microprocessor Voltage Monitors with Programmable Voltage Detection Dual D-type Positive-Edge-Triggered Flip-Flops With Clear And Preset 14-CFP -55 to 125 微处理器和非挥发性内存监控电 Microprocessor and Non-Volatile Memory Supervisory Circuits From old datasheet system Microprocessor and non-volatile metory supervisory circuit. Reset threshold 3.06V. Reset and low-line threshold accuracy -2%
|
MAXIM - Dallas Semiconductor Maxim Integrated Products, Inc. MAXIM[Maxim Integrated Products]
|
ASM811SEUS ASM811TEUS ASM811 ASM812 ASM812TEUS ASM |
4 Pin P Voltage Supervisor with Manual Reset 1-CHANNEL POWER SUPPLY SUPPORT CKT, PDSO4 4 Pin P Voltage Supervisor with Manual Reset 4引脚P的电压监控,带有手动复位 4 Pin µP Voltage Supervisor with Manual Reset Low Power CPU Supervisors From old datasheet system 4.38 V, 4 pin mP supervisor with manual reset 2.93 V, 4 pin mP supervisor with manual reset 4 V, 4 pin mP supervisor with manual reset 3.08 V, 4 pin mP supervisor with manual reset 2.63 V, 4 pin mP supervisor with manual reset 4.63 V, 4 pin mP supervisor with manual reset
|
Alliance Semiconductor Corp... Alliance Semiconductor, Corp. ETC[ETC] ALSC[Alliance Semiconductor Corporation]
|
IMP1815 IMP1817 IMP1816 IMP1812 IMP1811 IMP1810 IM |
Low Poower, 5V µP Reset, Power Management Low Poower, 3.3V µP Reset, Power Management Lo Low P w Po ow wer er, 5V , 5V µ µP P Reset From old datasheet system
|
iMP
|
GM4275 GM4275TA5RG GM4275TC5RG |
WIDE INPUT RANGE 5V LOW DROPOUT REGULATOR WITH RESET FLAG
|
Gamma Microelectronics Inc.
|
24SM9D 12SM9D 24SM5D 28SM5D 12SM5D 12SM28D 5SM48D |
µP Voltage Monitor with Dual Over/Undervoltage Detection 3-Pin, Ultra-Low-Power SC70/SOT µP Reset Circuits 模拟IC Analog IC 模拟IC 5-Pin, Multiple-Input, Programmable Reset ICs 模拟IC
|
Glenair, Inc. HIROSE ELECTRIC Co., Ltd. CTS, Corp. Honeywell International, Inc.
|
MAX6711EXS-T MAX6712EXS-T MAX6711EXS-T10 MAX6712EX |
4-Pin SC70 Microprocessor Reset Circuits with Manual Reset Input
|
Maxim Integrated Produc... Maxim Integrated Products
|
ADM6823TYRJZ-RL7 ADM6823WYRJZ-RL7 ADM6823TYRJ-R7 A |
Low Voltage Supervisory Circuit with Watchdog, Manual Reset and Active-Low, Push-Pull Reset Output; Package: SOT-23; No of Pins: 5; Temperature Range: Industrial 1-CHANNEL POWER SUPPLY MANAGEMENT CKT, PDSO5 Low Voltage Supervisory Circuits with Watchdog and Manual Reset in 5-Lead SOT- Low Voltage Supervisory Circuits with Watchdog and Manual Reset in 5-Lead SOT-23
|
Analog Devices
|