PART |
Description |
Maker |
ISPLSI2064VL-100LB100 ISPLSI2064VL-100LJ44 ISPLSI2 |
2.5V In-System Programmable SuperFAST?High Density PLD 2.5V In-System Programmable SuperFAST?/a> High Density PLD 2.5V In-System Programmable SuperFAST⑩ High Density PLD 2.5V In-System Programmable SuperFAST High Density PLD Turns Counting Dial; Number of Turns:10; Knob/Dial Style:Round Skirted With Indicator Line; Body Material:Aluminum; Shaft Size:1/4; Color:Satin RoHS Compliant: Yes EE PLD, 10 ns, PQFP100 2.5V In-System Programmable SuperFASTHigh Density PLD EE PLD, 10 ns, PQFP100 2.5VIn-SystemProgrammableSuperFASTHighDensityPLD
|
LATTICE[Lattice Semiconductor] Lattice Semiconductor Corporation Lattice Semiconductor, Corp.
|
STP40N03L-20 4886 |
From old datasheet system N - CHANNEL ENHANCEMENT MODE ”ULTRA HIGH DENSITY” POWER MOS TRANSISTOR N - CHANNEL ENHANCEMENT MODE ULTRA HIGH DENSITY POWER MOS TRANSISTOR N - CHANNEL ENHANCEMENT MODE ”ULTRA HIGH DENSITY POWER MOS TRANSISTOR
|
ST Microelectronics STMicroelectronics
|
CBRHD-01 |
HIGH DENSITY 0.8 AMP DUAL IN LINE BRIDGE RECTIFIER
|
CENTRAL[Central Semiconductor Corp]
|
SET111411 SET111403 SET111412 SET111419 SET111404 |
High Density,High Current,3-Phase Full Wave Bridge Rectifier(????靛?400V,娓╁害55???骞冲??存??垫?45A,楂??搴?澶х?娴?涓???ㄦ尝妗ユ?娴??) High Density,High Current,3-Phase Full Wave Bridge Rectifier(????靛?1000V,娓╁害55???骞冲??存??垫?30A,楂??搴?澶х?娴?涓???ㄦ尝妗ユ?娴??) 3 PHASE, 30 A, SILICON, BRIDGE RECTIFIER DIODE High Density,High Current,3-Phase Full Wave Bridge Rectifier(????靛?150V,娓╁害55???骞冲??存??垫?45A,楂??搴?澶х?娴??涓???ㄦ尝妗ユ?娴??) High Density,High Current,3-Phase Full Wave Bridge Rectifier(反向电压1000V,温度55℃时平均整流电流45A,高密大电三相全波桥整流器) 高密度,大电3 -相全波桥式整流器(反向电000V的温5℃时平均整流电流45A条,高密度,大电流,三相全波桥整流器 HIGH CURRENT, 3-PHASE FULL WAVE BRIDGE ASSEMBLY
|
Semtech, Corp. Semtech Corporation
|
MAX306-MAX307 MAX307 MAX307CPI MAX307CWI MAX307EPI |
Precision, 16-Channel/Dual 8-Channel, High-Performance, CMOS Analog Multiplexers Precision 16-Channel/Dual 8-Channel High-Performance CMOS Analog Multiplexers Circular Connector; Body Material:Aluminum; Series:PT06; Number of Contacts:19; Connector Shell Size:14; Connecting Termination:Crimp; Circular Shell Style:Straight Plug; Circular Contact Gender:Pin; Insert Arrangement:14-19 Precision / 16-Channel/Dual 8-Channel / High-Performance / CMOS Analog Multiplexers Precision.16-Channel/Dual 8-Channel.High-Performance.CMOS Analog Multiplexers 高精度6通道/通道、高性能、CMOS模拟多路复用
|
MAXIM - Dallas Semiconductor MAXIM[Maxim Integrated Products] Maxim Integrated Products, Inc.
|
PM5366-PI PM5366 |
HIGH DENSITY 84/63 CHANNEL VT/TU MAPPER AND M13 MULTIPLEXER
|
PMC[PMC-Sierra, Inc]
|
IDT82P2828BH IDT82P2828BHG IDT82P2828 |
28( 1) Channel High-Density T1/E1/J1 Line Interface Unit
|
Integrated Device Technology
|
B8238Y190X2-045V4H-LE |
High-Density 1U dual-socket SMP server implementation for HPC applications
|
List of Unclassifed Man...
|
CBRHDSH1-40L |
HIGH DENSITY 1.0 AMP DUAL IN LINE LOW VF SCHOTTKY BRIDGE RECTIFIER
|
CENTRAL[Central Semiconductor Corp]
|