PART |
Description |
Maker |
CMRDM3590 |
SURFACE MOUNT DUAL N-CHANNEL ENHANCEMENT-MODE SILICON MOSFET 160 mA, 20 V, 2 CHANNEL, N-CHANNEL, Si, SMALL SIGNAL, MOSFET ROHS COMPLIANT PACKAGE-6
|
Central Semiconductor Corp Central Semiconductor, Corp.
|
TMC-4F20 |
VCSEL TO-46 metal can for gener al purpose
|
List of Unclassifed Manufacturers ETC
|
5LP01N |
Dual High Efficiency, Low Noise, Synchronous Step-Down Switching Regulators P-Channel Silicon MOSFET for Ultrahigh-Speed Switching Applications(超高速转换应用的P沟道硅MOSFET) P-Channel Silicon MOSFET Ultrahigh-Speed Switching Applications Pico MOSFET Series
|
Sanyo Electric Co.,Ltd. SANYO[Sanyo Semicon Device] Sanyo Semiconductor
|
2SJ594 2SJ594TP-FA |
TRANSISTOR | MOSFET | P-CHANNEL | 60V V(BR)DSS | 5A I(D) | TO-252VAR P-Channel Silicon MOSFET DC / DC Converter Applications
|
SANYO[Sanyo Semicon Device]
|
TEL-2C20 |
VCSEL for gener al purpose VCSEL for gener al purpose
|
List of Unclassifed Manufacturers List of Unclassifed Man...
|
EMH2602 |
3500 mA, 30 V, 2 CHANNEL, N AND P-CHANNEL, Si, SMALL SIGNAL, MOSFET N-Channel and P-Channel Silicon MOSFETs General-Purpose Switching Device
|
SANYO SEMICONDUCTOR CO LTD Sanyo Semicon Device
|
FW905 |
N-Channel and P-Channel Silicon MOSFETs General-Purpose Switching Device 7 A, 20 V, 0.024 ohm, 2 CHANNEL, N AND P-CHANNEL, Si, POWER, MOSFET
|
Sanyo Semicon Device SANYO SEMICONDUCTOR CO LTD
|
IRLZ24N-006 IRL530N-015PBF IRL530N-031PBF IRL2505- |
18 A, 55 V, 0.06 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB 15 A, 100 V, 0.1 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB 104 A, 55 V, 0.008 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB 120 A, 30 V, 0.006 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB 48 A, 100 V, 0.026 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB 39 A, 20 V, 0.02 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB 61 A, 20 V, 0.013 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB 56 A, 30 V, 0.014 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB 85 A, 20 V, 0.01 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB 100 A, 30 V, 0.007 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB 24 A, 30 V, 0.04 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB 27 A, 55 V, 0.035 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB 41 A, 55 V, 0.022 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB 48 A, 20 V, 0.016 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB 77 A, 55 V, 0.01 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB
|
Bourns, Inc. Vishay Intertechnology, Inc.
|
2SK3925-01 |
XTAL CER SMT 6X3.5 2PAD 34 A, 250 V, 0.11 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB N-CHANNEL SILICON POWER MOSFET
|
Fuji Electric Holdings Co., Ltd. FUJI[Fuji Electric]
|
2SK3591-01MR 2SK3591 |
N-CHANNEL SILICON POWER MOSFET 40 A, 150 V, 0.041 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB From old datasheet system
|
Fuji Electric Holdings Co., Ltd. FUJI[Fuji Electric]
|
CMLDM5757 |
SURFACE MOUNT DUAL P-CHANNEL ENHANCEMENT-MODE SILICON MOSFETS 430 mA, 20 V, 2 CHANNEL, P-CHANNEL, Si, SMALL SIGNAL, MOSFET
|
Central Semiconductor Corp
|
|