PART |
Description |
Maker |
CA82C37A-8ED CA82C37A-5ED CA82C37A-10CD CA82C37A-1 |
/- 15 kV ESD protected 5 V RS-232 transceiver 3.3 V powered, 15 kV ESD protected, up to 12 Mbps true RS-485/RS-422 transceiver DMA Controller 5 V powered multi-channel RS-232 drivers and receivers DMA控制
|
Linear Technology, Corp.
|
MAX3453E MAX3453EETE MAX3453EEUD MAX3454EETE MAX34 |
Single Full-Duplex LVDS Transceiver 14-TSSOP -40 to 85 LINE TRANSCEIVER, QCC16 ±15kV ESD-Protected USB Transceivers 【15kV ESD-Protected USB Transceivers ±15kV ESD-Protected USB Transceivers
|
Maxim Integrated Products, Inc. MAXIM[Maxim Integrated Products] MAXIM - Dallas Semiconductor
|
ADM3075EYRZ-REEL7 ADM3075EARZ-REEL7 ADM307EARZ-REE |
3.3 V, 5 kV ESD-Protected, Half- and Full-Duplex, RS-485/RS-422 Transceivers 3.3伏特,5千伏ESD保护,半和全双工,RS-485/RS-422收发 3.3 V, ??5 kV ESD-Protected, Half- and Full-Duplex, RS-485/RS-422 Transceivers
|
Analog Devices, Inc. ANALOG DEVICES INC
|
ST1480AC ST1480ACDR ST1480ACN ST1480ABDR |
3.3 V powered, 15 kV ESD protected, up to 12 Mbps true RS-485/RS-422 transceiver
|
STMicroelectronics
|
ADM2582E ADM2587E |
2.5 kV Signal and Power Isolated, ±15 kV ESD Protected, Full/Half Duplex RS-485 Transceiver (16Mbps) 2.5 kV Signal and Power Isolated, ±15 kV ESD Protected, Full/Half Duplex RS-485 Transceiver (500kbps)
|
Analog Devices
|
MAX3450E08 MAX3450EEUD MAX3451EEUD MAX3452EEUD MAX |
隆戮15kV ESD-Protected USB Transceivers 卤15kV ESD-Protected USB Transceivers ±15kV ESD-Protected USB Transceivers ±15kV ESD-Protected USB Transceivers LINE TRANSCEIVER, PDSO14
|
Maxim Integrated Produc... Maxim Integrated Products, Inc.
|
ISL8488E ISL8491E ISL8489EIB ISL8489EIB-T ISL8489E |
15kV ESD Protected, 5V, Low Power, High Speed, Full Duplex, RS-485/RS-422 Transceivers -15kV ESD Protected, 5V, Low Power, High Speed and Slew Rate Limited, Full Duplex, RS-485/RS-422 Transceivers 卤15kV ESD Protected, 5V, Low Power,
High Speed and Slew Rate Limited, Full
Duplex, RS-485/RS-422 Transceivers ±15kV ESD Protected, 5V, Low Power,
High Speed and Slew Rate Limited, Full
Duplex, RS-485/RS-422 Transceivers
|
INTERSIL[Intersil Corporation]
|
ADM2491E |
High Speed, ESD-Protected, Half-/Full-Duplex, iCoupler Isolated RS-485 Transceiver
|
Analog Devices
|
ADM2484E |
5 kV Signal Isolated, ESD Protected, 500 kbps, Full/Half Duplex RS-485 Transceiver
|
Analog Devices
|