PART |
Description |
Maker |
AD9354 |
WiMAX/WiBRO RF MxFEMISO Transceiver
|
Analog Devices
|
AD9861BCPRL-50 AD9861BCPRL-80 AD9861-80EB AD9861BC |
Mixed-Signal Front-End (MxFE? Baseband Transceiver for Broadband Applications 10-Bit Mixed-Signal Front-End (MxFE®)Processor; Package: LFCSP (9x9mm, 7.10 exposed pad); No of Pins: 64; Temperature Range: Industrial SPECIALTY TELECOM CIRCUIT, QCC64 Mixed-Signal Front-End (MxFE) Baseband Transceiver for Broadband Applications Mixed-Signal Front-End Baseband Transceiver for Broadband Applications
|
Analog Devices, Inc.
|
SL1222101-A SL1222101-B |
TRANS,WALL,24VDC/400mA,F2, 2.1mm x 5.5mm,UL 50/cs 电路保护热敏电阻 TRANS,WALL,24VDC/500mA,F1 2.1mmX5.5mm,UL TRANS,WALL,18VDC/1A,F2,2.5X5.5 ,2 PRNG AC,LIN NON-REG
|
Ametherm, Inc.
|
AD9863BCP-50 AD9863BCPRL-50 |
12-Bit Mixed-Signal Front-End (MxFE™ )Processor For Broadband Applications
|
Analog Devices
|
B39461-B5034-H810 |
WiMAX
|
EPCOS
|
B39461-B5032-H810 B50321 |
WiMAX
|
EPCOS
|
V62C1161024LL-85T V62C1161024L V62C1161024L-100T V |
TRANS PNP 100VCEO 5A TOP-3F 超低功4K的16 CMOS SRAM TRANS PNP 80VCEO 10A TOP-3F Ultra Low Power 64K x 16 CMOS SRAM
|
Mosel Vitelic, Corp. MOSEL[Mosel Vitelic, Corp] Mosel Vitelic Corp Mosel Vitelic Corp
|
2N2828 2N1647 |
Trans GP BJT NPN 15V 0.04A 4-Pin TO-72 Trans GP BJT NPN 50V 0.5A 3-Pin TO-39 Box
|
New Jersey Semiconductors
|
3600BP14M0600 |
3.3 - 3.7 GHz WiMAX BPF
|
Johanson Technology Inc.
|
BLF6G27LS-100 |
WiMAX power LDMOS transistor
|
NXP Semiconductors N.V.
|